Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1532AE-12 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF1532AE-12
Description  2nd Generation EE Complex Programmable Logic Devices
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1532AE-12 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF1532AE-12 Datasheet HTML 1Page - ATMEL Corporation ATF1532AE-12 Datasheet HTML 2Page - ATMEL Corporation ATF1532AE-12 Datasheet HTML 3Page - ATMEL Corporation ATF1532AE-12 Datasheet HTML 4Page - ATMEL Corporation ATF1532AE-12 Datasheet HTML 5Page - ATMEL Corporation ATF1532AE-12 Datasheet HTML 6Page - ATMEL Corporation ATF1532AE-12 Datasheet HTML 7Page - ATMEL Corporation ATF1532AE-12 Datasheet HTML 8Page - ATMEL Corporation ATF1532AE-12 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
5
ATF15xxAE Family
2398E–12/01
Figure 2. ATF15xxAE Family Macrocell with Enhanced Features In Red
Product Terms and
Select Mux
Within each macrocell are five product terms. Each product term may receive as its inputs any
combination of the signals from the switch matrix or regional foldback bus. The product term
select multiplexer (PTMUX) allocates the five product terms as needed to the macrocell logic
gates and control signals. The PTMUX programming is determined by the fitter software,
which selects the optimum macrocell configuration.
OR/XOR/
CASCADE Logic
Within a single macrocell, all the product terms can be routed to the OR gate, creating a 5-
input AND/OR sum term. With the addition of the CASIN from neighboring macrocells, this can
be expanded to as many as 40 product terms with little additional delay.
The macrocell’s XOR gate allows efficient implementation of compare and arithmetic func-
tions. One input to the XOR comes from the OR sum term. The other XOR input can be a
product term or a fixed high- or low-level. For combinatorial outputs, the fixed level input
allows polarity selection. For registered functions, the fixed levels allow DeMorgan minimiza-
tion of product terms. The XOR gate may be fed from the flip-flop output to emulate T- and JK-
type flip-flops, or fed to the buried feedback to synthesize an extra latch.
Foldback Bus
Each macrocell can also generate a foldback product term. This signal goes to the regional
bus and is available to the 16 macrocells in a given logic block. The foldback is an inverse
polarity of one of the macrocell’s product terms. Although Cascade Logic is the preferred
method for expanding the number of macrocell inputs to as many as 40, the 16 foldback terms
in each region can also generate additional fan-in sum terms with nominal additional delay.
REGIONAL
FOLDBACK
BUS
16
LOGIC
FOLDBACK
I/O Pin
3
GCK[0:2]
GCLEAR
CASOUT
D/T*/L
CE
AR
AP
Q
CASIN
I/O Pin
SLEW
RATE
OPEN
COLLECTOR
6
GOE[0:5]
Reduced Power Option
80
GLOBAL BUS
40
1
2
3
4
5
PT1
PT2
PT3
PT5
PT4
SWITCH
MATRIX
OUTPUTS
* T flip-flop synthesised
!Q
Q
!Q
CK/CK/LE
GOE
SWITCH
MATRIX
GOE [0:5]


Similar Part No. - ATF1532AE-12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1500A ATMEL-ATF1500A Datasheet
609Kb / 19P
   Highperformance EPLD
ATF1500A-10AC ATMEL-ATF1500A-10AC Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1500A-10AC ATMEL-ATF1500A-10AC Datasheet
609Kb / 19P
   Highperformance EPLD
ATF1500A-10AI ATMEL-ATF1500A-10AI Datasheet
680Kb / 16P
   High Performance E2 PLD
More results

Similar Description - ATF1532AE-12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
logo
STMicroelectronics
TS5070 STMICROELECTRONICS-TS5070 Datasheet
284Kb / 32P
   PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
logo
ATMEL Corporation
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com