Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1504AE-4 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATF1504AE-4
Description  2nd Generation EE Complex Programmable Logic Devices
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504AE-4 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATF1504AE-4 Datasheet HTML 5Page - ATMEL Corporation ATF1504AE-4 Datasheet HTML 6Page - ATMEL Corporation ATF1504AE-4 Datasheet HTML 7Page - ATMEL Corporation ATF1504AE-4 Datasheet HTML 8Page - ATMEL Corporation ATF1504AE-4 Datasheet HTML 9Page - ATMEL Corporation ATF1504AE-4 Datasheet HTML 10Page - ATMEL Corporation ATF1504AE-4 Datasheet HTML 11Page - ATMEL Corporation ATF1504AE-4 Datasheet HTML 12Page - ATMEL Corporation ATF1504AE-4 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
9
ATF15xxAE Family
2398E–12/01
latches remain active to ensure that pins do not float to indeterminate levels, further reducing
system power. All pin transitions are ignored until the PD pin is brought low. When the power-
down feature is enabled for PD1 or PD2, that pin cannot be used as a logic input or output.
However, the pin’s macrocell may still be used to generate buried foldback and cascade logic
signals. The power-down option is selected in the design source file.
Power
Consumption
Estimates
An estimate of power consumption can be made based on typical designs and operation con-
ditions, but because it is sensitive to these factors, power consumption must be verified with
actual pattern and operation conditions. The equations given below are based on a pattern of
16-bit up/down counters in each logic block and may be used to estimate power consumption
for both operating modes.
Standby Power
1.
P
standby = Iccstandby x Vsupply
Where:
I
ccstandby = the standby current given for the particular device and standby mode (e.g., pin con-
trolled Power Down)
V
supply= the power supply voltage
Active Power
2.
P
active = Pinternal + Pload = Iccinternal x Vsupply + Pload
Where:
I
ccinternal = the internal current estimated from equation 3 below
V
supply= the power supply voltage
P
load = depends on the device output load capacitance and switching frequency on each out-
put pin.
P
load and additional power savings at low frequencies using Atmel Input Transition Detection
(“L” versions) can be estimated according to the methods discussed in the Atmel Application
Note “Saving Power with Atmel PLDs”
3.
I
ccinternal = [K1 x (MCinuse – MCreducedpower )] + (K2 x MCreducedpower) + (K3 x MCinuse x fop x
NS)
Where:
MC
reducedpower = the number of macrocells operating at reduced power (from fitter report file)
MC
inuse= the number of macrocells in use (from fitter report file. Unused macrocells are pow-
ered down.)
NS = the proportion of logic nodes switching (typically 10-20%)
f
op = the switching frequency
K
1, K2,and K3 = device constants given in the table below.
Note:
Shaded data is preliminary and subject to change without notice.
Device
K1
K2
K3
ATF1502AE
0.6
0.3
0.015
ATF1504AE
0.6
0.3
0.015
ATF1508AE
0.6
0.3
0.015
ATF1516AE
0.6
0.3
0.015
ATF1532AE
0.6
0.3
0.015


Similar Part No. - ATF1504AE-4

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504AS ATMEL-ATF1504AS Datasheet
462Kb / 21P
   High- Performance EE CPLD
ATF1504AS ATMEL-ATF1504AS Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF1504AS-10AC100 ATMEL-ATF1504AS-10AC100 Datasheet
462Kb / 21P
   High- Performance EE CPLD
ATF1504AS-10AC100 ATMEL-ATF1504AS-10AC100 Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504AS-10AC100 ATMEL-ATF1504AS-10AC100 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
More results

Similar Description - ATF1504AE-4

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
logo
STMicroelectronics
TS5070 STMICROELECTRONICS-TS5070 Datasheet
284Kb / 32P
   PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
logo
ATMEL Corporation
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com