Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFM105-MH Datasheet(PDF) 1 Page - Formosa MS

Part # HFM105-MH
Description  Chip Silicon Rectifier - Ultra fast recovery type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

HFM105-MH Datasheet(HTML) 1 Page - Formosa MS

  HFM105-MH Datasheet HTML 1Page - Formosa MS HFM105-MH Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip Silicon Rectifier
HFM101-MH THRU HFM107-MH
Ultra fast recovery type
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDECSOD-123H
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by c athode band
Mounting Position : Any
Weight : 0.0393 gram
(V)
(V)
(V)
(V)
(nS)
(
oC)
HFM101-MH
H1
50
35
50
HFM102-MH
H2
100
70
100
HFM103-MH
H3
200
140
200
HFM104-MH
H4
400
280
400
1.3
HFM105-MH
H5
600
420
600
HFM106-MH
H6
800
560
800
HFM107-MH
H7
1000
700
1000
SYMBOLS
MARKING
CODE
50
1.7
75
-55 to +150
Operating
temperature
VRRM
*1
VRMS
*2
VR
*3
VF
*4
TRR
*5
1.0
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
Ambient temperature = 50
oC
IO
1.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
25
A
VR = VRRM TA =
25
oC
5.0
uA
VR = VRRM TA = 100
oC
150
uA
Thermal resistance
Junction to ambient
RqJA
42
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
20
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
*5 Reverse recovery time
Formosa MS
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.055(1.4)
0.035(0.9)
0.028(0.7)
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
0.031(0.8) Typ.


Similar Part No. - HFM105-MH

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
HFM105-MH PACELEADER-HFM105-MH Datasheet
307Kb / 2P
   ULTRA FAST RECOVER TYPE
logo
Formosa MS
HFM105-MH1 FORMOSA-HFM105-MH1 Datasheet
58Kb / 7P
   Chip High Effciency Rectifiers
More results

Similar Description - HFM105-MH

ManufacturerPart #DatasheetDescription
logo
Formosa MS
HFM101-L FORMOSA-HFM101-L Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Ultra fast recovery type
HFM201-L FORMOSA-HFM201-L Datasheet
81Kb / 2P
   Chip Silicon Rectifier - Ultra fast recovery type
FFM201-L FORMOSA-FFM201-L Datasheet
71Kb / 2P
   Chip Silicon Rectifier - Fast recovery type
FFM101-L FORMOSA-FFM101-L Datasheet
71Kb / 2P
   Chip Silicon Rectifier Fast recovery type
HFM108 FORMOSA-HFM108 Datasheet
36Kb / 2P
   Chip Silicon Rectifier - Fast recovery type
FFM101-MH FORMOSA-FFM101-MH Datasheet
79Kb / 2P
   Chip Silicon Rectifier - Fast recovery type
FM4933 FORMOSA-FM4933 Datasheet
40Kb / 2P
   Chip Silicon Rectifier - Fast recovery type
SFM11-L FORMOSA-SFM11-L Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Super fast recovery type
SFM21-L FORMOSA-SFM21-L Datasheet
92Kb / 2P
   Chip Silicon Rectifier - Super fast recovery type
SFM11-MH FORMOSA-SFM11-MH Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Super fast recovery type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com