Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT125AM Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74VHCT125AM
Description  Quad Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT125AM Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHCT125AM Datasheet HTML 1Page - ON Semiconductor MC74VHCT125AM Datasheet HTML 2Page - ON Semiconductor MC74VHCT125AM Datasheet HTML 3Page - ON Semiconductor MC74VHCT125AM Datasheet HTML 4Page - ON Semiconductor MC74VHCT125AM Datasheet HTML 5Page - ON Semiconductor MC74VHCT125AM Datasheet HTML 6Page - ON Semiconductor MC74VHCT125AM Datasheet HTML 7Page - ON Semiconductor MC74VHCT125AM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74VHCT125A
http://onsemi.com
4
SWITCHING WAVEFORMS
Figure 1.
Figure 2.
Y
1.5V
1.5V
1.5V
3.0V
GND
HIGH
IMPEDANCE
VOL + 0.3V
VOH – 0.3V
Y
Y
OE
tPZL tPLZ
tPZH tPHZ
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3. Test Circuit
*Includes all probe and jig capacitance
Figure 4. Test Circuit
OUTPUT
TEST POINT
CL *
1 k
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
DEVICE
UNDER
TEST
HIGH
IMPEDANCE
1.5V
1.5V
3.0V
GND
tPLH
tPHL
A
VOH
VOL
MARKING DIAGRAMS
(Top View)
14–LEAD SOIC
D SUFFIX
CASE 751A
14–LEAD TSSOP
DT SUFFIX
CASE 948G
13
14
12
11
10
9
8
2
1
345
67
13
14
12 11 10
9
8
2
1
34567
14–LEAD SOIC EIAJ
M SUFFIX
CASE 965
13
14
12
11
10
9
8
2
1
345
67
VHCT125A
VHCT
AWLYWW*
125A
ALYW*
*See Applications Note #AND8004/D for date code and traceability information.
VHCT125A
AWLYWW*


Similar Part No. - MC74VHCT125AM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT125AMELG ONSEMI-MC74VHCT125AMELG Datasheet
143Kb / 8P
   Quad Bus Buffer with 3?뭆tate Control Inputs
May, 2011 ??Rev. 9
MC74VHCT125AMG ONSEMI-MC74VHCT125AMG Datasheet
143Kb / 8P
   Quad Bus Buffer with 3?뭆tate Control Inputs
May, 2011 ??Rev. 9
More results

Similar Description - MC74VHCT125AM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F Datasheet
243Kb / 7P
   QUAD BUS BUFFER
logo
ON Semiconductor
MC74VHC125 ONSEMI-MC74VHC125 Datasheet
164Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 2
MC74VHC126 ONSEMI-MC74VHC126 Datasheet
163Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 1
MC74VHCT126A ONSEMI-MC74VHCT126A_16 Datasheet
98Kb / 6P
   Quad Bus Buffer
October, 2016 ??Rev. 11
MC74LVX125 ONSEMI-MC74LVX125_14 Datasheet
110Kb / 6P
   Quad Bus Buffer
August, 2014 ??Rev. 4
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F_07 Datasheet
259Kb / 11P
   Quad Bus Buffer
TC74HC125AP TOSHIBA-TC74HC125AP_07 Datasheet
279Kb / 9P
   Quad Bus Buffer
TC74VHCT125AF TOSHIBA-TC74VHCT125AF_07 Datasheet
254Kb / 10P
   Quad Bus Buffer
TC74VHC125F TOSHIBA-TC74VHC125F_12 Datasheet
227Kb / 10P
   Quad Bus Buffer
logo
ON Semiconductor
MC74LVX125 ONSEMI-MC74LVX125_11 Datasheet
137Kb / 7P
   Quad Bus Buffer
May, 2011 ??Rev. 3
logo
Toshiba Semiconductor
TC74LVX125F TOSHIBA-TC74LVX125F Datasheet
250Kb / 8P
   QUAD BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com