Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3KP120C Datasheet(PDF) 3 Page - Formosa MS

Part # 3KP120C
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

3KP120C Datasheet(HTML) 3 Page - Formosa MS

  3KP120C Datasheet HTML 1Page - Formosa MS 3KP120C Datasheet HTML 2Page - Formosa MS 3KP120C Datasheet HTML 3Page - Formosa MS 3KP120C Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
DATE : DEC.05.2002
r
e
b
m
u
N
t
r
a
P
V RWM
V BR
I
@
T
IR @VRWM
VC @IPP
E
G
A
K
C
A
P
.
n
i
M
.
x
a
M
I T
-
I
N
U
-
I
B
V
V
V
A
m
A
u
A
u
V
A
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
0
3
)
C
(
3
4
P
K
3
3
4
8
.
7
4
5
.
0
6
0
.
1
5
5
7
.
6
7
2
.
9
3
0
0
6
-
P
A
)
C
(
3
4
P
K
3
3
4
8
.
7
4
9
.
4
5
0
.
1
5
5
4
.
9
6
2
.
3
4
0
0
6
-
P
)
C
(
5
4
P
K
3
5
4
0
.
0
5
3
.
3
6
0
.
1
5
5
3
.
0
8
4
.
7
3
0
0
6
-
P
A
)
C
(
5
4
P
K
3
5
4
0
.
0
5
5
.
7
5
0
.
1
5
5
7
.
2
7
2
.
1
4
0
0
6
-
P
)
C
(
8
4
P
K
3
8
4
3
.
3
5
5
.
7
6
0
.
1
5
5
5
.
5
8
0
.
5
3
0
0
6
-
P
A
)
C
(
8
4
P
K
3
8
4
3
.
3
5
3
.
1
6
0
.
1
5
5
4
.
7
7
8
.
8
3
0
0
6
-
P
)
C
(
1
5
P
K
3
1
5
7
.
6
5
8
.
1
7
0
.
1
5
5
1
.
1
9
0
.
7
3
0
0
6
-
P
A
)
C
(
1
5
P
K
3
1
5
7
.
6
5
2
.
5
6
0
.
1
5
5
4
.
2
8
4
.
6
3
0
0
6
-
P
)
C
(
4
5
P
K
3
4
5
0
.
0
6
0
.
6
7
0
.
1
5
5
3
.
6
9
2
.
1
3
0
0
6
-
P
A
)
C
(
4
5
P
K
3
4
5
0
.
0
6
0
.
9
6
0
.
1
5
5
1
.
7
8
4
.
4
3
0
0
6
-
P
)
C
(
8
5
P
K
3
8
5
4
.
4
6
6
.
1
8
0
.
1
5
5
3
0
1
2
.
9
2
0
0
6
-
P
A
)
C
(
8
5
P
K
3
8
5
4
.
4
6
1
.
4
7
0
.
1
5
5
6
.
3
9
0
.
2
3
0
0
6
-
P
)
C
(
0
6
P
K
3
0
6
7
.
6
6
5
.
4
8
0
.
1
5
5
7
0
1
0
.
8
2
0
0
6
-
P
A
)
C
(
0
6
P
K
3
0
6
7
.
6
6
7
.
6
7
0
.
1
5
5
8
.
6
9
0
.
1
3
0
0
6
-
P
)
C
(
4
6
P
K
3
4
6
1
.
1
7
1
.
0
9
0
.
1
5
5
4
1
1
4
.
6
2
0
0
6
-
P
A
)
C
(
4
6
P
K
3
4
6
1
.
1
7
8
.
1
8
0
.
1
5
5
3
0
1
2
.
9
2
0
0
6
-
P
)
C
(
0
7
P
K
3
0
7
8
.
7
7
6
.
8
9
0
.
1
5
5
5
2
1
0
.
4
2
0
0
6
-
P
A
)
C
(
0
7
P
K
3
0
7
8
.
7
7
5
.
9
8
0
.
1
5
5
3
1
1
6
.
6
2
0
0
6
-
P
)
C
(
5
7
P
K
3
5
7
3
.
3
8
7
.
5
0
1
0
.
1
5
5
4
3
1
4
.
2
2
0
0
6
-
P
A
)
C
(
5
7
P
K
3
5
7
3
.
3
8
8
.
5
9
0
.
1
5
5
1
2
1
8
.
4
2
0
0
6
-
P
)
C
(
8
7
P
K
3
8
7
7
.
6
8
8
.
9
0
1
0
.
1
5
5
9
3
1
6
.
1
2
0
0
6
-
P
A
)
C
(
8
7
P
K
3
8
7
7
.
6
8
7
.
9
9
0
.
1
5
5
6
2
1
8
.
2
2
0
0
6
-
P
)
C
(
5
8
P
K
3
5
8
4
.
4
9
2
.
9
1
1
0
.
1
5
5
1
5
1
8
.
9
1
0
0
6
-
P
A
)
C
(
5
8
P
K
3
5
8
4
.
4
9
2
.
8
0
1
0
.
1
5
5
7
3
1
8
.
0
2
0
0
6
-
P
)
C
(
0
9
P
K
3
0
9
0
0
1
5
.
6
2
1
0
.
1
5
5
0
6
1
8
.
8
1
0
0
6
-
P
A
)
C
(
0
9
P
K
3
0
9
0
0
1
5
.
5
1
1
0
.
1
5
5
6
4
1
6
.
0
2
0
0
6
-
P
)
C
(
0
0
1
P
K
3
0
0
1
1
1
1
0
.
1
4
1
0
.
1
5
5
9
7
1
6
.
6
1
0
0
6
-
P
A
)
C
(
0
0
1
P
K
3
0
0
1
1
1
1
0
.
8
2
1
0
.
1
5
5
2
6
1
6
.
8
1
0
0
6
-
P
)
C
(
0
1
1
P
K
3
0
1
1
2
2
1
5
.
4
5
1
0
.
1
5
5
6
9
1
4
.
5
1
0
0
6
-
P
A
)
C
(
0
1
1
P
K
3
0
1
1
2
2
1
5
.
0
4
1
0
.
1
5
5
7
7
1
8
.
6
1
0
0
6
-
P
)
C
(
0
2
1
P
K
3
0
2
1
3
3
1
0
.
9
6
1
0
.
1
5
5
4
1
2
0
.
4
1
0
0
6
-
P
A
)
C
(
0
2
1
P
K
3
0
2
1
3
3
1
0
.
3
5
1
0
.
1
5
5
3
9
1
6
.
5
1
0
0
6
-
P
)
C
(
0
3
1
P
K
3
0
3
1
4
4
1
5
.
2
8
1
0
.
1
5
5
1
3
2
0
.
3
1
0
0
6
-
P
A
)
C
(
0
3
1
P
K
3
0
3
1
4
4
1
5
.
5
6
1
0
.
1
5
5
9
0
2
4
.
4
1
0
0
6
-
P
)
C
(
0
5
1
P
K
3
0
5
1
7
6
1
5
.
1
1
2
0
.
1
5
5
8
6
2
2
.
1
1
0
0
6
-
P
A
)
C
(
0
5
1
P
K
3
0
5
1
7
6
1
5
.
2
9
1
0
.
1
5
5
3
4
2
4
.
2
1
0
0
6
-
P
)
C
(
0
6
1
P
K
3
0
6
1
8
7
1
0
.
6
2
2
0
.
1
5
5
7
8
2
4
.
0
1
0
0
6
-
P
A
)
C
(
0
6
1
P
K
3
0
6
1
8
7
1
0
.
5
0
2
0
.
1
5
5
9
5
2
6
.
1
1
0
0
6
-
P
)
C
(
0
7
1
P
K
3
0
7
1
9
8
1
5
.
9
3
2
0
.
1
5
5
4
0
3
8
.
9
0
0
6
-
P
A
)
C
(
0
7
1
P
K
3
0
7
1
9
8
1
5
.
7
1
2
0
.
1
5
5
5
7
2
0
.
1
1
0
0
6
-
P
)
C
(
0
8
1
P
K
3
0
8
1
8
9
1
8
.
3
5
2
0
.
1
5
5
2
2
3
3
.
9
0
0
6
-
P
A
)
C
(
0
8
1
P
K
3
0
8
1
8
9
1
4
.
0
3
2
0
.
1
5
5
2
9
2
3
.
0
1
0
0
6
-
P
)
C
(
0
9
1
P
K
3
0
9
1
9
0
2
9
.
7
6
2
0
.
1
5
5
0
4
3
8
.
8
0
0
6
-
P
A
)
C
(
0
9
1
P
K
3
0
9
1
9
0
2
2
.
3
4
2
0
.
1
5
5
8
0
3
7
.
9
0
0
6
-
P
)
C
(
0
0
2
P
K
3
0
0
2
0
2
2
0
.
2
8
2
0
.
1
5
5
8
5
3
4
.
8
0
0
6
-
P
A
)
C
(
0
0
2
P
K
3
0
0
2
0
2
2
0
.
6
5
2
0
.
1
5
5
4
2
3
3
.
9
0
0
6
-
P
)
C
(
0
1
2
P
K
3
0
1
2
1
3
2
1
.
6
9
2
0
.
1
5
5
6
7
3
8
.
7
0
0
6
-
P
A
)
C
(
0
1
2
P
K
3
0
1
2
1
3
2
8
.
8
6
2
0
.
1
5
5
0
4
3
8
.
8
0
0
6
-
P
)
C
(
0
2
2
P
K
3
0
2
2
2
4
2
2
.
0
1
3
0
.
1
5
5
4
9
3
6
.
7
0
0
6
-
P
A
)
C
(
0
2
2
P
K
3
0
2
2
2
4
2
6
.
1
8
2
0
.
1
5
5
6
5
3
4
.
8
0
0
6
-
P


Similar Part No. - 3KP120C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP120C PANJIT-3KP120C Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Surge Components
3KP120C SURGE-3KP120C Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Won-Top Electronics
3KP120C WTE-3KP120C Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
3KP120C WTE-3KP120C Datasheet
82Kb / 6P
   3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
3KP120C CHENG-YI-3KP120C Datasheet
139Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3KP120C

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
DB Lectro Inc
3KP DBLECTRO-3KP Datasheet
149Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
logo
Pan Jit International I...
15KP PANJIT-15KP Datasheet
63Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power)
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
StarHope
3KP SPSEMI-3KP Datasheet
429Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
logo
List of Unclassifed Man...
1N6373 ETC-1N6373 Datasheet
139Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power
logo
MDE Semiconductor, Inc.
ICTE5.0 MDE-ICTE5.0 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power
logo
DB Lectro Inc
5KP DBLECTRO-5KP Datasheet
146Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power
logo
Leshan Radio Company
SA5.0 LRC-SA5.0 Datasheet
189Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com