Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG3005EH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMEG3005EH
Description  0.5 A very low VF MEGA Schottky barrier rectifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3005EH Datasheet(HTML) 4 Page - NXP Semiconductors

  PMEG3005EH Datasheet HTML 1Page - NXP Semiconductors PMEG3005EH Datasheet HTML 2Page - NXP Semiconductors PMEG3005EH Datasheet HTML 3Page - NXP Semiconductors PMEG3005EH Datasheet HTML 4Page - NXP Semiconductors PMEG3005EH Datasheet HTML 5Page - NXP Semiconductors PMEG3005EH Datasheet HTML 6Page - NXP Semiconductors PMEG3005EH Datasheet HTML 7Page - NXP Semiconductors PMEG3005EH Datasheet HTML 8Page - NXP Semiconductors PMEG3005EH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
9397 750 14515
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 12 April 2005
4 of 13
Philips Semiconductors
PMEGxx05EH/EJ series
0.5 A very low VF MEGA Schottky barrier rectifiers
6.
Thermal characteristics
[1]
Schottky barrier diodes thermal run-away has to be considered, as in some applications the reverse power
losses PR are a significant part of the total power losses. Nomograms for determining the reverse power
losses PR and IF(AV) rating will be available on request.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
Table 7:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
[1] [2]
SOD123F
-
-
330
K/W
SOD323F
-
-
350
K/W
[1] [3] -
-
150
K/W
Rth(j-sp)
thermal resistance from junction
to solder point
SOD123F
-
-
60
K/W
SOD323F
-
-
55
K/W


Similar Part No. - PMEG3005EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3005EH PHILIPS-PMEG3005EH Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PMEG3005EH NXP-PMEG3005EH Datasheet
139Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-13 January 2010
logo
Nexperia B.V. All right...
PMEG3005EH NEXPERIA-PMEG3005EH Datasheet
211Kb / 8P
   30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG3005EH NEXPERIA-PMEG3005EH Datasheet
710Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 13 January 2010
PMEG3005EH-Q NEXPERIA-PMEG3005EH-Q Datasheet
185Kb / 10P
   30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
25 August 2021
More results

Similar Description - PMEG3005EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3005EB NXP-PMEG3005EB Datasheet
71Kb / 10P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-29 November 2006
PMEGXX05EH NXP-PMEGXX05EH Datasheet
139Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-13 January 2010
PMEG3005EB PHILIPS-PMEG3005EB_15 Datasheet
71Kb / 10P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-29 November 2006
logo
Nexperia B.V. All right...
PMEGXX05EH NEXPERIA-PMEGXX05EH Datasheet
710Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 13 January 2010
PMEG3005EB NEXPERIA-PMEG3005EB Datasheet
182Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
PMEG3005EL NEXPERIA-PMEG3005EL Datasheet
185Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
PMEGXX05ET_SER NEXPERIA-PMEGXX05ET_SER Datasheet
720Kb / 12P
   0.5 A very low VF MEGA Schottky barrier rectifiers in SOT23 package
Rev. 02 - 13 January 2010
logo
NXP Semiconductors
PMEG2005ET NXP-PMEG2005ET_10 Datasheet
131Kb / 12P
   0.5 A very low VF MEGA Schottky barrier rectifiers in SOT23 package
Rev. 02-13 January 2010
PMEG2005AEV PHILIPS-PMEG2005AEV Datasheet
71Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEA PHILIPS-PMEG2005AEA_15 Datasheet
311Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com