Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT125ADT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74VHCT125ADT
Description  Quad Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT125ADT Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHCT125ADT Datasheet HTML 1Page - ON Semiconductor MC74VHCT125ADT Datasheet HTML 2Page - ON Semiconductor MC74VHCT125ADT Datasheet HTML 3Page - ON Semiconductor MC74VHCT125ADT Datasheet HTML 4Page - ON Semiconductor MC74VHCT125ADT Datasheet HTML 5Page - ON Semiconductor MC74VHCT125ADT Datasheet HTML 6Page - ON Semiconductor MC74VHCT125ADT Datasheet HTML 7Page - ON Semiconductor MC74VHCT125ADT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
April, 2000 – Rev. 1
1
Publication Order Number:
MC74VHCT125A/D
MC74VHCT125A
Quad Bus Buffer
with 3–State Control Inputs
The MC74VHCT125A is a high speed CMOS quad bus buffer
fabricated with silicon gate CMOS technology. It achieves high speed
operation similar to equivalent Bipolar Schottky TTL while
maintaining CMOS low power dissipation.
The MC74VHCT125A requires the 3–state control input (OE) to be
set High to place the output into the high impedance state.
The VHCT inputs are compatible with TTL levels. This device can
be used as a level converter for interfacing 3.3V to 5.0V, because it has
full 5V CMOS level output swings.
The VHCT125A input structures provide protection when voltages
between 0V and 5.5V are applied, regardless of the supply voltage.
The output structures also provide protection when VCC = 0V. These
input and output structures help prevent device destruction caused by
supply voltage – input/output voltage mismatch, battery backup, hot
insertion, etc.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output. The
inputs tolerate voltages up to 7V, allowing the interface of 5V systems
to 3V systems.
High Speed: tPD = 3.8ns (Typ) at VCC = 5V
Low Power Dissipation: ICC = 4µA (Max) at TA = 25°C
TTL–Compatible Inputs: VIL = 0.8V; VIH = 2.0V
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Designed for 2V to 5.5V Operating Range
Low Noise: VOLP = 0.8V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300mA
ESD Performance: HBM > 2000V; Machine Model > 200V
Chip Complexity: 72 FETs or 18 Equivalent Gates
LOGIC DIAGRAM
Active–Low Output Enables
Y1
Y2
Y4
3
6
8
11
13
12
10
9
4
5
1
2
A1
OE1
A2
OE2
A3
OE3
A4
OE4
Y3
FUNCTION TABLE
VHCT125A
Inputs
Output
AOE
Y
HL
H
LL
L
XH
Z
14–LEAD SOIC
D SUFFIX
CASE 751A
http://onsemi.com
14–LEAD TSSOP
DT SUFFIX
CASE 948G
PIN CONNECTION AND
MARKING DIAGRAM (Top View)
Device
Package
Shipping
ORDERING INFORMATION
MC74VHCT125AD
SOIC
55 Units/Rail
MC74VHCT125ADT
TSSOP
96 Units/Rail
14–LEAD SOIC EIAJ
M SUFFIX
CASE 965
MC74VHCT125AM
SOIC EIAJ
50 Units/Rail
For detailed package marking information, see the Marking
Diagram section on page 4 of this data sheet.
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OE3
Y4
A4
OE4
VCC
Y3
A3
OE2
Y1
A1
OE1
GND
Y2
A2


Similar Part No. - MC74VHCT125ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT125ADTRG ONSEMI-MC74VHCT125ADTRG Datasheet
143Kb / 8P
   Quad Bus Buffer with 3?뭆tate Control Inputs
May, 2011 ??Rev. 9
MC74VHCT125ADTRG ONSEMI-MC74VHCT125ADTRG Datasheet
139Kb / 7P
   Quad Bus Buffer
June, 2015 ??Rev. 11
More results

Similar Description - MC74VHCT125ADT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F Datasheet
243Kb / 7P
   QUAD BUS BUFFER
logo
ON Semiconductor
MC74VHC125 ONSEMI-MC74VHC125 Datasheet
164Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 2
MC74VHC126 ONSEMI-MC74VHC126 Datasheet
163Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 1
MC74VHCT126A ONSEMI-MC74VHCT126A_16 Datasheet
98Kb / 6P
   Quad Bus Buffer
October, 2016 ??Rev. 11
MC74LVX125 ONSEMI-MC74LVX125_14 Datasheet
110Kb / 6P
   Quad Bus Buffer
August, 2014 ??Rev. 4
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F_07 Datasheet
259Kb / 11P
   Quad Bus Buffer
TC74HC125AP TOSHIBA-TC74HC125AP_07 Datasheet
279Kb / 9P
   Quad Bus Buffer
TC74VHCT125AF TOSHIBA-TC74VHCT125AF_07 Datasheet
254Kb / 10P
   Quad Bus Buffer
TC74VHC125F TOSHIBA-TC74VHC125F_12 Datasheet
227Kb / 10P
   Quad Bus Buffer
logo
ON Semiconductor
MC74LVX125 ONSEMI-MC74LVX125_11 Datasheet
137Kb / 7P
   Quad Bus Buffer
May, 2011 ??Rev. 3
logo
Toshiba Semiconductor
TC74LVX125F TOSHIBA-TC74LVX125F Datasheet
250Kb / 8P
   QUAD BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com