Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MMBT5550 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. MMBT5550
Description  NPN General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 2 page
background image
2
www.fairchildsemi.com
MMBT5550 Rev. A
Electrical Characteristics T
a = 25°C unless otherwise noted
Thermal Characteristics T
a=25°C unless otherwise noted
* Device mounted on FR-4 PCB 1.6"
× 1.6" × 0.06."
Package Marking and Ordering Information
Symbol
Parameter
Test Condition
Min.
Max.
Units
Small Signal Characteristics
fT
Current Gain Bandwidth Product
IC = 10mA, VCE = 10V,
f = 100MHz
50
MHz
Cobo
Output Capacitance
VCB = 10V, IE = 0, f = 1.0MHz
6.0
pF
Cibo
Input Capacitance
VBE = 0.5V, IC = 0, f = 1.0MHz
30
pF
Symbol
Parameter
Max.
Units
PD
Total Device Dissipation
Derate above 25
°C
350
2.8
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
1F
MMBT5550
SOT-23
7”
--
3,000




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC4617NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
MMBT4401NPN General Purpose Amplifier 1 2 3 Micro Commercial Components
NTE46Silicon NPN Transistor Darlington General Purpose Amplifier Preamp Driver 1 2 NTE Electronics
MPS6515NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
FFB5551Dual-Chip NPN General Purpose Amplifier 1 2 3 4 5 Fairchild Semiconductor
FMBM5551NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
HN1C01FUNPN EPITAXIAL TYPE AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor
2N3946NPN Small Signal General Purpose Amplifier & Switch 1 2 3 4 5 MoreFairchild Semiconductor
BC547NPN General Purpose Amplifier 1 2 Fairchild Semiconductor
BCW66GNPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl