Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1124B Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

Part # MM1124B
Description  Bass Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1124B Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp.

  MM1124B Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1124B Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1124B Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1124B Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1124B Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MITSUMI
Bass Amplifier MM1124
THROUGH distortion rate characteristics (VCC=9V, f=1kHz)
101
100
10-1
10-2
10
0
-10
-20
-30
(%)
Input level (dBm)
CH Crosstalk
101
102
103
104
105
-70
-60
-50
-40
-30
Rank A
Rank B
Rank C
Frequency (Hz)
(dB)


Similar Part No. - MM1124B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MM112 ETC2-MM112 Datasheet
495Kb / 1P
   Precision Film Resistors
logo
Mitsumi Electronics, Co...
MM1120 MITSUMI-MM1120 Datasheet
126Kb / 5P
   2-Input 2-Output Video Switch
More results

Similar Description - MM1124B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2650 SANYO-LA2650 Datasheet
319Kb / 13P
   Bass Boost IC
logo
New Japan Radio
NJM2106 NJRC-NJM2106 Datasheet
367Kb / 13P
   ACTIVE BASS EXPANDER
logo
Toshiba Semiconductor
TA2131FLG TOSHIBA-TA2131FLG Datasheet
438Kb / 21P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost
logo
Nippon Precision Circui...
SM5852FS NPC-SM5852FS Datasheet
98Kb / 12P
   Digital Dynamic Bass Boost LSI
logo
New Japan Radio
NJM2192A NJRC-NJM2192A Datasheet
160Kb / 16P
   SRS TruBass Bass Enhancement Processor
logo
rfsolutions.ltd
SP1 RFSOLUTIONS-SP1 Datasheet
729Kb / 2P
   Guitar or/and Bass Preamplifier
logo
Toshiba Semiconductor
TA2131FN TOSHIBA-TA2131FN Datasheet
280Kb / 19P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4 TI-TPA6010A4_07 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
logo
Toshiba Semiconductor
TA2131FL TOSHIBA-TA2131FL Datasheet
857Kb / 21P
   LOW CURRENT CONSUMPTION GEADPHONE AMPLIFIER FOR PORTABLE MD PLAYER (WITH BASS BOOST FUNCTION)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com