Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC47S422QFP Datasheet(PDF) 10 Page - SMSC Corporation

Part # LPC47S422QFP
Description  ENHANCED SUPER I/O WITH LPC INTERFACE FOR SERVER APPLICATIONS
Download  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47S422QFP Datasheet(HTML) 10 Page - SMSC Corporation

Back Button LPC47S422QFP Datasheet HTML 6Page - SMSC Corporation LPC47S422QFP Datasheet HTML 7Page - SMSC Corporation LPC47S422QFP Datasheet HTML 8Page - SMSC Corporation LPC47S422QFP Datasheet HTML 9Page - SMSC Corporation LPC47S422QFP Datasheet HTML 10Page - SMSC Corporation LPC47S422QFP Datasheet HTML 11Page - SMSC Corporation LPC47S422QFP Datasheet HTML 12Page - SMSC Corporation LPC47S422QFP Datasheet HTML 13Page - SMSC Corporation LPC47S422QFP Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 264 page
background image
10
PIN #
NAME
FUNCTION
BUFFER
TYPE
BUFFER TYPE PER
FUNCTION (NOTE 1)
83
nSTROBE/nDS0
Strobe Output/FDC Drive Select
OP14
(OD14/OP14)/
OD14
SERIAL PORT 1 INTERFACE
84
RXD1
Receive Data 1
IS
IS
85
TXD1
Transmit Data 1
O12
O12
86
nDSR1
Data Set Ready 1
I
I
87
nRTS1
Request to Send 1
O8
O8
88
nCTS1
Clear to Send 1
I
I
89
nDTR1
Data Terminal Ready 1
O6
O6
90
nRI1
Ring Indicator 1
I
I
91
nDCD1
Data Carrier Detect 1
I
I
SERIAL PORT 2 INTERFACE
92
GP50/nRI2
General Purpose I/O/Ring
Indicator 2
IO8
(I/O8/OD8)/I
94
GP51/nDCD2
General Purpose I/O/Data Carrier
Detect 2
IO8
(I/O8/OD8)/I
95
GP52/RXD2/IRRX
General Purpose I/O/Receive
Data 2/IRRX
IS/O8
(IS/O8/OD8)/IS/IS
96
GP53/TXD2/IRTX
General Purpose I/O/Transmit
Data 2/IRTX
(Note 5, 6)
IO12
(I/O12/OD12)/O12/
O12
97
GP54/nDSR2
General Purpose I/O/Data Set
Ready 2
IO8
(I/O8/OD8)/I
98
GP55/nRTS2
General Purpose I/O/Request to
Send 2
IO8
(I/O8/OD8)/O8
99
GP56/nCTS2
General Purpose I/O/Clear to
Send 2
IO8
(I/O8/OD8)/I
100
GP57/nDTR2
General Purpose I/O/Data
Terminal Ready 2
IO8
(I/O8/OD8)/O8
POWER PINS
53,
65, 93
VCC
+3.3 Volt Supply Voltage
18
VTR
+3.3 Volt Standby Supply Voltage
(Note 6)
7, 31,
60, 76
VSS
Ground
CLOCK PINS
6
CLKI32
32.768kHz Standby Clock Input
(Note 3)
IS
IS
19
CLOCKI
14.318MHz Clock Input
IS
IS
Note:
The "n" as the first letter of a signal name indicates an "Active Low" signal.
Note 1: Buffer types per function on multiplexed pins are separated by a slash “/”. Buffer types in
parenthesis represent multiple buffer types for a single pin function.


Similar Part No. - LPC47S422QFP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47S422 SMSC-LPC47S422 Datasheet
79Kb / 4P
   Enhanced Super I/O with LPC Interface for Server Applications
More results

Similar Description - LPC47S422QFP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47S422 SMSC-LPC47S422 Datasheet
79Kb / 4P
   Enhanced Super I/O with LPC Interface for Server Applications
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
   Enhanced Super I/O Controller with LPC Interface
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X_07 Datasheet
1Mb / 188P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
   100 Pin Enhanced Super I/O Controller with LPC Interface
LPC47N227 SMSC-LPC47N227_07 Datasheet
118Kb / 5P
   100 Pin Super I/O with LPC Interface for Notebook Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com