Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM4001 Datasheet(PDF) 1 Page - Formosa MS

Part # FM4001
Description  Chip Silicon Rectifier - Glass passivated type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM4001 Datasheet(HTML) 1 Page - Formosa MS

  FM4001 Datasheet HTML 1Page - Formosa MS FM4001 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip Silicon Rectifier
FM4001 THRU FM4007
Glass passivated type
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDECDO-214AC
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by c athode band
Mounting Position : Any
Weight : 0.0015 ounce, 0.05 gram
(V)
(V)
(V)
(V)
(
oC)
FM4001
A1
50
35
50
FM4002
A2
100
70
100
FM4003
A3
200
140
200
FM4004
A4
400
280
400
FM4005
A5
600
420
600
FM4006
A6
800
560
800
FM4007
A7
1000
700
1000
SYMBOLS
MARKING
CODE
1.1
-55 to +150
Operating
temperature
VRRM
*1
VRMS
*2
VR
*3
VF
*4
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.2
IO
1.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
30
A
VR = VRRM TA =
25
oC
5.0
uA
VR = VRRM TA = 100
oC
50
uA
Junction to ambient
RthJA
50
Junction to case
RthJC
28
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
15
pF
Storage temperature
TSTG
-55
+150
oC
oC / w
Reverse current
IR
Thermal resistance
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
Formosa MS
0.185(4.8)
0.173(4.4)
0.012(0.3) Typ.
0.110(2.8)
0.094(2.4)
0.165(4.2)
0.150(3.8)
0.067(1.7)
0.060(1.5)
0.040 (1.0) Typ.
0.040(1.0) Typ.
Dimensions in inches and (millimeters)
SMA


Similar Part No. - FM4001

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4001 RECTRON-FM4001 Datasheet
23Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FM4001 FORMOSA-FM4001 Datasheet
67Kb / 2P
   Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4001 PACELEADER-FM4001 Datasheet
121Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
   FAST RECOVER RECTIFIER
logo
Rectron Semiconductor
FM4001 RECTRON-FM4001 Datasheet
437Kb / 10P
   PASSIVATED SILICON RECTIFIER
More results

Similar Description - FM4001

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM4003 FORMOSA-FM4003 Datasheet
21Kb / 1P
   Chip Silicon Rectifier - Glass passivated type
FM4007 FORMOSA-FM4007 Datasheet
21Kb / 1P
   Chip Silicon Rectifier - Glass passivated type
FM4002 FORMOSA-FM4002 Datasheet
21Kb / 1P
   Chip Silicon Rectifier - Glass passivated type
FM4004 FORMOSA-FM4004 Datasheet
21Kb / 1P
   Chip Silicon Rectifier - Glass passivated type
FM4005 FORMOSA-FM4005 Datasheet
21Kb / 1P
   Chip Silicon Rectifier - Glass passivated type
MRA4001T3 FORMOSA-MRA4001T3 Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM4001-MH FORMOSA-FM4001-MH Datasheet
78Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM4001-MT FORMOSA-FM4001-MT Datasheet
77Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM201-L FORMOSA-FM201-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM4001-L FORMOSA-FM4001-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com