Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT3306 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # CBT3306
Description  Dual bus switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT3306 Datasheet(HTML) 4 Page - NXP Semiconductors

  CBT3306 Datasheet HTML 1Page - NXP Semiconductors CBT3306 Datasheet HTML 2Page - NXP Semiconductors CBT3306 Datasheet HTML 3Page - NXP Semiconductors CBT3306 Datasheet HTML 4Page - NXP Semiconductors CBT3306 Datasheet HTML 5Page - NXP Semiconductors CBT3306 Datasheet HTML 6Page - NXP Semiconductors CBT3306 Datasheet HTML 7Page - NXP Semiconductors CBT3306 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product data
CBT3306
Dual bus switch
2001 Nov 08
4
AC CHARACTERISTICS
Tamb = –40 to +85 °C; CL = 50 pF
TO
LIMITS
SYMBOL
PARAMETER
FROM (INPUT)
TO
(OUTPUT)
VCC = +5.0 V ±0.5 V
UNIT
(OUTPUT)
MIN
MAX
tpd
Propagation delay1
A or B
B or A
0.25
ns
ten
Output enable time
to High and Low level
OE
A or B
1.8
5
ns
tdis
Output disable time
from High and Low level
OE
A or B
1
5
ns
NOTE:
1. The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance,
when driven by an ideal voltage source (zero output impedance).
AC WAVEFORMS
VM = 1.5 V, VIN = GND to 3.0 V
INPUT
1.5 V
OUTPUT
tPLH
tPHL
SA00028
1.5 V
1.5 V
1.5 V
3 V
0 V
VOH
VOL
Waveform 1. Input to Output Propagation Delays
Output Control
(Low-level
enabling )
1.5 V
tPZH
tPHZ
VOH
VOL
tPZL
tPLZ
3.5 V
0 V
VOL + 0.3 V
VOH – 0.3 V
SA00029
1.5 V
1.5 V
1.5 V
0 V
3 V
Output
Waveform 1
S1 at 7 V
(see Note)
Note:
Waveform 1 is for an output with internal conditions such that
the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that
the output is high except when disabled by the output control.
Output
Waveform 2
S1 at Open
(see Note)
Waveform 2. 3-State Output Enable and Disable Times
NOTES:
1. tPLZ and tPHZ are the same as tdis.
2. tPZL and tPZH are the same as ten.
3. tPLH and tPHL are the same as tpd.
TEST CIRCUIT AND WAVEFORMS
CL = 50 pF
500
Load Circuit
DEFINITIONS
CL =
Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
TEST
S1
tpd
open
tPLZ/tPZL
7 V
tPHZ/tPZH
open
SA00012
500
From Output
Under Test
S1
7 V
Open
GND
NOTES:
1. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
2. The outputs are measured one at a time with one transition per
measurement.


Similar Part No. - CBT3306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CBT3306 TI-CBT3306 Datasheet
62Kb / 4P
[Old version datasheet]   DUAL FET BUS SWITCH
logo
Nexperia B.V. All right...
CBT3306 NEXPERIA-CBT3306 Datasheet
208Kb / 11P
   Dual bus switch
Rev. 9 - 18 March 2021
CBT3306-Q100 NEXPERIA-CBT3306-Q100 Datasheet
186Kb / 9P
   Dual bus switch
CBT3306D-Q100 NEXPERIA-CBT3306D-Q100 Datasheet
186Kb / 9P
   Dual bus switch
CBT3306GT NEXPERIA-CBT3306GT Datasheet
208Kb / 11P
   Dual bus switch
Rev. 9 - 18 March 2021
More results

Similar Description - CBT3306

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WB125FK TOSHIBA-TC7WB125FK_07 Datasheet
164Kb / 6P
   Dual Bus Switch
logo
Nexperia B.V. All right...
CBT3306-Q100 NEXPERIA-CBT3306-Q100 Datasheet
186Kb / 9P
   Dual bus switch
logo
Toshiba Semiconductor
TC7WB66FK TOSHIBA-TC7WB66FK_07 Datasheet
165Kb / 6P
   Dual Bus Switch
logo
Nexperia B.V. All right...
CBT3306 NEXPERIA-CBT3306 Datasheet
208Kb / 11P
   Dual bus switch
Rev. 9 - 18 March 2021
logo
Toshiba Semiconductor
TC7WB126FK TOSHIBA-TC7WB126FK_07 Datasheet
163Kb / 6P
   Dual Bus Switch
TC7WB66FK TOSHIBA-TC7WB66FK Datasheet
105Kb / 6P
   Dual Bus Switch
logo
Texas Instruments
SN74CB3T3306 TI1-SN74CB3T3306_16 Datasheet
903Kb / 19P
[Old version datasheet]   Dual FET Bus Switch
SN74CBT3306 TI-SN74CBT3306 Datasheet
62Kb / 4P
[Old version datasheet]   DUAL FET BUS SWITCH
SN74CBT3306 TI-SN74CBT3306_07 Datasheet
230Kb / 11P
[Old version datasheet]   DUAL FET BUS SWITCH
logo
Unisonic Technologies
U74CBT3306 UTC-U74CBT3306 Datasheet
250Kb / 4P
   DUAL FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com