Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABA-51563 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # ABA-51563
Description  3.5 GHz Broadband Silicon RFIC Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ABA-51563 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  ABA-51563 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ABA-51563 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ABA-51563 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ABA-51563 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ABA-51563 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ABA-51563 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ABA-51563 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ABA-51563 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Device Orientation
Tape Dimensions and Product Orientation for Outline 63
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
END VIEW
8 mm
4 mm
TOP VIEW
(Package marking example orientation shown.)
AH
AH
AH
AH
P
P0
P2
F
W
C
D1
D
E
A0
10
° MAX.
t1 (CARRIER TAPE THICKNESS)
Tt (COVER TAPE THICKNESS)
10
° MAX.
B0
K0
DESCRIPTION
SYMBOL
SIZE (mm)
SIZE (INCHES)
LENGTH
WIDTH
DEPTH
PITCH
BOTTOM HOLE DIAMETER
A0
B0
K0
P
D1
2.40
± 0.10
2.40
± 0.10
1.20
± 0.10
4.00
± 0.10
1.00 + 0.25
0.094
± 0.004
0.094
± 0.004
0.047
± 0.004
0.157
± 0.004
0.039 + 0.010
CAVITY
DIAMETER
PITCH
POSITION
D
P0
E
1.50
± 0.10
4.00
± 0.10
1.75
± 0.10
0.061 + 0.002
0.157
± 0.004
0.069
± 0.004
PERFORATION
WIDTH
THICKNESS
W
t1
8.00 + 0.30 - 0.10
0.254
± 0.02
0.315 + 0.012
0.0100
± 0.0008
CARRIER TAPE
CAVITY TO PERFORATION
(WIDTH DIRECTION)
CAVITY TO PERFORATION
(LENGTH DIRECTION)
F
P2
3.50
± 0.05
2.00
± 0.05
0.138
± 0.002
0.079
± 0.002
DISTANCE
WIDTH
TAPE THICKNESS
C
Tt
5.40
± 0.10
0.062
± 0.001
0.205 + 0.004
0.0025
± 0.0004
COVER TAPE


Similar Part No. - ABA-51563

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ABA-51563 AVAGO-ABA-51563 Datasheet
366Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-51563 BOARDCOM-ABA-51563 Datasheet
108Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-51563-BLK BOARDCOM-ABA-51563-BLK Datasheet
108Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-51563-BLKG BOARDCOM-ABA-51563-BLKG Datasheet
108Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-51563-TR1 BOARDCOM-ABA-51563-TR1 Datasheet
108Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
More results

Similar Description - ABA-51563

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ABA-52563 HP-ABA-52563 Datasheet
96Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-53563 HP-ABA-53563 Datasheet
108Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-31563 HP-ABA-31563 Datasheet
103Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-51563 AVAGO-ABA-51563 Datasheet
366Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-52563 AVAGO-ABA-52563 Datasheet
768Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-52563 BOARDCOM-ABA-52563 Datasheet
768Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-51563 BOARDCOM-ABA-51563 Datasheet
108Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-31563 BOARDCOM-ABA-31563 Datasheet
305Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-31563 AVAGO-ABA-31563 Datasheet
305Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-53563 BOARDCOM-ABA-53563 Datasheet
98Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com