Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA57031-34UK Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA57031-34UK
Description  Micropower 150 mA, low-noise, low dropout linear regulator with on/off
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57031-34UK Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA57031-34UK Datasheet HTML 5Page - NXP Semiconductors SA57031-34UK Datasheet HTML 6Page - NXP Semiconductors SA57031-34UK Datasheet HTML 7Page - NXP Semiconductors SA57031-34UK Datasheet HTML 8Page - NXP Semiconductors SA57031-34UK Datasheet HTML 9Page - NXP Semiconductors SA57031-34UK Datasheet HTML 10Page - NXP Semiconductors SA57031-34UK Datasheet HTML 11Page - NXP Semiconductors SA57031-34UK Datasheet HTML 12Page - NXP Semiconductors SA57031-34UK Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Philips Semiconductors
Product data
SA57031-XX
Micropower 150 mA, low-noise, low dropout linear
regulator with on/off
2003 Jun 23
10
PACKING METHOD
The SA57031-XX is packed in reels, as shown in Figure 18.
PRINTED PLANO BOX
BARCODE LABEL
BAG
MOISTURE CAUTION
PRINT
ESD PRINT
DRY-AGENT
RELATIVE HUMIDITY
INDICATOR
TAPE
GUARD BAND
BARCODE LABEL
ESD EMBOSSED
REEL ASSEMBLY
SPACE FOR ADDITIONAL LABEL
PRINTED ESD WARNING
BARCODE LABEL
DRYPACK ID STICKER
QA SEAL
PRINTED PLANO BOX
PRE-PRINTED HYATT PATENT
SL01962
Figure 18. Tape and reel packing method


Similar Part No. - SA57031-34UK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57000-25D PHILIPS-SA57000-25D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-25UK PHILIPS-SA57000-25UK Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-28D PHILIPS-SA57000-28D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-28UK PHILIPS-SA57000-28UK Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-29D PHILIPS-SA57000-29D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
More results

Similar Description - SA57031-34UK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com