Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DI104 Datasheet(PDF) 1 Page - Formosa MS

Part # DI104
Description  SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DI104 Datasheet(HTML) 1 Page - Formosa MS

  DI104 Datasheet HTML 1Page - Formosa MS DI104 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=40 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 1.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
DI101
DI102
DI103
DI104
DI105
DI106
DI107
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.0
50
10
500
-65
+150
-65
+125
V
A
A
V
mA
mA
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
plastic technique
* High surge current capability
* Polarity: marked on body
* Mounting position: Any
* Weight: 1.0 grams
DI101 THRU DI107
1.1
.255(6.5)
.135(3.4)
.165(4.2)
.350(8.9)
.205(5.2)
.365(9.3)
.245(6.2)
.115(2.9)
.155(3.9)
.300(7.6)
.195(5.0)
.355(9.0)
.060
1.5
.020
(0.5)
+
~
~
DB-1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.0 Ampere
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C


Similar Part No. - DI104

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DI104 PANJIT-DI104 Datasheet
56Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0~1.5 Amperes)
logo
Transys Electronics
DI104 TRSYS-DI104 Datasheet
154Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
DI104 ETC1-DI104 Datasheet
49Kb / 2P
   1 AMP MINIATURE BRIDGE RECTIFIERS
logo
Pan Jit International I...
DI104 PANJIT-DI104 Datasheet
71Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Compact Technology Corp...
DI104 CTC-DI104 Datasheet
128Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - DI104

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
DB101 GWSEMI-DB101 Datasheet
63Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
DB101 FORMOSA-DB101 Datasheet
34Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Bytes
DB101 BYTES-DB101 Datasheet
147Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
DB101 YIXIN-DB101 Datasheet
236Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
RS101 UNIOHM-RS101 Datasheet
61Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
RS101 FORMOSA-RS101 Datasheet
31Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
DB101G BYTESONIC-DB101G Datasheet
272Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
DB101 UNIOHM-DB101 Datasheet
65Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Bytes
RS101 BYTES-RS101 Datasheet
146Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
RS101 GWSEMI-RS101 Datasheet
62Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com