Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C202G102F2CK5CM Datasheet(PDF) 5 Page - Kemet Corporation

Part # C202G102F2CK5CM
Description  MILITARY SPECIFCATIONS ON BACK
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C202G102F2CK5CM Datasheet(HTML) 5 Page - Kemet Corporation

  C202G102F2CK5CM Datasheet HTML 1Page - Kemet Corporation C202G102F2CK5CM Datasheet HTML 2Page - Kemet Corporation C202G102F2CK5CM Datasheet HTML 3Page - Kemet Corporation C202G102F2CK5CM Datasheet HTML 4Page - Kemet Corporation C202G102F2CK5CM Datasheet HTML 5Page - Kemet Corporation C202G102F2CK5CM Datasheet HTML 6Page - Kemet Corporation C202G102F2CK5CM Datasheet HTML 7Page - Kemet Corporation C202G102F2CK5CM Datasheet HTML 8Page - Kemet Corporation C202G102F2CK5CM Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
5
KEMET
®
CERAMIC CONFORMALLY COATED/AXIAL & RADIAL
PERFORMANCE CHARACTERISTICS
GENERAL SPECIFICATIONS
Working Voltage:
Axial
Radial
C0G
50 & 100 volts
100 & 200 volts
X7R
50 & 100 volts
50, 100 & 200 volts
Z5U
50 & 100 volts
50 & 100 volts
Temperature Characteristics:
C0G
0 ± 30 PPM/°C from - 55°C to + 125°C(1)
X7R
± 15% from - 55°C to + 125°C
Z5U
+ 22%; - 56% from + 10°C to + 85°C
Capacitance Tolerance:
C0G
± 5%, ± 10%, ± 20%
X7R
± 10%, ± 20%
Z5U
± 20%, - 20 + 80%, - 0 + 100%
Construction:
Epoxy encapsulated - meets flame test require-
ments of UL Standard 94V-0.
High-temperature solder - meets EIA RS-198D,
Method 302, Condition B (260°C for 10 sec.)
Lead Material:
Solder Coated Copper Clad Steel
Solderability:
EIA RS-198D, Method 302, Solder temperature -
230° ± 5°C. Dwell time in solder - 7 ± 1/2 seconds.
Terminal Strength:
EIA RS-198D, Method 303, Condition A (2.2 kg)
ELECTRICAL @ 25°C
Capacitance:
Within specified tolerance at 25°C and following
test conditions.
C0G - Greater than 1000 pF with 1.0 vrms at 1 kHz.
- 1000 pF and less with 1.0 vrms at 1 MHz.
X7R - with 1.0 vrms at 1 kHz.
Z5U - with 0.5 vrms at 1 kHz.
Dissipation Factor:
At 25°C - same test conditions as capacitance.
C0G - 0.15% maximum
X7R - 2.5% maximum
Z5U - 4.0% maximum
Insulation Resistance:
EIA RS-198D, Method 104, Condition A
C0G - 100 gigohms or 1000 megohm x µF,
whichever is less.
X7R -100 gigohms or 1000 megohm x µF,
whichever is less.
Z5U -10 gigohms or 1000 megohm x µF,
whichever is less.
Dielectric Withstanding Voltage:
EIA RS-198D, Method 103 (250% of rated voltage
for 5 seconds, with current limited to 50mA)
ENVIRONMENTAL
Vibration:
EIA RS-198D, Method 304, Condition D (10-2000
Hz; 20g)
Shock:
EIA RS-198D, Method 305, Condition I (100g)
Life Test:
EIA RS-198D, Method 201, Condition D. Test
Potential and Temperature.
C0G- 200% of rated voltage at + 125°C
X7R - 200% of rated voltage at + 125°C
Z5U - 200% of rated voltage at + 85°C
Post-Test Limits at + 25°C are:
Capacitance Change:
C0G - ± 3%, or 0.25 pF, whichever is greater.
X7R - ± 20% of initial value. (2)
Z5U - ± 30% of initial value. (2)
Dissipation Factor:
C0G - 0.25% maximum
X7R - 3.0% maximum
Z5U - 4.0% maximum
Insulation Resistance:
C0G - 10 gigohms or 100 megohm x µF,
whichever is less.
X7R - 10 gigohms or 100 megohm x µF,
whichever is less.
Z5U - 1 gigohm or 100 megohm x µF,
whichever is less.
Moisture Resistance:
EIA RS-198D, Method 204, Condition A (10 cycles
without applied voltage.
Post-Test Limits at + 25°C are:
Capacitance Change:
C0G - 3%, or 0.25 pF, whichever is greater.
X7R - ± 20% of initial value. (2)
Z5U - ± 30% of initial value. (2)
Dissipation Factor:
C0G - 0.25% maximum
X7R - 3.0% maximum
Z5U - 4.0% maximum
Insulation Resistance:
C0G - 10 gigohms or 100 megohm x µF,
whichever is less.
X7R - 10 gigohms or 100 megohm x µF,
whichever is less.
Z5U - 1 gigohm or 100 megohm x µF,
whichever is less.
Thermal Shock:
EIA RS-198D, Method 202, Condition B (C0G &
X7R: - 55°C to + 125°C; Z5U: - 55°C to + 85°C)
(1)
+53 ppm -30 ppm/°C from + 25°C to - 55°C, ± 60
ppm below 10 pF.
(2)
X7R & Z5U dielectrics exhibit aging characteristics;
therefore, it is highly recommended that capacitors
be deaged for 2 hours at 150°C and stabilized at
room temperature for 48 hours before capacitance
measurements are made.
0988 Layout rev
8/9/2000 9:54 AM
Page 5


Similar Part No. - C202G102F2CK5CM

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C202G1031G5C KEMET-C202G1031G5C Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results

Similar Description - C202G102F2CK5CM

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
KBJ8A YEASHIN-KBJ8A Datasheet
428Kb / 2P
   TECHNICAL SPECIFCATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Taoglas antenna solutio...
FXR.07.A TAOGLAS-FXR.07.A Datasheet
3Mb / 10P
   Peel and stick 3M adhesive on back
logo
Microsemi Corporation
1N3611 MICROSEMI-1N3611 Datasheet
52Kb / 2P
   MILITARY RECTIFIERS
1N5615 MICROSEMI-1N5615 Datasheet
51Kb / 2P
   MILITARY RECTIFIERS
JAN1N3611 MICROSEMI-JAN1N3611 Datasheet
64Kb / 2P
   MILITARY RECTIFIERS
logo
ITT Industries
D20419-80 ITT-D20419-80 Datasheet
8Mb / 386P
   Military/Aerospace
logo
Microsemi Corporation
1N4245 MICROSEMI-1N4245 Datasheet
41Kb / 2P
   MILITARY RECTIFIERS
logo
Vishay Siliconix
MIL-PRF-83401 VISHAY-MIL-PRF-83401 Datasheet
502Kb / 2P
   MILITARY NETWORKS
logo
Pulse A Technitrol Comp...
T-330SCT PULSE-T-330SCT Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
logo
Microsemi Corporation
1N5614 MICROSEMI-1N5614 Datasheet
53Kb / 2P
   MILITARY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com