Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC220C5B Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SC220C5B
Description  XpressFlow 2020 Ethernet Routing Switch Chipset
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SC220C5B Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SC220C5B Datasheet HTML 1Page - Zarlink Semiconductor Inc SC220C5B Datasheet HTML 2Page - Zarlink Semiconductor Inc SC220C5B Datasheet HTML 3Page - Zarlink Semiconductor Inc SC220C5B Datasheet HTML 4Page - Zarlink Semiconductor Inc SC220C5B Datasheet HTML 5Page - Zarlink Semiconductor Inc SC220C5B Datasheet HTML 6Page - Zarlink Semiconductor Inc SC220C5B Datasheet HTML 7Page - Zarlink Semiconductor Inc SC220C5B Datasheet HTML 8Page - Zarlink Semiconductor Inc SC220C5B Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
PRELIMINARY
INFORMATION
XpressFlow-2020 Series –
SC220
Ethernet Switch Chipset
XpressFlow Engine
© 1998 Vertex Networks, Inc.
2
Rev. 4.5 – February
1999
Characteristics Continue
t
Built-in address to port resolution
◊ Embedded 32-bit HISC™ (High density
Instruction Set Core) Processor
◊ Optimized architecture for switch appli-
cations
◊ Loadable firmware for easy upgrade
t
Supports unicast, multicast, and broadcast
frames
t
Address Filtering
◊ Destination & Source MAC address
matching & filtering
t
VLAN classification & verification
◊ Up to 62 groups
◊ Level 1 and 2 mapping
◊ VLAN ID tagging & stripping
◊ Auto padding if necessary after stripping
t
Supports Store-&-Forward Frame Forward-
ing Mode
t
Collects statistics for RMON
CONTROL
BUFFER
MEMORY
XpressFlow BUS
XpressFlow Bus
Interafce
32
32
32
Automatic
Buffer
Manager
Mngmt
Bus
Interface
32
32
Control
Buffer
Memory
Interface
HISC
I/O
Registers
32
CAM
Interface
ADDRESS
MAPPING
TABLE
32
32
16
HISC Core
32
16
32
32
32
CAM
SRAM
16
SC220
XpressFlow
Engine
Block Diagram –
SC220 XpressFlow Engine
Typical Application:
A 16-port Ethernet Switch with 4-Fast Ethernet
Address
Mapping
Table
Flash
ROM
SC220
XpressFlow
Engine
EA208E
8-Port
Ethernet
Access
Controller
Management Bus
Buffer
RAM
Switch
Manager
CPU
DRAM
RS232 Local
Control Console
Buffer
RAM
8 Ethernet ports
Buffer
RAM
8 Ethernet ports
XpressFlow Bus
EA208E
8-Port
Ethernet
Access
Controller
Buffer
RAM
Four 100M
Fast Ethernet ports
EA234
4-Port
Ethernet
Access
Controller
System Block Diagram --
16-Port Ethernet Switch with 4 Fast Ethernet Up-Links


Similar Part No. - SC220C5B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC220 SEMTECH-SC220 Datasheet
364Kb / 14P
   20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
SC220 SEMTECH-SC220 Datasheet
808Kb / 14P
   20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
SC220 SEMTECH-SC220 Datasheet
745Kb / 14P
   20MHz, 650mA, X-EMI™-Enabled Synchronous Step-Down Regulator
January 15, 2013
logo
National Semiconductor ...
SC2200 NSC-SC2200 Datasheet
3Mb / 433P
   Thin Client On a Chip
logo
Maxim Integrated Produc...
SC2200 MAXIM-SC2200 Datasheet
409Kb / 11P
   Dual RF Power Amplifier Linearizer (RFPAL)
Rev 1; 6/16
More results

Similar Description - SC220C5B

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
EA218E ZARLINK-EA218E Datasheet
504Kb / 28P
   EA218E 8-Port Ethernet Access Controller XpressFlow 2020 Ethernet Routing Switch Chipset
logo
Applied Micro Circuits ...
PRS64GU AMCC-PRS64GU Datasheet
304Kb / 2P
   Packet Routing Switch
logo
Infineon Technologies A...
PEF22810 INFINEON-PEF22810 Datasheet
193Kb / 2P
   ETHERNET OVER VDSL CHIPSET
logo
ATMEL Corporation
RC044M-24 ATMEL-RC044M-24 Datasheet
54Kb / 1P
   Routing card
RCPWM-22 ATMEL-RCPWM-22 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
   Routing card
RC064M-9 ATMEL-RC064M-9 Datasheet
43Kb / 1P
   Routing Card
logo
Maxim Integrated Produc...
DS33X162DK MAXIM-DS33X162DK Datasheet
1Mb / 78P
   Demonstrates Key Functions of DS33X162 Ethernet Transport Chipset
Rev: 031008
logo
ATMEL Corporation
ATTINY23U ATMEL-ATTINY23U Datasheet
47Kb / 1P
   Routing&Socket card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com