Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KLSL3228BG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KLSL3228BG
Description  KLSL3228
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KLSL3228BG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KLSL3228BG Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OPERATING CHARACTERISTICS AT 250C
(Bigger Display may have more than one LED chip per segment)
SYMBOL
SUPER
RED
SR
IRED
I
GREEN
G
BLUE
B/UB
WHITE
W
SUPER
AMBER
SA
SUPER
YELLOW
SY
Operating / Storage Temperature Range
Lead Soldering Temperature
UNITS
Series Resistor to be used per segment : 300 Ohms @ 5V Supply (OR) 50 to 100 Ohms @ 3V Supply
SUPER
GREEN
SG
ULTRA
RED
UR
SUPER
ORANGE
SO
BLUE
GREEN
BG
ULTRA
GREEN
UG
V
R
I
F
I
FS
V
mA
mA
5
100
150
5
100
150
5
100
150
5
100
150
5
100
150
5
100
150
5
100
150
5
100
150
5
100
150
5
100
150
5
100
150
5
100
150
20
Forward Voltage(V)
10
1.6
1.2
0
3.0
2.4
2.0
2.8
1
FORWARD CURRENT VS
FORWARD VOLTAGE
50
30
40
5
3 & 4
2
5
2.0
Forward Current(mA)
1.0
0
30
010 20
40
50
3 & 4
LUMINOUS INTENSITY VS
FORWARD CURRENT
5.0
3.0
4.0
1
2
ELECTRICAL CHARACTERISTIC CURVES
DATA SHEET 46
Face Length
MM
Face Width
MM
Height
MM
Pin Spacing
MM
Row SPacing
MM
No.of pins
Pins
Viewing Angle
2
f/2 Deg.
KLSL3228
PART NO.
KLSL
3228
I
KLSL
3228
SR
KLSL
3228
G
KLSL
3228
SG
KLSL
3228
SY
KLSL
3228
SA
KLSL
3228
UR
KLSL
3228
SO
KLSL
3228
B/UB
KLSL
3228
BG
KLSL
3228
UG
KLSL
3228
W
Note : All Dimensions are in mm
Tolerance ± 0.2 mm
KPC/KLSL3228
Rev. 00
1-1-04
< 200
o C for 5 Seconds
-10o C to + 85o C
KWALITY PHOTONICS PRIVATE LIMITED
29, EC Kushaiguda, Hyderabad-500 062, INDIA. Ph : 91-040-27123555, 27136252 Fax : 91-040-27124762
Email : kwality@kwalityindia.com
www.kwalityindia.com
ISO 9001-2000
1. AlGaAs : I, SR
2. GaP : G
3 & 4. AllnGap : SG, SY, SA, UR, SO
5. GaInN : B, BG, UG, W
Forward Voltage - Typical @ 10mA
Forward Voltage - Maximum @ 70 mA
Reverse Current @ V
R
= 5V
Peak Emission Wavelength
Emission Wavelength Half Width
Luminous Intensity per Segment @ 70mA
Lumens Flux @70mA
ABSOULTE MAXIMUM RATINGS AT 250C
Reverse Voltage
Forward Current (avg) *(NOTE 1)
Peak Forward Current (T<1ms)
V
F
V
FM
I
R
l
P
D
l
V
V
m
A
nm
nm
2.10
2.40
100
630
35
1.90
2.10
100
660
20
2.20
2.60
100
568
30
2.20
2.40
100
568
15
2.10
2.40
100
590
15
2.10
2.40
100
610
15
1.90
2.10
100
645
20
1.90
2.40
100
620
20
3.50
4.50
100
470
25
3.50
4.50
100
502
30
3.50
4.50
100
525
35
3.50
4.50
100
---
---
mcd
mlm
3500
-
6000
-
4000
-
6000
-
7000
-
7500
-
13000
-
13000
-
6000
-
7000
-
17000
-
---
4000
I
v
Æ
Æ
Æ
Æ
Æ v
AlGaAs
GaP/AlInGaP
AlInGaP
SiC / GaInN
Semiconductor Composition
3.2
2.8
1.8
1.5
3.2
4
120
*NOTE 1.
Use Adequate heatsink (250mm2 plus) for current above 20mA
750
400
0
Wavelength(nm)
500
550
450
650
700
600
1.0
0.5
SY
RELATIVE INTENSITY VS WAVELENGTH
G/SG
B/W
UG
SBG
SO
SR
I
SA
UR
WHITE
19-07-2004
KLSL3228
3.5 0.2
+
-
3.2 0.1
+
-
Æ
Æ
Æ
Æ
Æ
2.04
2
1
Anode
Common
Cathod
1.85 0.1
+
-
0.8 0.3
+
-
12345
12345
12345
12345
12345
12345
12345
12345
12345
12345
12345
12345
123456
123456
123456
123456
123456
123456
123456
123456
123456
123456
123456
123456
1
1
1
1
1
1
1
1
1
1
1
1
12
12
12
12
12
12
12
12
12
12
12
12
1
1
1
1
1
12345
12
12
12
12
12
12
12345
12345
12345
12345
12345
12345
12345
12345
12345
12345
12345
12345
12345


Similar Part No. - KLSL3228BG

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KLS MSYSTEM-KLS Datasheet
110Kb / 4P
   Plug-in Signal Conditioners K-UNIT
logo
C&K Components
KLS CK-COMPONENTS-KLS Datasheet
499Kb / 4P
   Illuminated SPDT/DPDT Pushbutton
8 Jul 20
logo
M-System Co.,Ltd.
KLS-1-1-B MSYSTEM-KLS-1-1-B Datasheet
110Kb / 4P
   Plug-in Signal Conditioners K-UNIT
KLS-1-1-B/Q MSYSTEM-KLS-1-1-B/Q Datasheet
110Kb / 4P
   Plug-in Signal Conditioners K-UNIT
KLS-1-1-C MSYSTEM-KLS-1-1-C Datasheet
110Kb / 4P
   Plug-in Signal Conditioners K-UNIT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com