Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA57031-24UK Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA57031-24UK
Description  Micropower 150 mA, low-noise, low dropout linear regulator with on/off
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57031-24UK Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA57031-24UK Datasheet HTML 5Page - NXP Semiconductors SA57031-24UK Datasheet HTML 6Page - NXP Semiconductors SA57031-24UK Datasheet HTML 7Page - NXP Semiconductors SA57031-24UK Datasheet HTML 8Page - NXP Semiconductors SA57031-24UK Datasheet HTML 9Page - NXP Semiconductors SA57031-24UK Datasheet HTML 10Page - NXP Semiconductors SA57031-24UK Datasheet HTML 11Page - NXP Semiconductors SA57031-24UK Datasheet HTML 12Page - NXP Semiconductors SA57031-24UK Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Philips Semiconductors
Product data
SA57031-XX
Micropower 150 mA, low-noise, low dropout linear
regulator with on/off
2003 Jun 23
9
APPLICATION INFORMATION
The following points have to be kept in mind for good performance
while using these devices.
Input Capacitor
An input capacitor of 2.2
µF is required between the SA57031 input
pin and the circuit ground. This capacitor must be located as close
as possible to the VI or GND pin (not more than 1 cm away from the
pin) and returned to a clean analog ground. Any good quality
ceramic, tantalum, or film capacitor will work.
Output Capacitor
Phase compensation is used for securing stable operation even if
the load current varies. For this reason, an output capacitor with
good frequency characteristics is needed. Set it as close to the
circuit as possible and make the wiring as short as possible. The
value of the output capacitance has to be at least 2.2
µF and has to
have B-type temperature characteristics.
ON/OFF (Chip Enable) Pin
The ON/OFF pin must be actively terminated, not floating. If the
function is not needed, the pin should be tied to VI to permanently
enable the device.
Line Impedance of VI and GND
The VI and GND lines should be sufficiently wide to minimize
impedance. If the impedance of these lines is high, there is a chance
to pick up noise or malfunction.
SA00632
B2
A1
B1
VO
GND
CO
CI
2.2
µF
ON
A2
VI
SA57031-XX
OFF
+
DC
2.0 V TO 6.0 V
RLOAD
V
CO = 2.2 mF for VO = 2.5 to 5.0 V
CO = 4.7 mF for VO = 1.8 to 2.5 V
ON/OFF PIN MUST BE ACTIVELY TERMINATED
A
Figure 17. Typical application circuit.


Similar Part No. - SA57031-24UK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57000-25D PHILIPS-SA57000-25D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-25UK PHILIPS-SA57000-25UK Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-28D PHILIPS-SA57000-28D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-28UK PHILIPS-SA57000-28UK Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-29D PHILIPS-SA57000-29D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
More results

Similar Description - SA57031-24UK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com