Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC573 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74VHC573
Description  Octal D-Type Latch with 3-State Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC573 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHC573 Datasheet HTML 1Page - ON Semiconductor MC74VHC573 Datasheet HTML 2Page - ON Semiconductor MC74VHC573 Datasheet HTML 3Page - ON Semiconductor MC74VHC573 Datasheet HTML 4Page - ON Semiconductor MC74VHC573 Datasheet HTML 5Page - ON Semiconductor MC74VHC573 Datasheet HTML 6Page - ON Semiconductor MC74VHC573 Datasheet HTML 7Page - ON Semiconductor MC74VHC573 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74VHC573
http://onsemi.com
4
TIMING REQUIREMENTS (Input tr = tf = 3.0ns)
TA = 25°C
TA = – 40
to 85
°C
Symbol
Parameter
Test Conditions
Typ
Limit
Limit
Unit
tw(h)
Minimum Pulse Width, LE
VCC = 3.3 ± 0.3V
VCC = 5.0 ±0.5V
5.0
5.0
5.0
5.0
ns
tsu
Minimum Setup Time, D to LE
VCC = 3.3 ± 0.3V
VCC = 5.0 ± 0.5V
3.5
3.5
3.5
3.5
ns
th
Minimum Hold Time, D to LE
VCC = 3.3 ± 0.3V
VCC = 5.0 ± 0.5V
1.5
1.5
1.5
1.5
ns
SWITCHING WAVEFORMS
Figure 1.
Figure 2.
VCC
GND
D
Q
50%
50% VCC
tPLH
tPHL
VCC
GND
50%
LE
tPLH
tPHL
Q
tw
50% VCC
Figure 3.
Figure 4.
50%
50% VCC
50% VCC
Q
tPZL
tPLZ
tPZH tPHZ
VOL +0.3V
VOL –0.3V
VCC
GND
HIGH
IMPEDANCE
HIGH
IMPEDANCE
Q
OE
50%
D
LE
VCC
VCC
GND
GND
VALID
th
tsu
50%


Similar Part No. - MC74VHC573

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573 Datasheet
173Kb / 8P
   Octal D?뭈ype Latch with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHC573 ONSEMI-MC74VHC573 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
MC74VHC573DT ONSEMI-MC74VHC573DT Datasheet
173Kb / 8P
   Octal D?뭈ype Latch with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHC573DTR2 ONSEMI-MC74VHC573DTR2 Datasheet
173Kb / 8P
   Octal D?뭈ype Latch with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHC573DTR2G ONSEMI-MC74VHC573DTR2G Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
More results

Similar Description - MC74VHC573

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
   Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
   Octal D-Type Latch with 3-State Output
TC74VHCT373AF TOSHIBA-TC74VHCT373AF_07 Datasheet
228Kb / 9P
   Octal D-Type Latch with 3-State Output
TC7MET373AFK TOSHIBA-TC7MET373AFK Datasheet
188Kb / 7P
   Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com