Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC541 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC74VHC541
Description  Octal Bus Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74VHC541 Datasheet(HTML) 2 Page - Motorola, Inc

  MC74VHC541 Datasheet HTML 1Page - Motorola, Inc MC74VHC541 Datasheet HTML 2Page - Motorola, Inc MC74VHC541 Datasheet HTML 3Page - Motorola, Inc MC74VHC541 Datasheet HTML 4Page - Motorola, Inc MC74VHC541 Datasheet HTML 5Page - Motorola, Inc MC74VHC541 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC74VHC541
MOTOROLA
VHC Data – Advanced CMOS Logic
DL203 — Rev 2
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
– 0.5 to + 7.0
V
Vin
DC Input Voltage
– 0.5 to + 7.0
V
Vout
DC Output Voltage
– 0.5 to VCC + 0.5
V
IIK
Input Diode Current
– 20
mA
IOK
Output Diode Current
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 50
mA
PD
Power Dissipation in Still Air,
SOIC Packages†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
_C
* Absolute maximum continuous ratings are those values beyond which damage to the device
may occur. Exposure to these conditions or conditions beyond those indicated may adversely
affect device reliability. Functional operation under absolute–maximum–rated conditions is not
implied.
†Derating — SOIC Packages: – 7 mW/
_C from 65_ to 125_C
TSSOP Package: – 6.1 mW/
_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
2.0
5.5
V
Vin
DC Input Voltage
0
5.5
V
Vout
DC Output Voltage
0
VCC
V
TA
Operating Temperature, All Package Types
– 40
+ 85
_C
tr, tf
Input Rise and Fall Time
VCC = 3.3V ±0.3V
VCC =5.0V ±0.5V
0
0
100
20
ns/V
DC ELECTRICAL CHARACTERISTICS
Sb l
P
T
C
di i
VCC
TA = 25°C
TA = – 40 to 85°C
Ui
Symbol
Parameter
Test Conditions
VCC
V
Min
Typ
Max
Min
Max
Unit
VIH
Minimum High–Level
Input Voltage
2.0
3.0 to
5.5
1.50
VCC x 0.7
1.50
VCC x 0.7
V
VIL
Maximum Low–Level
Input Voltage
2.0
3.0 to
5.5
0.50
VCC x 0.3
0.50
VCC x 0.3
V
VOH
Minimum High–Level
Output Voltage
Vin = VIH or VIL
IOH = – 50µA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
V
Vin = VIH or VIL
IOH = – 4mA
IOH = – 8mA
3.0
4.5
2.58
3.94
2.48
3.80
VOL
Maximum Low–Level
Output Voltage
Vin = VIH or VIL
IOL = 50µA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL
IOL = 4mA
IOL = 8mA
3.0
4.5
0.36
0.36
0.44
0.44
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high–impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - MC74VHC541

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
90Kb / 6P
   Octal Bus Buffer
September, 2014 ??Rev. 8
MC74VHC541DT ONSEMI-MC74VHC541DT Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74VHC541DTG ONSEMI-MC74VHC541DTG Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74VHC541DTG ONSEMI-MC74VHC541DTG Datasheet
144Kb / 7P
   Octal Bus Buffer
May, 2012 ??Rev. 7
More results

Similar Description - MC74VHC541

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com