Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962F0052301VXC Datasheet(PDF) 2 Page - Intersil Corporation

Part # 5962F0052301VXC
Description  Radiation Hardened 2.5V Reference
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F0052301VXC Datasheet(HTML) 2 Page - Intersil Corporation

  5962F0052301VXC Datasheet HTML 1Page - Intersil Corporation 5962F0052301VXC Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN4780.3
September 13, 2005
Die Characteristics
DIE DIMENSIONS
1270
µm x 1778µm (50 mils x 70 mils)
Thickness: 483
µm ±25.4µm (19 mils ±1 mil)
INTERFACE MATERIALS
Glassivation
Type: Nitride (Si3N4) over Silox (SiO2)
Nitride Thickness: 4.0k
Å ±1.0kÅ
Silox Thickness: 12.0k
Å ±4.0kÅ
Top Metallization
Type: AlSiCu
Thickness: 16.0k
Å ±2kÅ
Substrate
EBHF, Dielectric Isolation
Backside Finish
Silicon
ASSEMBLY RELATED INFORMATION
Substrate Potential
Unbiased (DI)
ADDITIONAL INFORMATION
Worst Case Current Density
<1.0 x 105 A/cm2
Transistor Count
26
Metallization Mask Layout
IS-1009RH
ADJ
V-
V+
IS-1009RH


Similar Part No. - 5962F0052301VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F0052101QXC INTERSIL-5962F0052101QXC Datasheet
30Kb / 2P
   Radiation Hardened Complementary Switch FET Driver
5962F0052101VXC INTERSIL-5962F0052101VXC Datasheet
30Kb / 2P
   Radiation Hardened Complementary Switch FET Driver
More results

Similar Description - 5962F0052301VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-1009RH INTERSIL-IS-1009RH_06 Datasheet
92Kb / 2P
   Radiation Hardened 2.5V Reference
IS2-1009EH-Q INTERSIL-IS2-1009EH-Q Datasheet
128Kb / 3P
   Radiation Hardened 2.5V Reference
logo
Renesas Technology Corp
ISL71090SEH25 RENESAS-ISL71090SEH25 Datasheet
498Kb / 14P
   2.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
logo
Intersil Corporation
ISL71090SEH12 INTERSIL-ISL71090SEH12 Datasheet
408Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Intersil Corporation
ISL71090SEH25 INTERSIL-ISL71090SEH25 Datasheet
388Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
ISL71090SEH50 INTERSIL-ISL71090SEH50 Datasheet
391Kb / 13P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 15, 2016
logo
Renesas Technology Corp
ISL71090SEH50 RENESAS-ISL71090SEH50 Datasheet
495Kb / 14P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
May 14, 2021
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com