Electronic Components Datasheet Search |
|
MC74VHC4066D Datasheet(PDF) 2 Page - Motorola, Inc |
|
MC74VHC4066D Datasheet(HTML) 2 Page - Motorola, Inc |
2 / 12 page MC74VHC4066 MOTOROLA VHC Data – Advanced CMOS Logic DL203 — Rev 2 2 MAXIMUM RATINGS* Symbol Parameter Value Unit VCC Positive DC Supply Voltage (Referenced to GND) – 0.5 to + 14.0 V VIS Analog Input Voltage (Referenced to GND) – 0.5 to VCC + 0.5 V Vin Digital Input Voltage (Referenced to GND) – 0.5 to VCC + 0.5 V I DC Current Into or Out of Any Pin ± 25 mA PD Power Dissipation in Still Air, SOIC Package† TSSOP Package† 500 450 mW Tstg Storage Temperature – 65 to + 150 _C TL Lead Temperature, 1 mm from Case for 10 Seconds 260 _C * Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. †Derating — SOIC Package: – 7 mW/ _C from 65_ to 125_C TSSOP Package: – 6.1 mW/ _C from 65_ to 125_C RECOMMENDED OPERATING CONDITIONS Symbol Parameter Min Max Unit VCC Positive DC Supply Voltage (Referenced to GND) 2.0 12.0 V VIS Analog Input Voltage (Referenced to GND) GND VCC V Vin Digital Input Voltage (Referenced to GND) GND VCC V VIO* Static or Dynamic Voltage Across Switch — 1.2 V TA Operating Temperature, All Package Types – 55 + 125 _C tr, tf Input Rise and Fall Time, ON/OFF Control Inputs (Figure 10) VCC = 2.0 V VCC = 3.0 V VCC = 4.5 V VCC = 9.0 V VCC = 12.0 V 0 0 0 0 0 1000 600 500 400 250 ns * For voltage drops across the switch greater than 1.2 V (switch on), excessive VCC current may be drawn; i.e., the current out of the switch may contain both VCC and switch input components. The reliability of the device will be unaffected unless the Maximum Ratings are exceeded. DC ELECTRICAL CHARACTERISTIC Digital Section (Voltages Referenced to GND) Sb l P T C di i V Guaranteed Limit Ui Symbol Parameter Test Conditions VCC V – 55 to 25 _C v 85_C v 125_C Unit VIH Minimum High–Level Voltage ON/OFF Control Inputs Ron = Per Spec 2.0 3.0 4.5 9.0 12.0 1.5 2.1 3.15 6.3 8.4 1.5 2.1 3.15 6.3 8.4 1.5 2.1 3.15 6.3 8.4 V VIL Maximum Low–Level Voltage ON/OFF Control Inputs Ron = Per Spec 2.0 3.0 4.5 9.0 12.0 0.5 0.9 1.35 2.7 3.6 0.5 0.9 1.35 2.7 3.6 0.5 0.9 1.35 2.7 3.6 V Iin Maximum Input Leakage Current ON/OFF Control Inputs Vin = VCC or GND 12.0 ± 0.1 ± 1.0 ± 1.0 µA ICC Maximum Quiescent Supply Current (per Package) Vin = VCC or GND VIO = 0 V 6.0 12.0 2 4 20 40 40 160 µA This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high–impedance cir- cuit. For proper operation, Vin and Vout should be constrained to the range GND v (Vin or Vout) v VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. I/O pins must be connected to a properly terminated line or bus. |
Similar Part No. - MC74VHC4066D |
|
Similar Description - MC74VHC4066D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |