Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSP45116883 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HSP45116883
Description  Numerically Controlled Oscillator/Modulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45116883 Datasheet(HTML) 3 Page - Intersil Corporation

  HSP45116883 Datasheet HTML 1Page - Intersil Corporation HSP45116883 Datasheet HTML 2Page - Intersil Corporation HSP45116883 Datasheet HTML 3Page - Intersil Corporation HSP45116883 Datasheet HTML 4Page - Intersil Corporation HSP45116883 Datasheet HTML 5Page - Intersil Corporation HSP45116883 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
TABLE 2. ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Guaranteed and 100% Tested
PARAMETER
SYMBOL
NOTES
GROUP A
SUBGROUPS
TEMPERATURE
(oC)
-15 (15MHz)
-25 (25.6MHz)
UNITS
MIN
MAX
MIN
MAX
CLK Period
tCP
9, 10, 11
-55
≤ TA ≤ 125
66
-
39
-
ns
CLK High
tCH
9, 10, 11
-55
≤ TA ≤ 125
26
-
15
-
ns
CLK Low
tCL
9, 10, 11
-55
≤ TA ≤ 125
26
-
-15
-
ns
WR Low
tWL
9, 10, 11
-55
≤ TA ≤ 125
26
-
15
-
ns
WR High
tWH
9, 10, 11
-55
≤ TA ≤ 125
26
-
15
-
ns
Setup Time; ADO-1,
CS to WR Going High
tAWS
9, 10, 11
-55
≤ TA ≤ 125
20
-
18
-
ns
Hold Time; AD0, AD1,
CS from WR Going High
tAWH
9, 10, 11
-55
≤ TA ≤ 125
0
-
0
-
ns
Setup Time CO-15 from WR Go-
ing High
tCWS
9, 10, 11
-55
≤ TA ≤ 125
20
-
18
-
ns
Hold Time CO-15 from WR Go-
ing High
tCWA
9, 10, 11
-55
≤ TA ≤ 125
0
-
0
-
ns
Setup Time WR to CLK High
tWC
(Note 7)
9, 10, 11
-55
≤ TA ≤ 125
20
-
16
-
ns
Setup Time MODO-1 to CLK
Going High
tMCS
9, 10, 11
-55
≤ TA ≤ 125
20
-
18
-
ns
Hold Time MODO-1 from CLK
Going High
tMCH
9, 10, 11
-55
≤ TA ≤ 125
0
-
0
-
ns
Setup Time PACI to CLK
Going High
tPCS
9, 10, 11
-55
≤ TA ≤ 125
25
-
18
-
ns
Hold Time PACI from CLK
Going High
tPCH
9, 10, 11
-55
≤ TA ≤ 125
0
-
0
-
ns
Setup Time ENPHREG,
ENCFRCTL, ENPHAC,
ENTICTL, CLROFR, PMSEL,
LOAD, ENI, ACC, BINFMT,
PEAK, MODPI/2PI, SHO-1,
RBYTILD from CLK Going High
tECS
9, 10, 11
-55
≤ TA ≤ 125
20
-
15
-
ns
Hold Time ENPHREG,
ENCFRCTL, ENPHAC,
ENTICTL, CLROFR, PMSEL,
LOAD, ENI, ACC, BINFMT,
PEAK, MODPI/2PI, SHO-1,
RBYTILD from CLK Going High
tECH
9, 10, 11
-55
≤ TA ≤ 125
0
-
0
-
ns
Setup Time RINO-18,
IMINO-18 to CLK Going High
tDS
9, 10, 11
-55
≤ TA ≤ 125
20
-
15
-
ns
Hold Time RINO-18,
IMINO-18, to CLK Going High
tDH
9, 10, 11
-55
≤ TA ≤ 125
0
-
0
-
ns
CLK to Output Delay R0O-19,
I0O-19
tDO
9, 10, 11
-55
≤ TA ≤ 125
40
-
25
-
ns
HSP45116/883


Similar Part No. - HSP45116883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45116 INTERSIL-HSP45116 Datasheet
129Kb / 18P
   Numerically Controlled Oscillator/Modulator
HSP45116 INTERSIL-HSP45116 Datasheet
268Kb / 16P
   Numerically Controlled Oscillator/Modulator
logo
Renesas Technology Corp
HSP45116 RENESAS-HSP45116 Datasheet
768Kb / 16P
   Numerically Controlled Oscillator/Modulator
Jul 2004
logo
Intersil Corporation
HSP45116-DB INTERSIL-HSP45116-DB Datasheet
570Kb / 13P
   HSP45116 Daughter Board
HSP45116A INTERSIL-HSP45116A Datasheet
114Kb / 17P
   Numerically Controlled Oscillator/ Modulator
More results

Similar Description - HSP45116883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45116A INTERSIL-HSP45116A Datasheet
114Kb / 17P
   Numerically Controlled Oscillator/ Modulator
HSP45116 INTERSIL-HSP45116_04 Datasheet
268Kb / 16P
   Numerically Controlled Oscillator/Modulator
HSP45116A INTERSIL-HSP45116A_07 Datasheet
587Kb / 19P
   Numerically Controlled Oscillator/Modulator
HSP45116 INTERSIL-HSP45116 Datasheet
129Kb / 18P
   Numerically Controlled Oscillator/Modulator
logo
Renesas Technology Corp
HSP45116 RENESAS-HSP45116 Datasheet
768Kb / 16P
   Numerically Controlled Oscillator/Modulator
Jul 2004
HSP45116A RENESAS-HSP45116A Datasheet
1Mb / 19P
   Numerically Controlled Oscillator/Modulator
May 7, 2007
logo
Intersil Corporation
HSP45106883 INTERSIL-HSP45106883 Datasheet
130Kb / 6P
   16-Bit Numerically Controlled Oscillator
logo
Renesas Technology Corp
HSP45102 RENESAS-HSP45102 Datasheet
435Kb / 9P
   12-Bit Numerically Controlled Oscillator
logo
Intersil Corporation
HSP45106 INTERSIL-HSP45106_04 Datasheet
517Kb / 13P
   16-Bit Numerically Controlled Oscillator
HSP45102 INTERSIL-HSP45102_05 Datasheet
151Kb / 7P
   12-Bit Numerically Controlled Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com