Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS1-0506RH-Q Datasheet(PDF) 3 Page - Intersil Corporation

Part # HS1-0506RH-Q
Description  Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-0506RH-Q Datasheet(HTML) 3 Page - Intersil Corporation

  HS1-0506RH-Q Datasheet HTML 1Page - Intersil Corporation HS1-0506RH-Q Datasheet HTML 2Page - Intersil Corporation HS1-0506RH-Q Datasheet HTML 3Page - Intersil Corporation HS1-0506RH-Q Datasheet HTML 4Page - Intersil Corporation HS1-0506RH-Q Datasheet HTML 5Page - Intersil Corporation HS1-0506RH-Q Datasheet HTML 6Page - Intersil Corporation HS1-0506RH-Q Datasheet HTML 7Page - Intersil Corporation HS1-0506RH-Q Datasheet HTML 8Page - Intersil Corporation HS1-0506RH-Q Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Specifications HS-0506RH, HS-0507RH
Absolute Maximum Ratings
Reliability Information
Voltage Between Supply Pins . . . . . . . . . . . . . . . . . . . . . . . . . +44V
+VSUPPLY to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +22V
-VSUPPLY to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-25V
Analog Input Overvoltage:
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +VSUPPLY +2V
-VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -VSUPPLY -2V
Digital Input Overvoltage:
+VEN, +VA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +VSUPPLY +4V
-VEN, -VA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -VSUPPLY -4V
or 20mA, Whichever Occurs First
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Peak Current, S or D
(Pulsed at 1ms, 10% Duty Cycle Maximum . . . . . . . . . . . . . 40mA
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10s). . . . . . . . . . . . . . . . . . . . +275oC
Thermal Resistance
θJA
θJC
CerDIP Package . . . . . . . . . . . . . . . . . . .
51oC/W
18oC/W
Maximum Package Power Dissipation at +125oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.98W
If device power exceeds package dissipation capability, provide
heat sinking or derate linearly at the following rate:
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19.6mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range. . . . . . . . . . . . . . . . -55oC to +125oC
Operating Supply Voltage (
±VSUPPLY). . . . . . . . . . . . . . . . . . ±15V
Analog Input Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Logic Low Level (VAL) . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 0.8V
Logic High Level (VAH). . . . . . . . . . . . . . . . . . . . +4V to +VSUPPLY
Max RMS Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8mA
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device tested at +VSUPPLY = +15V. -VSUPPLY = -15V, VEN = 2.4V, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Leakage
Current
IIH
Measure Inputs Sequentially
GND All Unused Inputs
1, 2, 3
+25oC, +125oC,
-55oC
-1.0
1.0
µA
IIL
1, 2, 3
+25oC, +125oC,
-55oC
-1.0
1.0
µA
Leakage Current into
the Source Terminal of
an ‘‘OFF’’ Switch
+IS(OFF)
VS = +10V, VD = -10V,
VEN = 0.8V,
All Unused Inputs = -10V
1+25oC-10
+10
nA
2, 3
+125oC, -55oC-50
+50
nA
-IS(OFF)
VS = -10V, VD = +10V,
VEN = 0.8V
All Unused Inputs = +10V
1+25oC-10
+10
nA
2, 3
+125oC, -55oC-50
+50
nA
Leakage Current into
the Drain Terminal of
an “OFF” Switch
+ID(OFF)
VD = +10V,
VEN = 0.8V
All Unused
Inputs = -10V
HS-0506RH
HS-0507RH
1+25oC-10
+10
nA
HS-0506RH
2, 3
+125oC, -55oC
-300
+300
nA
HS-0507RH
2, 3
+125oC, -55oC
-200
+200
nA
-ID(OFF)
VD = -10V,
VEN = 0.8V
All Unused
Inputs = +10V
HS-0506RH
HS-0507RH
1+25oC-10
+10
nA
HS-0506RH
2, 3
+125oC, -55oC
-300
+300
nA
HS-0507RH
2, 3
+125oC, -55oC
-200
+200
nA
Leakage Current F
from an “ON” Driver
into the Switch (Drain)
+ID(ON)
VS = VD = +10V
All Unused
Inputs = 10V
HS-0506RH
HS-0507RH
1+25oC-10
+10
nA
HS-0506RH
2, 3
+125oC, -55oC
-300
+300
nA
HS-0507RH
2, 3
+125oC, -55oC
-200
+200
nA
-ID(ON)
VS = VD = -10V
All Unused
Inputs = +10V
HS-0506RH
HS-0507RH
1+25oC-10
+10
nA
HS-0506RH
2, 3
+125oC, -55oC
-300
+300
nA
HS-0507RH
2, 3
+125oC, -55oC
-200
+200
nA
Spec Number
518860


Similar Part No. - HS1-0506RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-0508RH-Q INTERSIL-HS1-0508RH-Q Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers
HS1-0509RH-Q INTERSIL-HS1-0509RH-Q Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers
More results

Similar Description - HS1-0506RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0508RH INTERSIL-HS-0508RH Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers
ISL71840SEH INTERSIL-ISL71840SEH Datasheet
1Mb / 27P
   Radiation Hardened 30V 16-Channel Analog Multiplexer
June 9, 2016
logo
Renesas Technology Corp
ISL71840SEH RENESAS-ISL71840SEH Datasheet
1Mb / 28P
   Radiation Hardened 30V 16-Channel Analog Multiplexer
Oct 24, 2022
logo
Intersil Corporation
HS-0546RH INTERSIL-HS-0546RH Datasheet
197Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0546RH INTERSIL-HS-0546RH_06 Datasheet
443Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH Datasheet
94Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-1840ARH-T INTERSIL-HS-1840ARH-T Datasheet
65Kb / 3P
   Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com