Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5666 Datasheet(PDF) 4 Page - Formosa MS

Part # 2SC5666
Description  2SC5666
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

2SC5666 Datasheet(HTML) 4 Page - Formosa MS

  2SC5666 Datasheet HTML 1Page - Formosa MS 2SC5666 Datasheet HTML 2Page - Formosa MS 2SC5666 Datasheet HTML 3Page - Formosa MS 2SC5666 Datasheet HTML 4Page - Formosa MS 2SC5666 Datasheet HTML 5Page - Formosa MS 2SC5666 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC5666
No.7352-4/6
S パラメータ(エミッタ接地)
VCE=1V, IC=1mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
100
0.973
--9.37
3.452
171.30
0.032
84.64
0.981
--6.86
200
0.959
--18.52
3.379
163.09
0.063
77.16
0.969
--13.36
400
0.920
--36.02
3.180
147.72
0.118
64.82
0.920
--25.40
600
0.870
--52.54
2.983
133.52
0.160
54.30
0.857
--36.21
800
0.809
--66.25
2.729
120.80
0.191
46.36
0.788
--45.12
1000
0.766
--79.65
2.257
109.78
0.213
39.67
0.736
--52.58
1200
0.710
--91.49
2.341
99.29
0.227
33.53
0.684
--59.58
1400
0.665
--101.98
2.127
89.83
0.234
29.19
0.646
--64.55
1600
0.624
--111.34
1.982
81.46
0.241
25.57
0.618
--69.64
1800
0.584
--119.75
1.850
73.70
0.242
23.60
0.592
--73.65
2000
0.547
--127.71
1.722
66.76
0.241
21.39
0.576
--77.85
2200
0.519
--134.50
1.627
59.90
0.242
19.82
0.556
--81.78
2400
0.497
--140.47
1.503
54.19
0.236
18.05
0.545
--83.82
2600
0.476
--147.99
1.439
49.22
0.235
18.66
0.537
--87.87
2800
0.456
--153.82
1.358
43.69
0.232
19.00
0.529
--91.11
3000
0.449
--160.19
1.311
39.62
0.234
20.75
0.526
--94.26
VCE=1V, IC=5mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
100
0.868
--20.41
12.043
163.10
0.030
78.85
0.927
--15.14
200
0.810
--39.31
11.132
148.63
0.056
68.05
0.855
--28.24
400
0.676
--70.04
8.818
126.73
0.091
55.91
0.688
--47.24
600
0.580
--93.06
7.015
111.29
0.110
49.19
0.559
--59.83
800
0.510
--108.65
5.644
100.66
0.124
46.95
0.472
--68.06
1000
0.476
--122.60
4.793
91.68
0.136
45.10
0.421
--74.33
1200
0.444
--133.21
4.110
84.27
0.146
45.28
0.379
--80.89
1400
0.422
--142.46
3.570
77.70
0.160
45.45
0.351
--84.60
1600
0.407
--150.73
3.197
71.90
0.172
44.75
0.336
--88.68
1800
0.390
--157.43
2.891
66.51
0.184
45.30
0.322
--92.79
2000
0.378
--164.63
2.631
61.53
0.198
44.74
0.317
--95.95
2200
0.366
--171.48
2.431
56.60
0.211
44.47
0.307
--99.98
2400
0.348
--176.15
2.230
52.36
0.220
43.18
0.292
--101.62
2600
0.345
177.81
2.110
48.75
0.233
43.72
0.297
--105.11
2800
0.335
172.40
1.972
44.29
0.249
42.73
0.292
--108.53
3000
0.338
167.48
1.877
40.82
0.264
42.60
0.288
--112.12
VCE=1V, IC=10mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
100
0.764
--29.84
18.265
156.65
0.028
74.42
0.874
--21.28
200
0.676
--54.78
15.535
138.81
0.048
63.90
0.754
--37.68
400
0.536
--90.44
10.885
116.45
0.075
55.09
0.546
--57.82
600
0.467
--113.60
8.066
102.71
0.091
52.85
0.427
--69.47
800
0.422
--128.36
6.297
93.75
0.106
53.04
0.355
--76.91
1000
0.411
--140.25
5.231
86.09
0.122
52.50
0.319
--82.75
1200
0.392
--149.73
4.441
79.76
0.136
52.76
0.290
--89.60
1400
0.382
--157.82
3.830
74.05
0.150
53.24
0.273
--92.78
1600
0.377
--164.52
3.419
69.03
0.167
52.21
0.264
--97.51
1800
0.367
--170.55
3.078
64.23
0.181
52.36
0.257
--100.85
2000
0.360
--176.92
2.791
59.58
0.199
51.67
0.258
--104.60
2200
0.354
177.02
2.576
55.23
0.213
50.42
0.250
--108.98
2400
0.337
172.42
2.363
51.24
0.229
49.07
0.240
--110.28
2600
0.341
167.28
2.225
47.94
0.244
48.69
0.243
--114.43
2800
0.333
162.15
2.085
43.63
0.259
47.55
0.242
--118.13
3000
0.341
158.12
1.974
40.45
0.275
46.58
0.241
--121.69


Similar Part No. - 2SC5666

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5661 ROHM-2SC5661 Datasheet
75Kb / 4P
   High-Frequency Amplifier Transistor (18V, 50mA, 1.5GHz)
2SC5661 ROHM-2SC5661 Datasheet
193Kb / 4P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC5661 ROHM-2SC5661 Datasheet
128Kb / 5P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC5661 ROHM-2SC5661 Datasheet
193Kb / 4P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC5661T2LP ROHM-2SC5661T2LP Datasheet
128Kb / 5P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com