Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM-6642883 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HM-6642883
Description  512 x 8 CMOS PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HM-6642883 Datasheet(HTML) 3 Page - Intersil Corporation

  HM-6642883 Datasheet HTML 1Page - Intersil Corporation HM-6642883 Datasheet HTML 2Page - Intersil Corporation HM-6642883 Datasheet HTML 3Page - Intersil Corporation HM-6642883 Datasheet HTML 4Page - Intersil Corporation HM-6642883 Datasheet HTML 5Page - Intersil Corporation HM-6642883 Datasheet HTML 6Page - Intersil Corporation HM-6642883 Datasheet HTML 7Page - Intersil Corporation HM-6642883 Datasheet HTML 8Page - Intersil Corporation HM-6642883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND-0.3V to VCC+0.3V
Typical Derating Factor . . . . . . . . . . . 5mA/MHz Increase in ICCOP
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range
. . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range . . . . . . . . . . . . . . . .-55°C to +125°C
Input Low Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.8V
Input High Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 2.4 to VCC+0.3V
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
SBDIP Package . . . . . . . . . . . . . . . . . .
52
14
Slim SBDIP . . . . . . . . . . . . . . . . . . . . .
70
19
CLCC Package . . . . . . . . . . . . . . . . . .
58
14
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +175°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1680 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
TABLE 1. HM-6642/883 DC ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Guaranteed and 100% Tested
PARAMETER
SYMBOL
(NOTES 1, 4)
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
(°C)
MIN
MAX
UNITS
High Level Output Voltage
VOH
VCC = 4.5V, IO = -1.0mA
1, 2, 3
-55
≤ TA ≤ +125
2.4
-
V
Low Level Output Voltage
VOL
VCC = 4.5V, IO = +3.2mA
1, 2, 3
-55
≤ TA ≤ +125
-
0.4
V
High Impedance Output
Leakage Current
IIOZ
VCC = 5.5V, G = 5.5V,
VI/O = GND or VCC
1, 2, 3
-55
≤ TA ≤ +125
-1.0
1.0
µA
Input Leakage Current
II
VCC = 5.5V, VI = GND or VCC,
P Not Tested
1, 2, 3
-55
≤ TA ≤ +125
-1.0
1.0
µA
Standby Supply Current
ICCSB
VI = VCC or GND, VCC = 5.5V,
IO = 0mA
1, 2, 3
-55
≤ TA ≤ +125
-
100
µA
Operating Supply Current
ICCOP
VCC = 5.5V, G = GND,
G = VCC, (Note 3), f = 1MHz,
IO = 0mA, VI = VCC or GND
1, 2, 3
-55
≤ TA ≤ +125
-
20
mA
Functional Test
FT
VCC = 4.5V (Note 5)
7, 8A, 8B
-55
≤ TA ≤ +125
-
-
-
TABLE 2. HM-6642/883 AC ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Guaranteed and 100% Tested
PARAMETER
SYMBOL
(NOTES 1, 2, 4)
CONDITIONS
GROUP A
SUB-
GROUPS
TEMPERATURE
(°C)
HM-6642B/883
HM-6642/883
UNITS
MIN
MAX
MIN
MAX
Address Access Time
TAVQV
VCC = 4.5V and 5.5V
9, 10, 11
-55
≤ TA ≤ +125
-
140
-
220
ns
Output Enable Access Time
TGVQV
VCC = 4.5V and 5.5V
9, 10, 11
-55
≤ TA ≤ +125
-
50
-
150
ns
Chip Enable Access Time
TELQV
VCC = 4.5V and 5.5V
9, 10, 11
-55
≤ TA ≤ +125
-
120
-
200
ns
Address Setup Time
TAVEL
VCC = 4.5V and 5.5V
9, 10, 11
-55
≤ TA ≤ +125
20
-
20
-
ns
Address Hold Time
TELAX
VCC = 4.5V and 5.5V
9, 10, 11
-55
≤ TA ≤ +125
25
-
60
-
ns
Chip Enable Low Width
TELEH
VCC = 4.5V and 5.5V
9, 10, 11
-55
≤ TA ≤ +125
120
-
200
-
ns
Chip Enable High Width
TEHEL
VCC = 4.5V and 5.5V
9, 10, 11
-55
≤ TA ≤ +125
40
-
150
-
ns
Read Cycle Time
TELEL
VCC = 4.5V and 5.5V
9, 10, 11
-55
≤ TA ≤ +125
160
-
350
-
ns
NOTES:
1. All voltages referenced to VSS.
2. A.C. measurements assume transition time < 5ns; input levels = 0.0V to 3.0V; timing reference levels = 1.5V; output load = 1TTL equivalent load
and CL
≅ 50pF.
3. Typical derating = 5mA/MHz increase in ICCOP.
4. All tests performed with P hardwired to GND.
5. Tested as follows: f = 1MHz, VIH = 2.4V, VIL = 0.8V, IOH = -1mA, IOL = +1mA, VOH
≥ 1.5V, VOL ≤ 1.5V.
HM-6642/883


Similar Part No. - HM-6642883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6642 INTERSIL-HM-6642 Datasheet
37Kb / 8P
   512 x 8 CMOS PROM
More results

Similar Description - HM-6642883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6642 INTERSIL-HM-6642 Datasheet
37Kb / 8P
   512 x 8 CMOS PROM
logo
Cypress Semiconductor
CY7C225 CYPRESS-CY7C225 Datasheet
186Kb / 9P
   512 x 8 Registered PROM
CY7C225A CYPRESS-CY7C225A_06 Datasheet
322Kb / 10P
   512 x 8 Registered PROM
logo
National Semiconductor ...
DM74S473 NSC-DM74S473 Datasheet
104Kb / 6P
   (512 x 8) 4096-Bit TTL PROM
November 1990
DM54S472 NSC-DM54S472 Datasheet
76Kb / 4P
   (512 x 8) 4096-Bit TTL PROM
DM74S475 NSC-DM74S475 Datasheet
232Kb / 4P
   512 x 8 4096-Bit TTL PROM
logo
Intel Corporation
M3604A INTEL-M3604A Datasheet
151Kb / 2P
   4K(512 x 8) HIGH-SPEED PROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617 Datasheet
91Kb / 7P
   2K x 8 CMOS PROM
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
   2K x 8 CMOS PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com