Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6601ECB-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP6601ECB-T
Description  Synchronous Rectified Buck MOSFET Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6601ECB-T Datasheet(HTML) 3 Page - Intersil Corporation

  HIP6601ECB-T Datasheet HTML 1Page - Intersil Corporation HIP6601ECB-T Datasheet HTML 2Page - Intersil Corporation HIP6601ECB-T Datasheet HTML 3Page - Intersil Corporation HIP6601ECB-T Datasheet HTML 4Page - Intersil Corporation HIP6601ECB-T Datasheet HTML 5Page - Intersil Corporation HIP6601ECB-T Datasheet HTML 6Page - Intersil Corporation HIP6601ECB-T Datasheet HTML 7Page - Intersil Corporation HIP6601ECB-T Datasheet HTML 8Page - Intersil Corporation HIP6601ECB-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Typical Application - 3 Channel Converter Using HIP6301 and HIP6601A Gate Drivers
+5V
BOOT
UGATE
PHASE
LGATE
PWM
VCC
+12V
+5V
BOOT
UGATE
PHASE
LGATE
PWM
VCC
PVCC
DRIVE
+12V
+5V
BOOT
UGATE
PHASE
LGATE
PWM
VCC
+12V
+VCORE
PGOOD
VID
FS
GND
ISEN3
ISEN2
ISEN1
PWM3
PWM2
PWM1
VSEN
MAIN
VFB
VCC
+5V
COMP
HIP6601A
CONTROL
HIP6301
PVCC
DRIVE
HIP6601A
PVCC
DRIVE
HIP6601A
HIP6601A, HIP6603A, HIP6604


Similar Part No. - HIP6601ECB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6601ECB-T RENESAS-HIP6601ECB-T Datasheet
489Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
August 2004
More results

Similar Description - HIP6601ECB-T

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com