Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6603ACB-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP6603ACB-T
Description  Synchronous Rectified Buck MOSFET Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6603ACB-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP6603ACB-T Datasheet HTML 3Page - Intersil Corporation HIP6603ACB-T Datasheet HTML 4Page - Intersil Corporation HIP6603ACB-T Datasheet HTML 5Page - Intersil Corporation HIP6603ACB-T Datasheet HTML 6Page - Intersil Corporation HIP6603ACB-T Datasheet HTML 7Page - Intersil Corporation HIP6603ACB-T Datasheet HTML 8Page - Intersil Corporation HIP6603ACB-T Datasheet HTML 9Page - Intersil Corporation HIP6603ACB-T Datasheet HTML 10Page - Intersil Corporation HIP6603ACB-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
be performed to ensure safe operation at the desired
frequency for the selected MOSFETs. The power dissipated
by the driver is approximated as:
where fsw is the switching frequency of the PWM signal. VU
and VL represent the upper and lower gate rail voltage. QU
and QL is the upper and lower gate charge determined by
MOSFET selection and any external capacitance added to
the gate pins. The IDDQ VCC product is the quiescent power
of the driver and is typically 30mW.
The power dissipation approximation is a result of power
transferred to and from the upper and lower gates. But, the
internal bootstrap device also dissipates power on-chip
during the refresh cycle. Expressing this power in terms of
the upper MOSFET total gate charge is explained below.
The bootstrap device conducts when the lower MOSFET or
its body diode conducts and pulls the PHASE node toward
GND. While the bootstrap device conducts, a current path is
formed that refreshes the bootstrap capacitor. Since the
upper gate is driving a MOSFET, the charge removed from
the bootstrap capacitor is equivalent to the total gate charge
of the MOSFET. Therefore, the refresh power required by
the bootstrap capacitor is equivalent to the power used to
charge the gate capacitance of the MOSFET.
where QLOSS is the total charge removed from the bootstrap
capacitor and provided to the upper gate load.
The 1.05 factor is a correction factor derived from the
following characterization. The base circuit for characterizing
the drivers for different loading profiles and frequencies is
provided. CU and CL are the upper and lower gate load
capacitors. Decoupling capacitors [0.15
µF] are added to the
PVCC and VCC pins. The bootstrap capacitor value is
0.01
µF.
In Figure 1, CU and CL values are the same and frequency
is varied from 50kHz to 2MHz. PVCC and VCC are tied
together to a +12V supply. Curves do exceed the 800mW
cutoff, but continuous operation above this point is not
recommended.
Figure 2 shows the dissipation in the driver with 3nF loading
on both gates and each individually. Note the higher upper
gate power dissipation which is due to the bootstrap device
refresh cycle. Again PVCC and VCC are tied together and to
a +12V supply.
Test Circuit
The impact of loading on power dissipation is shown in
Figure 3. Frequency is held constant while the gate
capacitors are varied from 1nF to 5nF. VCC and PVCC are
tied together and to a +12V supply. Figures 4 through 6
show the same characterization for the HIP6603A with a
+5V supply on PVCC and VCC tied to a +12V supply.
P1.05f
sw
3
2
---V
UQU
V
LQL
+


I
DDQ VCC
+
=
P
REFRESH
1
2
---f
SWQLOSS
V
PVCC
1
2
---f
SWQU
V
U
==
BOOT
UGATE
PHASE
LGATE
PWM
PVCC
GND
VCC
0.15
µF
0.15
µF
100k
2N7002
2N7002
0.01
µF
CL
CU
+5V OR +12V
+12V
+5V OR +12V
FIGURE 1. POWER DISSIPATION vs FREQUENCY
1000
800
600
400
200
0
500
1000
1500
2000
FREQUENCY (kHz)
CU = CL = 3nF
VCC = PVCC = 12V
CU = CL = 1nF
CU = CL = 2nF
CU = CL = 4nF
CU = CL = 5nF
FIGURE 2. 3nF LOADING PROFILE
1000
800
600
400
200
0
500
1000
1500
2000
FREQUENCY (kHz)
CU = CL = 3nF
VCC = PVCC = 12V
CU = 3nF
CU = 0nF
CL = 0nF
CL = 3nF
HIP6601A, HIP6603A, HIP6604


Similar Part No. - HIP6603ACB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6603ACB-T RENESAS-HIP6603ACB-T Datasheet
489Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
August 2004
More results

Similar Description - HIP6603ACB-T

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com