Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM-6516883 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HM-6516883
Description  2K x 8 CMOS RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HM-6516883 Datasheet(HTML) 8 Page - Intersil Corporation

  HM-6516883 Datasheet HTML 1Page - Intersil Corporation HM-6516883 Datasheet HTML 2Page - Intersil Corporation HM-6516883 Datasheet HTML 3Page - Intersil Corporation HM-6516883 Datasheet HTML 4Page - Intersil Corporation HM-6516883 Datasheet HTML 5Page - Intersil Corporation HM-6516883 Datasheet HTML 6Page - Intersil Corporation HM-6516883 Datasheet HTML 7Page - Intersil Corporation HM-6516883 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
180
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
Die Characteristics
DIE DIMENSIONS:
186.6 x 199.6 x 19
±1mils
METALLIZATION:
Type: Si - Al
Thickness: 9k
Å - 13kÅ
GLASSIVATION:
Type: SiO2
Thickness: 7k
Å
±9kÅ
WORST CASE CURRENT DENSITY:
0.5 x 105 A/cm2
Metallization Mask Layout
HM-6516/883
A3 A4
A5
A6
A7
VCC
A8
A9
W
G A10
A1
A0
DQ0
DQ1
DQ2 GND DQ3
DQ4
DQ5
DQ6
DQ7
E
A2
HM-6516/883


Similar Part No. - HM-6516883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6516 INTERSIL-HM-6516 Datasheet
31Kb / 6P
   2K x 8 CMOS RAM
logo
Renesas Technology Corp
HM-6516 RENESAS-HM-6516 Datasheet
84Kb / 6P
   2K x 8 CMOS RAM
March 1997
logo
Intersil Corporation
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
   2K x 8 Asynchronous CMOS Static RAM
HM-65162/883 INTERSIL-HM-65162/883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
More results

Similar Description - HM-6516883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6516 INTERSIL-HM-6516 Datasheet
31Kb / 6P
   2K x 8 CMOS RAM
logo
Renesas Technology Corp
HM-6516 RENESAS-HM-6516 Datasheet
84Kb / 6P
   2K x 8 CMOS RAM
March 1997
logo
TEMIC Semiconductors
M67132 TEMIC-M67132 Datasheet
707Kb / 15P
   2K X 8 CMOS DUAL PORT RAM
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
   2K x 8 Asynchronous CMOS Static RAM
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
   2K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com