Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962H8957701VYC Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 5962H8957701VYC
Description  BCRTM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962H8957701VYC Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 5962H8957701VYC Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962H8957701VYC Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962H8957701VYC Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962H8957701VYC Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962H8957701VYC Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962H8957701VYC Datasheet HTML 11Page - List of Unclassifed Manufacturers 5962H8957701VYC Datasheet HTML 12Page - List of Unclassifed Manufacturers 5962H8957701VYC Datasheet HTML 13Page - List of Unclassifed Manufacturers 5962H8957701VYC Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
BCRTM-10
NAME
TYPE
ACTIVE
DESCRIPTION
TAO
14
L2
TO
TAZ
13
K3
TO
TBO
18
K6
TO
--
--
--
TBZ
17
L4
TO
--
BIPHASE OUTPUTS
Transmit Channel A One. This is the Manchester-encoded
true output to be connected to the Channel A bus transmitter
input. This signal is idle low.
Transmit Channel A Zero. This is the Manchester-encoded
complementary output to be connected to the Channel A bus
transmitter input. This signal is idle low.
Transmit Channel B One. This is the Manchester-
encoded true output to be connected to the Channel B bus
transmitter input. This signal is idle low.
Transmit Channel B Zero. This is the Manchester-encoded
complementary output to be connected to the Channel B bus
transmitter input. This signal is idle low.
PIN NUMBER
LCC
PGA
56
A10
ZL
57
67
58
A9
B5
B8
AL
AL
ZL
TTO
TI
TO
TTO
NAME
TYPE
ACTIVE
DESCRIPTION
DMA SIGNALS
55
B9
TO
AL
BURST
74
A1
TO
AH
DMA Request. The BCRTM issues this signal when access to
RAM is required. It goes inactive after receiving a DMAG
signal.
DMAR
DMAG
DMAGO
DMACK
TSCTL
DMA Grant Out. If DMAG is received but not needed, it
passes through to this output.
DMA Acknowledge. The BCRTM asserts this signal to confirm
receipt of DMAG, it stays low until memory access is complete.
PIN NUMBER
LCC
PGA
DMA Grant. This input to the BCRTM allows the
BCRT to access RAM. It is recognized 45ns before the rising
edge of MCLKD2.
Three-State Control. This signal indicates when the
BCRTM is actually accessing memory. The host subsystem’s
address and data lines must be in the high-impedance state when
the signals active. This signal assists in placing the external data
and address buffers into the high-impedance state.
Burst (DMA Cycle). This indicates that the current
DMA cycle transfers at least two words; worst case is five words
plus a “dummy” word.


Similar Part No. - 5962H8957701VYC

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5962H9563801QQA AEROFLEX-5962H9563801QQA Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962H9563801QQC AEROFLEX-5962H9563801QQC Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962H9563801QQX AEROFLEX-5962H9563801QQX Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
5962H9563801QQYA ETC2-5962H9563801QQYA Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
5962H9563801QQYC ETC2-5962H9563801QQYC Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com