Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6602 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP6602
Description  Dual Channel Synchronous-Rectified Buck MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6602 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP6602 Datasheet HTML 1Page - Intersil Corporation HIP6602 Datasheet HTML 2Page - Intersil Corporation HIP6602 Datasheet HTML 3Page - Intersil Corporation HIP6602 Datasheet HTML 4Page - Intersil Corporation HIP6602 Datasheet HTML 5Page - Intersil Corporation HIP6602 Datasheet HTML 6Page - Intersil Corporation HIP6602 Datasheet HTML 7Page - Intersil Corporation HIP6602 Datasheet HTML 8Page - Intersil Corporation HIP6602 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Typical Application - 4 Channel Converter Using a HIP6303 and HIP6602 Gate Driver
MAIN
CONTROL
HIP6303
FB
+5V
COMP
PWM1
PWM2
ISEN2
PWM3
PWM4
ISEN4
VSEN
FS/DIS
ISEN1
ISEN3
GND
BOOT2
UGATE2
PHASE2
LGATE2
BOOT1
UGATE1
PHASE1
LGATE1
PWM1
PVCC
+5V/12V
VCC
DUAL
DRIVER
HIP6602
BOOT4
UGATE4
PHASE4
LGATE4
BOOT3
UGATE3
PHASE3
LGATE3
PWM3
PVCC
VCC
DUAL
DRIVER
HIP6602
VCC
+VCORE
PWM2
PWM4
EN
VID
PGOOD
+12V
+12V
+12V
+12V
+12V
+5V/12V
+12V
PGND
GND
PGND
GND
HIP6602


Similar Part No. - HIP6602

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Intersil Corporation
HIP6602ACB INTERSIL-HIP6602ACB Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602ACB RENESAS-HIP6602ACB Datasheet
602Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
More results

Similar Description - HIP6602

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
   DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Renesas Technology Corp
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9607 RICHTEK-RT9607 Datasheet
331Kb / 15P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
   Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
logo
Richtek Technology Corp...
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
   High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com