Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H1114I Datasheet(PDF) 3 Page - Intersil Corporation

Part # H1114I
Description  850MHz Video Cable Driving Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

H1114I Datasheet(HTML) 3 Page - Intersil Corporation

  H1114I Datasheet HTML 1Page - Intersil Corporation H1114I Datasheet HTML 2Page - Intersil Corporation H1114I Datasheet HTML 3Page - Intersil Corporation H1114I Datasheet HTML 4Page - Intersil Corporation H1114I Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
POWER SUPPLY CHARACTERISTICS
Supply Voltage Range
Full
±4.5
-
±5.5
V
Supply Current
25
-
21
26
mA
Full
-
-
33
mA
AC CHARACTERISTICS
-3dB Bandwidth (VOUT = 0.2VP-P)AV = -1
25
-
800
-
MHz
AV = +1
25
-
850
-
MHz
AV = +2
25
-
550
-
MHz
Slew Rate (VOUT = 5VP-P)AV = -1
25
-
2400
-
V/
µs
AV = +1
25
-
1500
-
V/
µs
AV = +2
25
-
1900
-
V/
µs
Full Power BW
5VP-P, AV = +2
25
-
220
-
MHz
Gain Flatness
To 30MHz, AV = +2
25
-
±0.015
-
dB
Gain Flatness
To 100MHz, AV = +2
25
-
±0.07
-
dB
2nd Harmonic Distortion
50MHz, VOUT = 2VP-P
25
-
-53
-
dBc
3rd Harmonic Distortion
50MHz, VOUT = 2VP-P
25
-
-68
-
dBc
3rd Order Intercept
100MHz, AV = +2
25
-
28
-
dBm
1dB Compression
100MHz, AV = +2
25
-
19
-
dBm
Rise Time (VOUT = 0.5V Step)
AV = +2
25
-
700
-
ps
AV = +1
25
-
480
-
ps
Overshoot
VOUT = 0.5V Step, AV = +2
25
-
6
-
%
0.1% Settling Time
VOUT = 2V to 0V
25
-
11
-
ns
0.05% Settling Time
VOUT = 2V to 0V
25
-
15
-
ns
Overdrive Recovery Time
25
-
8.5
-
ns
Differential Gain
AV = +1, 3.58MHz, RL = 150Ω
25
-
0.03
-
%
AV = +2, 3.58MHz, RL = 150Ω
25
-
0.02
-
%
Differential Phase
AV = +1, 3.58MHz, RL = 150Ω
25
-
0.05
-
Degrees
AV = +2, 3.58MHz, RL = 150Ω
25
-
0.04
-
Degrees
Electrical Specifications VSUPPLY = ±5V, AV = +1, RL = 100Ω, Unless Otherwise Specified (Continued)
PARAMETER
TEST
CONDITIONS
TEMP.
(oC)
MIN
TYP
MAX
UNITS
HFA1114


Similar Part No. - H1114I

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1114 PULSE-H1114 Datasheet
186Kb / 4P
   10/100BASE-TX DUAL PORT TRANSFORMER MODULES
H1114NL PULSE-H1114NL Datasheet
186Kb / 4P
   10/100BASE-TX DUAL PORT TRANSFORMER MODULES
H1114NL PULSE-H1114NL Datasheet
184Kb / 4P
   10/100BASE-TX DUAL PORT TRANSFORMER MODULES
H1114NL PULSE-H1114NL Datasheet
184Kb / 4P
   10/100BASE-TX DUAL PORT TRANSFORMER MODULES
More results

Similar Description - H1114I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1114 INTERSIL-HFA1114 Datasheet
42Kb / 5P
   850MHz Video Cable Driving Buffer
November 1996
logo
Renesas Technology Corp
HFA1114 RENESAS-HFA1114 Datasheet
350Kb / 5P
   850MHz Video Cable Driving Buffer
September 2004
logo
Intersil Corporation
HFA1112IPZ INTERSIL-HFA1112IPZ Datasheet
488Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112 INTERSIL-HFA1112_05 Datasheet
481Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112IP INTERSIL-HFA1112IP Datasheet
484Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
July 27, 2005
HFA-1112IP INTERSIL-HFA-1112IP Datasheet
488Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Renesas Technology Corp
HFA1112 RENESAS-HFA1112 Datasheet
814Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Intersil Corporation
HFA1112 INTERSIL-HFA1112 Datasheet
243Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Rohm
BU9797FUV-M ROHM-BU9797FUV-M Datasheet
803Kb / 28P
   Integrated Buffer AMP for LCD Driving
BU9797FUV ROHM-BU9797FUV Datasheet
662Kb / 28P
   Integrated Buffer AMP for LCD Driving
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com