Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI3-7152J-5 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HI3-7152J-5
Description  10-Bit High Speed A/D Converter with Track and Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-7152J-5 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HI3-7152J-5 Datasheet HTML 7Page - Intersil Corporation HI3-7152J-5 Datasheet HTML 8Page - Intersil Corporation HI3-7152J-5 Datasheet HTML 9Page - Intersil Corporation HI3-7152J-5 Datasheet HTML 10Page - Intersil Corporation HI3-7152J-5 Datasheet HTML 11Page - Intersil Corporation HI3-7152J-5 Datasheet HTML 12Page - Intersil Corporation HI3-7152J-5 Datasheet HTML 13Page - Intersil Corporation HI3-7152J-5 Datasheet HTML 14Page - Intersil Corporation HI3-7152J-5 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
6-11
Slow Memory Mode
In slow memory mode, the conversion will be initiated by the
microprocessor by selecting the chip (CS) and pulsing WR
low. This mode is selected by hardwiring the SMODE pin to
V+. This mode is intended for use with microprocessors
(such as the 8086) which can be forced into a WAIT state.
For example, in configuration where the BUSY output is tied
to the 8086 READY input, an attempt to read the data before
the conversion is complete will force the processor into a
WAIT state until BUSY goes high, at which time the data at
the output is valid. This resembles a 5
µs access time RAM.
It allows the processor to initiate a conversion, WAIT, and
READ data with a single READ instruction. When the 8-bit
bus operation is selected, high and low byte data may be
accessed in either order. An I/O truth table is presented in
Table 2 for the slow memory mode of operation.
Fast Memory Mode
The fast memory mode of operation is selected by tying the
SMODE and WR pins to DG. In this mode, the chip performs
continuous conversions and only CS and RD are required to
read the data. Whenever the SMODE pin is low, WR is
independent of CS in starting a conversion cycle. During the
first conversion cycle, HOLD follows WR going low.
Data can be read a byte at a time or all 11 bits at once. The
internal logic disables the output latches from being updated
during a read after the high byte data is accessed. It will
continue to be disabled until after the low byte data is
accessed. THEREFORE, WHEN 8-BIT BUS OPERATION
IS SELECTED, THE DATA MUST BE ACCESSED HIGH
BYTE FIRST, LOW BYTE NEXT. If the low byte is accessed
first followed by high byte, the results from the next conver-
sion cycle will be lost because the updating of the output
latch is disabled. BUSY is continuously low when accessed
with a read command in this mode. An I/O truth table is pre-
sented in Table 3 for the fast memory mode of operation.
The data can be defined in time by monitoring the HOLD pin.
The conversion data can be read after HOLD has gone low.
DMA Mode
This mode is a complete hardware mode where the HI-7152
continuously converts. The user implements hardware to
store the results in memory, bypassing the microprocessor.
This mode is recognized by the chip when SMODE is
hardwired to V+ and CS, RD, WR are hardwired to DG.
When 8-bit bus operation is selected, high and low byte data
may be accessed in either order. BUSY is continuously low
when accessed with a read command in this mode. An I/O
truth table is presented in Table 4 for the DMA mode of
operation.
Optimizing System Performance
The HI-7152 has three ground pins (AG, DG, GND) for
improved system accuracy. Proper grounding and bypassing
is illustrated in Figure 4. The AG pin is a ground pin that
does not carry any current and is used internally as a refer-
ence ground. The reference input and analog input should
be referenced to the analog ground (AG) pin. The digital
inputs and outputs should be referenced to the digital ground
(DG) pin. The GND pin is a return point for the supply current
of the comparator array. The comparator array is designed
such that this current is approximately constant at all times
and does not vary with input voltage. By virtue of the
switched capacitor nature of the comparators, it is necessary
to hold GND firmly at zero volts at all times. Therefore, the
system ground star connection should be located as close to
this pin as possible.
TABLE 2. SLOW MEMORY MODE I/O TRUTH TABLE
(SMODE = V+)
CS
WR
RD
BUS HBE
FUNCTION
0
0
X
X
X
Initiates a Conversion.
1
XXXX
Disables All Chip Commands.
0
X
0
1
X
D0 - D9 and OVR Enabled.
0
X
0
0
0
Low Byte Enabled: D0 - D7.
0
X
0
0
1
High Byte Enabled: D8 - D9,
OVR.
X
X
1
X
X
Disables all Outputs
(High Impedance).
NOTE: X = Don’t Care
TABLE 3. FAST MEMORY MODE I/O TRUTH TABLE
(SMODE = DG)
CS
WR
RD
BUS HBE
FUNCTION
X
0
X
X
X
Continuous Conversion, WR
may be Tied to DG.
1
XXXX
Disables Only the RD Command.
0
X
0
1
X
D0 - D9 and OVR Enabled.
0
X
0
0
1
High Byte Enabled: D8 - D9,
OVR (Enable 1st).
0
X
0
0
0
Low Byte Enabled: D0 - D7
(Must Enable 2nd).
X
X
1
X
X
Disables All Outputs
(High Impedance).
NOTE: X = Don’t Care
TABLE 4. DMA MODE I/O TRUTH TABLE
(SMODE = V+, CS = WR, RD = DG)
BUS
HBE
FUNCTION
1
X
D0 - D9 and OVR Enabled.
0
0
Low Byte Enabled: D0 - D7.
0
1
High Byte Enabled: D8 - D9, OVR.
NOTE: X = Don’t Care
HI-7152


Similar Part No. - HI3-7152J-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-7151A-9 INTERSIL-HI3-7151A-9 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI3-7151B-9 INTERSIL-HI3-7151B-9 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI3-7151J-5 INTERSIL-HI3-7151J-5 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI3-7151K-5 INTERSIL-HI3-7151K-5 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI3-7153A-9 INTERSIL-HI3-7153A-9 Datasheet
977Kb / 17P
   8-Channel, 10-Bit High Speed Sampling A/D Converter
More results

Similar Description - HI3-7152J-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-7151 INTERSIL-HI-7151 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
National Semiconductor ...
ADC1061 NSC-ADC1061 Datasheet
320Kb / 11P
   10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Maxim Integrated Produc...
MAX150 MAXIM-MAX150 Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N_14 Datasheet
1Mb / 29P
[Old version datasheet]    8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com