Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI3-7151K-5 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI3-7151K-5
Description  10-Bit, High Speed, A/D Converter with Track and Hold
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-7151K-5 Datasheet(HTML) 1 Page - Intersil Corporation

  HI3-7151K-5 Datasheet HTML 1Page - Intersil Corporation HI3-7151K-5 Datasheet HTML 2Page - Intersil Corporation HI3-7151K-5 Datasheet HTML 3Page - Intersil Corporation HI3-7151K-5 Datasheet HTML 4Page - Intersil Corporation HI3-7151K-5 Datasheet HTML 5Page - Intersil Corporation HI3-7151K-5 Datasheet HTML 6Page - Intersil Corporation HI3-7151K-5 Datasheet HTML 7Page - Intersil Corporation HI3-7151K-5 Datasheet HTML 8Page - Intersil Corporation HI3-7151K-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
December 1997
HI-7151
10-Bit, High Speed, A/D Converter
with Track and Hold
Features
• Conversion Time . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
µs
• Continuous Throughput Rate . . . . . . . . . . . . . . . 100kHz
• No Offset or Gain Adjustments Necessary
• Internal Track and Hold Amplifier
• Analog and Reference Inputs Fully Buffered
µP Compatible Byte Organized Outputs
• Low Power Consumption . . . . . . . . . . . . . . . . . . 150mW
• Uses a Single 2.5V Reference for
±2.5 V Input Range
Applications
µP Controlled Data Acquisition Systems
•DSP
- Avionics
- Sonar
• Process Control
- Automotive Transducer Sensing
- Industrial
• Robotics
• Digital Communications
• Image Processing
Description
The Intersil HI-7151 is a high speed 10-bit A/D converter
which uses a 2-Step Flash algorithm to achieve throughput
rates of 100kHz. A unique switched capacitor technique
allows a new input voltage to be sampled while a conversion
is taking place.
A Track and Hold amplifier is included on the chip, consisting
of two high speed amplifiers and an internal hold capacitor.
Microprocessor bus interfacing is simplified by the use of
standard Chip Select, Read, and Write control signals. The
digital three-state outputs are byte organized for interfacing
the either 8- or 16-bit systems. An Over-Range pin, together
with the MSB, can be used to indicate an out-of-range
condition.
The HI-7151 operates with
±5V supplies. A single +2.5V
reference is required to provide a bipolar input range from
-2.5V to +2.5V.
Internal high speed CMOS buffers at both the analog and
reference inputs simplify external drive requirements.
Pinout
HI-7151
(PDIP, CERDIP)
TOP VIEW
Ordering Information
PART
NUMBER
LINEARITY
(MAX. DLE)
TEMP.
RANGE (oC)
PACKAGE
HI3-7151J-5
±1 LSB
0 to 75
28 Ld PDIP
HI3-7151K-5
±1/2 LSB
0 to 75
28 Ld PDIP
HI3-7151A-9
±1 LSB
0 to 85
28 Ld PDIP
HI3-7151B-9
±1/2 LSB
0 to 85
28 Ld PDIP
HI1-7151S-2
±1 LSB
-55 to 125
28 Ld CERDIP
HI1-7151T-2
±1/2 LSB
-55 to 125
28 Ld CERDIP
GND
V-
VREF
AG
VIN
SET
BUSY
CLK
HOLD
WR
CS
RD
SMODE
DG
V+
D9
D8
D7
D6
D4
D2
D1
D0
HBE
BUS
OVR
D5
D3
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
File Number
3099.1
NOT
REC
OMM
END
ED F
OR N
EW D
ESIG
NS


Similar Part No. - HI3-7151K-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-7152A-9 INTERSIL-HI3-7152A-9 Datasheet
829Kb / 16P
   10-Bit High Speed A/D Converter with Track and Hold
HI3-7152B-9 INTERSIL-HI3-7152B-9 Datasheet
829Kb / 16P
   10-Bit High Speed A/D Converter with Track and Hold
HI3-7152J-5 INTERSIL-HI3-7152J-5 Datasheet
829Kb / 16P
   10-Bit High Speed A/D Converter with Track and Hold
HI3-7152K-5 INTERSIL-HI3-7152K-5 Datasheet
829Kb / 16P
   10-Bit High Speed A/D Converter with Track and Hold
HI3-7153A-9 INTERSIL-HI3-7153A-9 Datasheet
977Kb / 17P
   8-Channel, 10-Bit High Speed Sampling A/D Converter
More results

Similar Description - HI3-7151K-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-7152 INTERSIL-HI-7152 Datasheet
829Kb / 16P
   10-Bit High Speed A/D Converter with Track and Hold
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
National Semiconductor ...
ADC1061 NSC-ADC1061 Datasheet
320Kb / 11P
   10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Maxim Integrated Produc...
MAX150 MAXIM-MAX150 Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N_14 Datasheet
1Mb / 29P
[Old version datasheet]    8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com