Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2570Q Datasheet(PDF) 7 Page - Intersil Corporation

Part # CXD2570Q
Description  1-Bit AD/DA Converter For Audio Application
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CXD2570Q Datasheet(HTML) 7 Page - Intersil Corporation

  CXD2570Q Datasheet HTML 1Page - Intersil Corporation CXD2570Q Datasheet HTML 2Page - Intersil Corporation CXD2570Q Datasheet HTML 3Page - Intersil Corporation CXD2570Q Datasheet HTML 4Page - Intersil Corporation CXD2570Q Datasheet HTML 5Page - Intersil Corporation CXD2570Q Datasheet HTML 6Page - Intersil Corporation CXD2570Q Datasheet HTML 7Page - Intersil Corporation CXD2570Q Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Description of Functions
1. Serial data interface
[Related pins] LRCK, BCK, SOUT, SIN, MASL, MLSL
The serial data format is common for both SIN (DA converter
input) and SOUT (AD converter output), consisting of two
channels per sampling serial data represented by 2’s com-
plement. Each channel is divided into 32-bit slots, of which
16 bits are handled as data.
MASL is used to select whether the 16 bits of valid data is
placed in the first or the last half of the 32-bit slots.
Similarly, MLSL is used to select whether the serial data is
arranged at MSB first of LSB first.
2. Master mode/slave mode
[Related pins] MS, LRCK, BCK
When using the CXD2570Q in multiple units or in a pair with
DA converter such as the CXD2558M, one of these
CXD2570Qs should be in the master mode to serve as the
source of clocks LRCK and BCK.
The other ICs including CXD2570Qs are used in the slave
mode, with their clocks LRCK and BCK supplied by the mas-
ter CXD2570Q.
3. Crystal oscillator frequency selection (FS = 16kHz to
48kHz)
[Related pins] XTLI, XTLO, XSL0, XSL1, XSL2, UCLK,
XCLK
By setting a combination of XSL0 and XSL1, with XSL2 fixed
low, the frequency of the external crystal oscillator con-
nected to XTLI and XTLO can be selected. In this case,
XCLK outputs a clock whose frequency is always 256 times
Fs, and UCLK outputs a clock that is half the crystal oscilla-
tor frequency.
When supplying the master clock from some other external
source, not a crystal oscillator, use XTLI for this clock input
and leave XTLO open.
*The CXD2555Q, which has the same pin configuration with
this IC is recommended when using only Fs = 32kHz to
48kHz.
4. Crystal oscillator frequency selection (FS = 8kHz to
16kHz)
[Related pins] XTLI, XTLO, XSL0, XSL1, XSL2, UCLK,
XCLK
With XSL2 fixed High, the device can be operated with low-
Fs frequencies. In this case, the frequency of the crystal
oscillator can be selected by setting a combination of XSL0
and XSL1 accordingly.
5. A/D converter input level
Any desired input level VIN (m . 0.1Vrms) can be selected by
adjusting RIN to generate the full-scale output of the AD con-
verter.
VIN generation of full-scale output varies with the products,
and calculate the VIN maximum level (approximately -3dB
below the full-scale) using the following equation to input the
signal.
(1) Fs = 16kHz to 48kHz (XSL2 = Low)
RIN = 1230 ⋅ VIN [Vrms] -1200 (Ω)
(2) Fs = 8 to 16kHz (XSL2 = High)
RIN = 26600 ⋅ VIN [Vrms] -1200 (Ω)
6. D/A converter output level
To change the D/A converter output level, adjust R15, R17,
R30 and R32 in Application Circuit on page.
Channel Separation
1kHz, 0dB
100
dB
Gain Difference Between Channels
0.05
dB
Output Level
RL = 3.9kW
1.80
1.93
2.10
Vrms
Analog Characteristics AVDD1 = AVDD2 = AVDD3 = AVDD4 = XVDD = DVDD = 5.0V ± 10%, AVSS1 = AVSS2 = AVSS3 = AVSS4 =
XVSS = DVSS = 0V, TA = 25oC (Continued)
ITEM
CONDITIONS
MIN.
TYP.
MAX.
UNIT
MASL
MLSL
High
Frontward truncation
High
MSB first
Low
Rearward truncation
Low
LSB first
MS
MODE
LRCK AND BCK I/O
High
Master mode
Output
Low
Slave mode
Input
XSL2
XSL1
XSL0
CRYSTAL
OSCILLATOR
FREQUENCY
XCLK
UCLK
L
L
L
256Fs
256Fs
128Fs
L
L
H
512Fs
256Fs
256Fs
L
H
L
768Fs
256Fs
384Fs
L
H
H
1024Fs
256Fs
512Fs
XSL2
XSL1
XSL0
CRYSTAL
OSCILLATOR
FREQUENCY*
XCLK
UCLK
H
L
L
512Fs
512Fs
256Fs
HL
H
H
H
L
1024Fs
512Fs
512Fs
HH
H
HI2570, CXD2570


Similar Part No. - CXD2570Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2500AQ SONY-CXD2500AQ Datasheet
1Mb / 45P
   CD DIGITAL SIGNAL PROCESSOR
CXD2500AQZ SONY-CXD2500AQZ Datasheet
1Mb / 45P
   CD DIGITAL SIGNAL PROCESSOR
CXD2500BQ SONY-CXD2500BQ Datasheet
670Kb / 48P
   CD Digital Signal Processor
CXD2507AQ SONY-CXD2507AQ Datasheet
375Kb / 38P
   CD Digital Signal Processor
CXD2508AQ SONY-CXD2508AQ Datasheet
858Kb / 49P
   CD Digital Signal Processor
More results

Similar Description - CXD2570Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2555 INTERSIL-HI2555 Datasheet
758Kb / 11P
   1-Bit, AD/DA Converter For Audio Application
logo
Toshiba Semiconductor
TC9287AF TOSHIBA-TC9287AF Datasheet
541Kb / 15P
   2 CHANNEL 1BIT AD/DA CONVERTER FOR AUDIO
2000-03-01
logo
Fujitsu Component Limit...
MB40166 FUJITSU-MB40166 Datasheet
697Kb / 20P
   AD/DA CONVERTER
logo
Intersil Corporation
HI2559 INTERSIL-HI2559 Datasheet
669Kb / 11P
   1-Bit D/A Converter For Audio Application
logo
Analog Devices
AD7570 AD-AD7570_15 Datasheet
3Mb / 12P
   10-Bit Monolithic AD Converter
logo
Asahi Kasei Microsystem...
AK5482 AKM-AK5482 Datasheet
73Kb / 13P
   10 BIT 20MHZ AD CONVERTER
logo
List of Unclassifed Man...
AD7819YR-REEL7 ETC2-AD7819YR-REEL7 Datasheet
34Kb / 1P
   8-BIT SAMPLING AD CONVERTER
logo
Analog Devices
AD574AJN AD-AD574AJN Datasheet
781Kb / 12P
   Complete 12-bit AD Converter
REV. B
logo
KODENSHI_AUK CORP.
TPSMD02-1 KODENSHI-TPSMD02-1 Datasheet
233Kb / 2P
   AD converter bit count 10Bit
logo
Toshiba Semiconductor
TC9250F TOSHIBA-TC9250F Datasheet
300Kb / 9P
   16 BIT RESISTER STRINGS DA CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com