Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA7-0005-9 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HFA7-0005-9
Description  High Slew Rate Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA7-0005-9 Datasheet(HTML) 2 Page - Intersil Corporation

  HFA7-0005-9 Datasheet HTML 1Page - Intersil Corporation HFA7-0005-9 Datasheet HTML 2Page - Intersil Corporation HFA7-0005-9 Datasheet HTML 3Page - Intersil Corporation HFA7-0005-9 Datasheet HTML 4Page - Intersil Corporation HFA7-0005-9 Datasheet HTML 5Page - Intersil Corporation HFA7-0005-9 Datasheet HTML 6Page - Intersil Corporation HFA7-0005-9 Datasheet HTML 7Page - Intersil Corporation HFA7-0005-9 Datasheet HTML 8Page - Intersil Corporation HFA7-0005-9 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Specifications HFA-0005
Absolute Maximum Ratings (Note 1)
Operating Conditions
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . 12V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Input Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±4V
Output Current
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±60mA
Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Junction Temperature (Plastic Packages) . . . . . . . . . . . . . . +150oC
Lead Temperature (Soldering 10 Sec.) . . . . . . . . . . . . . . . . . 300
oC
Operating Temperature Range
HFA-0005-9 . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC
≤ T
A ≤ +85
oC
HFA-0005-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC
≤ T
A ≤ +75
oC
Storage Temperature Range . . . . . . . . . . . . . -65
oC
≤ T
A ≤ +150
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
V+ = +5V, V- = -5V, Unless Otherwise Specified
PARAMETERS
TEMP
HFA-0005-9
HFA-0005-5
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
INPUT CHARACTERISTICS
Offset Voltage
+25
oC-
6
15
-
6
30
mV
Full
-
11
45
-
11
35
mV
Average Offset Voltage Drift
Full
-
100
-
-
100
-
µV/oC
Bias Current
+25
oC
-
15
50
-
15
100
µA
Full
-
20
50
-
20
100
µA
Offset Current
+25oC-
6
25
-
6
50
µA
Full
-
12
50
-
12
50
µA
Common Mode Range
Full
±3-
-
±3-
-
V
Differential Input Resistance
+25oC
-
10
-
-
10
-
k
Input Capacitance
+25
oC-
2
-
-
2
-
pF
Input Noise Voltage
0.1Hz to 10Hz
+25oC-
2.5
-
-
2.5
-
µV
RMS
10Hz to 1MHz
+25
oC-
5.8
-
-
5.8
-
µV
RMS
Input Noise Voltage
fO = 10Hz
+25oC-
450
-
-
450
-
nV/
√Hz
fO = 100Hz
+25
oC-
160
-
-
160
-
nV/
√Hz
fO = 100kHz
+25oC-
5
-
-
5
-
nV/
√Hz
Input Noise Current
fO = 10Hz
+25
oC-
2.0
-
-
2.0
-
nA/
√Hz
fO = 100Hz
+25oC
-
0.57
-
-
0.57
-
nA/
√Hz
fO = 1000Hz
+25oC
-
0.11
-
-
0.11
-
nA/
√Hz
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain (Note 2)
+25oC
150
230
-
150
230
-
V/V
High
150
180
-
150
180
-
V/V
Low
150
250
-
150
250
-
V/V
Common Mode Rejection Ratio (Note 3)
Full
45
47
-
42
45
-
dB
Unity Gain Bandwidth
+25oC-
300
-
-
300
-
MHz
Minimum Stable Gain
Full
1
-
-
1
-
-
V/V
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 100Ω
+25
oC-
±3.5
-
-
±3.5
-
V
RL = 1kΩ
Full
±3.5
±4.0
-
±3.5
±4.0
-
V
Full Power Bandwidth (Note 5)
+25oC
-
22
-
-
22
-
MHz
Output Resistance, Open Loop
+25
oC-
3.0
-
-
3.0
-
Output Current
Full
±25
±50
-
±25
±50
-
mA


Similar Part No. - HFA7-0005-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA7-0002-5 INTERSIL-HFA7-0002-5 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
HFA7-0002-9 INTERSIL-HFA7-0002-9 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
More results

Similar Description - HFA7-0005-9

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
   High Slew Rate Operational Amplifier
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
logo
Rohm
BA4560 ROHM-BA4560 Datasheet
53Kb / 4P
   Dual high slew rate operational amplifier
logo
Unisonic Technologies
M2136 UTC-M2136_15 Datasheet
166Kb / 4P
   HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com