Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1106JCB Datasheet(PDF) 11 Page - Intersil Corporation

Part # HI1106JCB
Description  8-Bit, 35 MSPS, High Speed D/A Converter (TTL Input)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1106JCB Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HI1106JCB Datasheet HTML 6Page - Intersil Corporation HI1106JCB Datasheet HTML 7Page - Intersil Corporation HI1106JCB Datasheet HTML 8Page - Intersil Corporation HI1106JCB Datasheet HTML 9Page - Intersil Corporation HI1106JCB Datasheet HTML 10Page - Intersil Corporation HI1106JCB Datasheet HTML 11Page - Intersil Corporation HI1106JCB Datasheet HTML 12Page - Intersil Corporation HI1106JCB Datasheet HTML 13Page - Intersil Corporation HI1106JCB Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
10-11
FIGURE 9. FULL-SCALE OUTPUT VOLTAGE (VFS) vs
TEMPERATURE (SINGLE POWER SUPPLY)
FIGURE 10. FULL-SCALE OUTPUT VOLTAGE (VFS) vs
TEMPERATURE (DUAL POWER SUPPLY)
FIGURE 11. OUTPUT OFFSET VOLTAGE (VOS) vs
TEMPERATURE (SINGLE POWER SUPPLY)
FIGURE 12. OUTPUT OFFSET VOLTAGE (VOS) vs
TEMPERATURE (DUAL POWER SUPPLY)
Typical Performance Curves (Continued)
VSET = 0.84V
IREF = -400µA
= AGND2 = 5V
VCC = DGND2 = AGND1
DGND1 = VEE = 0
RL ≥ 10kΩ
-20
0
20
40
60
80
TA, AMBIENT TEMPERATURE (oC)
1.02
1.00
0.98
0.96
VSET - VEE = 0.84V
IREF = -400µA
DGND1 = DGND2 = AGND1
VCC = 5V
= AGND2 = 0V
RL ≥ 10kΩ
-20
0
20
40
60
80
TA, AMBIENT TEMPERATURE (oC)
1.02
1.00
0.98
0.96
VEE = -5V
VSET = 0.84V
IREF = -400µA
= AGND2 = 5V
VCC = DGND2 = AGND1
DGND1 = VEE = 0V
RL ≥ 10kΩ
3.0
2.5
2.0
1.5
1.0
-20
0
20
40
60
80
TA, AMBIENT TEMPERATURE (oC)
VSET - VEE = 0.84V
IREF = -400µA
DGND1 = DGND2 = AGND1
VCC = 5V
= AGND2 = 0V
RL ≥ 10kΩ
VEE = -5V
-20
0
20
40
60
80
TA, AMBIENT TEMPERATURE (oC)
3.0
2.5
2.0
1.5
1.0
HI1106


Similar Part No. - HI1106JCB

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI1109 HSMC-HI1109 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HI1106JCB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1106P SONY-CXA1106P Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
logo
Analog Devices
AD9012 AD-AD9012_15 Datasheet
263Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. F
AD9012 AD-AD9012 Datasheet
141Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. D
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
logo
Intersil Corporation
HI1179 INTERSIL-HI1179_05 Datasheet
303Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
HI1171 INTERSIL-HI1171 Datasheet
42Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
August 1997
logo
Renesas Technology Corp
HI1171 RENESAS-HI1171 Datasheet
382Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI1171 INTERSIL-HI1171_05 Datasheet
119Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
logo
Sony Corporation
CXA1096M SONY-CXA1096M Datasheet
560Kb / 16P
   8-bit MSPS Flash A/D Converter (TTL I/O)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com