Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3-0001-9 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HFA3-0001-9
Description  Ultra High Slew RateOperational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3-0001-9 Datasheet(HTML) 5 Page - Intersil Corporation

  HFA3-0001-9 Datasheet HTML 1Page - Intersil Corporation HFA3-0001-9 Datasheet HTML 2Page - Intersil Corporation HFA3-0001-9 Datasheet HTML 3Page - Intersil Corporation HFA3-0001-9 Datasheet HTML 4Page - Intersil Corporation HFA3-0001-9 Datasheet HTML 5Page - Intersil Corporation HFA3-0001-9 Datasheet HTML 6Page - Intersil Corporation HFA3-0001-9 Datasheet HTML 7Page - Intersil Corporation HFA3-0001-9 Datasheet HTML 8Page - Intersil Corporation HFA3-0001-9 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Typical Performance Curves VS = ±5V, TA = +25oC, Unless Otherwise Specified
FIGURE 4. OPEN LOOP GAIN AND PHASE vs FREQUENCY
FIGURE 5. CLOSED LOOP GAIN vs FREQUENCY
FIGURE 6. CLOSED LOOP GAIN vs FREQUENCY
FIGURE 7. CLOSED LOOP GAIN vs FREQUENCY
FIGURE 8. RISE TIME vs TEMPERATURE
FIGURE 9. CMRR vs FREQUENCY
50
40
30
20
10
0
100K
1M
10M
100M
FREQUENCY (Hz)
1G
0
45
90
135
180
GAIN
PHASE
RL = 100Ω
10M
100M
1G
1M
FREQUENCY (Hz)
0
-10
-20
0
45
90
135
180
20
10
GAIN
PHASE
VIN
50
100
VOUT
50
AV = +1, RL = 100Ω, RF = 50Ω
10M
100M
1G
1M
FREQUENCY (Hz)
0
45
90
135
180
20
10
0
-10
-20
VIN
50
100
VOUT
100
100K
1M
10M
100M
FREQUENCY (Hz)
1G
0
45
90
135
180
30
20
10
0
-10
VIN
VOUT
900
100
100
50
AV = +10
RL = 100Ω
700
600
500
400
300
200
100
-60
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (oC)
AV = +1, RL = 100Ω
VOUT = 0mV to 200mV
100K
1M
10M
100M
FREQUENCY (Hz)
1G
50
40
30
20
10
0
60
70
80
HFA-0001


Similar Part No. - HFA3-0001-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3-0002-5 INTERSIL-HFA3-0002-5 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
HFA3-0002-9 INTERSIL-HFA3-0002-9 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
HFA3-0003-5 INTERSIL-HFA3-0003-5 Datasheet
149Kb / 4P
   Ultra High Speed Comparator
HFA3-0003-9 INTERSIL-HFA3-0003-9 Datasheet
149Kb / 4P
   Ultra High Speed Comparator
HFA3-0003L-5 INTERSIL-HFA3-0003L-5 Datasheet
149Kb / 4P
   Ultra High Speed Comparator
More results

Similar Description - HFA3-0001-9

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK611 MSK-MSK611 Datasheet
195Kb / 4P
   ULTRA HIGH SLEW RATE HIGH VOLTAGE AMPLIFIER
MSK707H MSK-MSK707H Datasheet
320Kb / 6P
   ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
MSK739B MSK-MSK739B Datasheet
300Kb / 6P
   ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2136 NJRC-NJM2136 Datasheet
168Kb / 3P
   ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
M2136 UTC-M2136_11 Datasheet
166Kb / 4P
   ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2138 NJRC-NJM2138 Datasheet
169Kb / 3P
   ULTRA WIDE BAND, HIGH SLEW RATE QUAD OPERATIONAL AMPLIFIER?
logo
Unisonic Technologies
M2136 UTC-M2136 Datasheet
117Kb / 4P
   ULTRA WIDE BAND,HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5147883 INTERSIL-HA-5147883 Datasheet
390Kb / 9P
   100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com