Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1-0003L-5 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HFA1-0003L-5
Description  Ultra High Speed Comparator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1-0003L-5 Datasheet(HTML) 2 Page - Intersil Corporation

  HFA1-0003L-5 Datasheet HTML 1Page - Intersil Corporation HFA1-0003L-5 Datasheet HTML 2Page - Intersil Corporation HFA1-0003L-5 Datasheet HTML 3Page - Intersil Corporation HFA1-0003L-5 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3-34
Specifications HFA-0003, HFA-0003L
Absolute Maximum Ratings (Note 1)
Operating Conditions
Supply Voltage (GND to V+) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V
Supply Voltage (GND to V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . 20V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Input Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±5V
Differential Ground Voltage (GND1 to GND2)
. . . . . . . . . . . . . . . . ±1V
Short Duration Output Current (Note 2) . . . . . . . . . . . . . . . . . -35mA
Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Junction Temperature (Plastic Package) . . . . . . . . . . . . . . . +150oC
Lead Temperature (Soldering 10 Sec.) . . . . . . . . . . . . . . . . +300
oC
Operating Temperature Range
HFA-0003/HFA-0003L-9 . . . . . . . . . . . . . . . . -40oC
≤ T
A ≤ +85
oC
HFA-0003/HFA-0003L-5 . . . . . . . . . . . . . . . . . . 0oC
≤ T
A ≤ +75
oC
Storage Temperature Range . . . . . . . . . . . . . -65
oC
≤ T
A ≤ +150
oC
Thermal Package Characteristics (oC/W)
θ
JA
θ
JC
8 Lead Ceramic Sidebrazed DIP . . . . . . .
75
13
8 Lead Plastic DIP . . . . . . . . . . . . . . . . . .
96
34
8 Lead SOIC . . . . . . . . . . . . . . . . . . . . . .
157
43
16 Lead Ceramic Sidebrazed DIP . . . . . .
75
13
16 Lead Plastic DIP . . . . . . . . . . . . . . . . .
92
32
16 Lead SOIC . . . . . . . . . . . . . . . . . . . . .
114
35
TO-100 Metal CAN . . . . . . . . . . . . . . . . .
108
32
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications V+ = 5V, V- = -5.2V, R
L = 50Ω to -2V, Unless Otherwise Specified
PARAMETER
TEMPERATURE
HFA-0003-5/-9
HFA-0003L-5/-9
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
INPUT CHARACTERISTICS
Input Offset Voltage (VOS)+25
oC-
1
3
-
1
3
mV
Full
-
-
4
-
-
4
mV
Average Offset Voltage Drift (Note 8)
Full
-
-
4
-
-
4
µV/oC
Input Bias Current
+25oC-
5
8
-
5
8
µA
Full
-8
13
-8
13
µA
Input Offset Current
+25
oC
-
0.15
0.2
-
0.15
0.2
µA
Full
-
-
0.3
-
-
0.3
µA
Common Mode Range
Full
-2.8
-
+5.2
-2.8
-
+5.2
V
Differential Input Resistance
+25
oC-
1
-
-
1
-
M
Common Mode Input Resistance
+25oC-
9.5
-
-
9.5
-
M
Input Capacitance
+25oC-
1
-
-
1
-
pF
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain
+25oC
-
3100
-
-
3100
-
V/V
Full
-1200
-
-1200
-
V/V
Common Mode Rejection Ratio
(Note 3)
+25
oC
70
75
-
70
75
-
dB
Full
70
-
-
70
-
-
dB
Tracking Bandwidth (Note 4)
+25oC-
270
-
-
270
-
MHz
SWITCHING CHARACTERISTICS
Propagation Delay Input to Output
(tPD)(Notes 5, 8, 9)
+25oC
-
2.0
2.4
-
2.1
2.6
ns
Full
-
-
2.8
-
-
3.0
ns
Maximum Dispersion (Notes 6, 8)
Full
-
-
200
-
-
200
ps
OUTPUT CHARACTERISTICS
Output Voltage Level:
Logic Low (VOL)+25
oC
-
-1.83
-1.65
-
-1.83
-1.65
V
Full
-
-1.83
-1.57
-
-1.83
-1.57
V
Logic High (VOH)+25
oC
-0.938
-0.85
-
-0.938
-0.85
-
V
Full
-1.05
-0.96
-
-1.05
-0.96
-
V


Similar Part No. - HFA1-0003L-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1-0001-5 INTERSIL-HFA1-0001-5 Datasheet
666Kb / 10P
   Ultra High Slew RateOperational Amplifier
HFA1-0001-9 INTERSIL-HFA1-0001-9 Datasheet
666Kb / 10P
   Ultra High Slew RateOperational Amplifier
More results

Similar Description - HFA1-0003L-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT685 LINER-LT685_1 Datasheet
99Kb / 8P
   High Speed Comparator
LT685 LINER-LT685 Datasheet
248Kb / 4P
   High Speed Comparator
LT685 LINER-LT685_15 Datasheet
104Kb / 8P
   High Speed Comparator
logo
Toshiba Semiconductor
TA8504F TOSHIBA-TA8504F Datasheet
153Kb / 4P
   HIGH SPEED COMPARATOR
logo
Maxwell Technologies
903 MAXWELL-903 Datasheet
311Kb / 14P
   High Speed Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
   4ns High-Speed Comparator
logo
National Semiconductor ...
LM760 NSC-LM760 Datasheet
197Kb / 10P
   High Speed Differential Comparator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com