Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3-0001-5 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HFA3-0001-5
Description  Ultra High Slew RateOperational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3-0001-5 Datasheet(HTML) 2 Page - Intersil Corporation

  HFA3-0001-5 Datasheet HTML 1Page - Intersil Corporation HFA3-0001-5 Datasheet HTML 2Page - Intersil Corporation HFA3-0001-5 Datasheet HTML 3Page - Intersil Corporation HFA3-0001-5 Datasheet HTML 4Page - Intersil Corporation HFA3-0001-5 Datasheet HTML 5Page - Intersil Corporation HFA3-0001-5 Datasheet HTML 6Page - Intersil Corporation HFA3-0001-5 Datasheet HTML 7Page - Intersil Corporation HFA3-0001-5 Datasheet HTML 8Page - Intersil Corporation HFA3-0001-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Absolute Maximum Ratings (Note 1)
Operating Conditions
Supply Voltage (Between V+ and V- Terminals) . . . . . . . . . . . . .12V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V
Input Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±4V
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
Junction Temperature (Note 9) . . . . . . . . . . . . . . . . . . . . . . .+175oC
Junction Temperature (Plastic Package) . . . . . . . . . . . . . . . .+150oC
Lead Temperature (Soldering 10 Sec.) . . . . . . . . . . . . . . . . .+300oC
Operating Temperature Range
HFA-0001-9 . . . . . . . . . . . . . . . . . . . . . . . . . .-40oC
≤ TA ≤ +85oC
HFA-0001-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC
≤ TA ≤ +75oC
Storage Temperature Range . . . . . . . . . . . . . .-65oC
≤ TA ≤ +150oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications V+ = +5V, V- = -5V, Unless Otherwise Specified
PARAMETER
TEMP
HFA-0001-9
HFA-0001-5
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
INPUT CHARACTERISTICS
Offset Voltage
+25oC
-
615
-
630
mV
High
-4.5
20
-4.5
30
mV
Low
-
12.5
45
-
12.5
35
mV
Average Offset Voltage Drift
High
-
50
-
-
50
-
µV/oC
Low
-
100
-
-
100
-
µV/oC
Bias Current
+25oC
-
15
50
-
15
100
µA
Full
-
20
50
-
20
100
µA
Offset Current
+25oC
-
18
25
-
18
50
µA
Full
-
22
50
-
22
50
µA
Common Mode Range
+25oC
±3-
-
±3-
-
V
Differential Input Resistance
+25oC
-
10
-
-
10
-
k
Input Capacitance
+25oC-
2
-
-
2
-
pF
Input Noise Voltage
0.1Hz to 10Hz
+25oC-3.5
-
-3.5
-
µVrms
10Hz to 1MHz
+25oC-6.7
-
-6.7
-
µVrms
Input Noise Voltage
fO = 10Hz
+25oC-
640
-
-
640
-
nV/
√Hz
fO = 100Hz
+25oC-
170
-
-
170
-
nV/
√Hz
fO = 100kHz
+25oC-
6
-
-
6
-
nV/
√Hz
Input Noise Current
fO = 10Hz
+25oC
-
2.35
-
-
2.35
-
nA/
√Hz
fO = 100Hz
+25oC
-
0.57
-
-
0.57
-
nA/
√Hz
fO = 1000Hz
+25oC
-
0.16
-
-
0.16
-
nA/
√Hz
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain (Note 2)
+25oC
150
200
-
150
200
-
V/V
High
150
170
-
100
170
-
V/V
Low
150
220
-
150
220
-
V/V
Common Mode Rejection Ratio (Note 3)
+25oC45
47
-
42
47
-
dB
High
40
45
-
40
45
-
dB
Low
45
48
-
42
48
-
dB
Unity Gain Bandwidth
+25oC-
350
-
-
350
-
MHz
Minimum Stable Gain
Full
1
-
-
1
-
-
V/V
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 100Ω
+25oC-
±3.5
-
-
±3.5
-
V
HFA-0001


Similar Part No. - HFA3-0001-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3-0002-5 INTERSIL-HFA3-0002-5 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
HFA3-0002-9 INTERSIL-HFA3-0002-9 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
HFA3-0003-5 INTERSIL-HFA3-0003-5 Datasheet
149Kb / 4P
   Ultra High Speed Comparator
HFA3-0003-9 INTERSIL-HFA3-0003-9 Datasheet
149Kb / 4P
   Ultra High Speed Comparator
HFA3-0003L-5 INTERSIL-HFA3-0003L-5 Datasheet
149Kb / 4P
   Ultra High Speed Comparator
More results

Similar Description - HFA3-0001-5

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK611 MSK-MSK611 Datasheet
195Kb / 4P
   ULTRA HIGH SLEW RATE HIGH VOLTAGE AMPLIFIER
MSK707H MSK-MSK707H Datasheet
320Kb / 6P
   ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
MSK739B MSK-MSK739B Datasheet
300Kb / 6P
   ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2136 NJRC-NJM2136 Datasheet
168Kb / 3P
   ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
M2136 UTC-M2136_11 Datasheet
166Kb / 4P
   ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2138 NJRC-NJM2138 Datasheet
169Kb / 3P
   ULTRA WIDE BAND, HIGH SLEW RATE QUAD OPERATIONAL AMPLIFIER?
logo
Unisonic Technologies
M2136 UTC-M2136 Datasheet
117Kb / 4P
   ULTRA WIDE BAND,HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5147883 INTERSIL-HA-5147883 Datasheet
390Kb / 9P
   100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com