Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA-0003 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HFA-0003
Description  Ultra High Speed Comparator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA-0003 Datasheet(HTML) 4 Page - Intersil Corporation

  HFA-0003 Datasheet HTML 1Page - Intersil Corporation HFA-0003 Datasheet HTML 2Page - Intersil Corporation HFA-0003 Datasheet HTML 3Page - Intersil Corporation HFA-0003 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3-36
HFA-0003, HFA-0003L
Applications Information
HFA-0003L Latch Functionality
The Latch Enable (LE) pin of the HFA-0003L controls the
function of the on chip latch. When the LE input is at an ECL
Logic 1, the latch is open (transparent) and the comparator
functions normally. When the LE input switches to a Logic 0,
the outputs are latched in unambiguous states dependant on
the current input state, providing the set-up and hold times
are met. If the latch function is not utilized, the LE input must
be connected to an ECL Logic 1 (e.g. GND).
HFA-0003L Hysteresis Functionality
To improve performance in systems with slow transition
times, and/or high noise levels, the HFA-0003L allows the
user to easily set the amount of input hysteresis. The hyste-
resis level is set by the current flowing into the HYS input;
the larger the current the larger the level of hysteresis. This
current is provided by connecting a resistor (RH) between
the HYS pin and GND, and it is recommended that the input
current not exceed 1mA. The input current can be approxi-
mated from the following formula:
The table below gives approximate levels of hysteresis for
some values of IH, at TA = +25
oC.
If the hysteresis function isn’t used, the HYS input may be
left floating, or may be connected to V-. The HYS input
MUST NEVER BE CONNECTED directly to GND or V+, as
device damage will occur. Before inserting an HFA-0003L
into a competitor socket, the user must ensure that the cor-
responding socket pin is a true no connect (i.e. is floating).
IH (mA)
0.2
0.4
0.6
0.8
1.0
HYS (mV)
1
4
8
13
22
I
H
GND
V-
() 0.7V
R
H
-------------------------------------------------
=
Timing Diagram
Q
tPD
50%
LE
tS
COMPARE
LATCHED
50%
IN
tH
VIN
VOD
tPDL
VOS
Q
50%
tPW


Similar Part No. - HFA-0003

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA-0001 INTERSIL-HFA-0001 Datasheet
666Kb / 10P
   Ultra High Slew RateOperational Amplifier
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
More results

Similar Description - HFA-0003

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT685 LINER-LT685_1 Datasheet
99Kb / 8P
   High Speed Comparator
LT685 LINER-LT685 Datasheet
248Kb / 4P
   High Speed Comparator
LT685 LINER-LT685_15 Datasheet
104Kb / 8P
   High Speed Comparator
logo
Toshiba Semiconductor
TA8504F TOSHIBA-TA8504F Datasheet
153Kb / 4P
   HIGH SPEED COMPARATOR
logo
Maxwell Technologies
903 MAXWELL-903 Datasheet
311Kb / 14P
   High Speed Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
   4ns High-Speed Comparator
logo
National Semiconductor ...
LM760 NSC-LM760 Datasheet
197Kb / 10P
   High Speed Differential Comparator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com