Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1100883 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HFA1100883
Description  850MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1100883 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HFA1100883 Datasheet HTML 6Page - Intersil Corporation HFA1100883 Datasheet HTML 7Page - Intersil Corporation HFA1100883 Datasheet HTML 8Page - Intersil Corporation HFA1100883 Datasheet HTML 9Page - Intersil Corporation HFA1100883 Datasheet HTML 10Page - Intersil Corporation HFA1100883 Datasheet HTML 11Page - Intersil Corporation HFA1100883 Datasheet HTML 12Page - Intersil Corporation HFA1100883 Datasheet HTML 13Page - Intersil Corporation HFA1100883 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Intersil Semiconductor and is for use as
application and design information only. No guarantee is implied.
183
HFA1100
FREQUENCY RESPONSE FOR VARIOUS LOAD RESISTORS
(AV = +1, VOUT = 200mVP-P)
FREQUENCY RESPONSE FOR VARIOUS LOAD RESISTORS
(AV = +2, VOUT = 200mVP-P)
FREQUENCY RESPONSE FOR VARIOUS OUTPUT VOLTAGES
(AV = +1)
FREQUENCY RESPONSE FOR VARIOUS OUTPUT VOLTAGES
(AV = +2)
FREQUENCY RESPONSE FOR VARIOUS OUTPUT VOLTAGES
(AV = +6)
-3dB BANDWIDTH vs TEMPERATURE (AV = +1)
Typical Performance Curves V
SUPPLY = ±5V, RF =510Ω, RL =100Ω, TA =+25°C, Unless Otherwise Specified
FREQUENCY (MHz)
+6
+3
0
-3
-6
0.3
1
10
100
1K
0
-90
-180
-270
-360
PHASE
GAIN
RL = 1kΩ
RL = 100Ω
RL = 50Ω
RL = 1kΩ
RL = 100Ω
RL = 1kΩ
RL = 50Ω
RL = 100Ω
FREQUENCY (MHz)
PHASE
GAIN
+3
0
-3
-6
0.3
1
10
100
1K
0
-90
-180
-270
-360
RL = 100Ω
RL = 1kΩ
RL = 50Ω
RL = 100Ω
RL = 1kΩ
RL = 50Ω
RL = 100Ω
RL = 1kΩ
FREQUENCY (MHz)
+20
+10
0
-10
-20
0.3
1
10
100
1K
-30
0.160VP-P
0.500VP-P
0.920VP-P
1.63VP-P
FREQUENCY (MHz)
+20
+10
0
-10
-20
0.3
1
10
100
1K
-30
0.32VP-P
1.00VP-P
1.84VP-P
3.26VP-P
FREQUENCY (MHz)
+20
+10
0
-10
-20
0.3
1
10
100
1K
-30
3.89 VP-P
0.96 VP-P
TO
TEMPERATURE (oC)
950
900
850
800
750
-50
-25
0
+75
+125
700
+25
+50
+100
Spec Number
511104-883


Similar Part No. - HFA1100883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1100 INTERSIL-HFA1100 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100 Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1100EVAL INTERSIL-HFA1100EVAL Datasheet
134Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
More results

Similar Description - HFA1100883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1130883 INTERSIL-HFA1130883 Datasheet
865Kb / 19P
   Output Clamping, 850MHz Current Feedback Amplifier
HFA1120 INTERSIL-HFA1120 Datasheet
115Kb / 17P
   850MHz Current Feedback Amplifier with Offset Adjust
July 1994
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
logo
Renesas Technology Corp
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com