Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3765 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HFA3765
Description  AGC and Quadrature IF Demodulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3765 Datasheet(HTML) 3 Page - Intersil Corporation

  HFA3765 Datasheet HTML 1Page - Intersil Corporation HFA3765 Datasheet HTML 2Page - Intersil Corporation HFA3765 Datasheet HTML 3Page - Intersil Corporation HFA3765 Datasheet HTML 4Page - Intersil Corporation HFA3765 Datasheet HTML 5Page - Intersil Corporation HFA3765 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +3.6V
Voltage on Any Other Pin . . . . . . . . . . . . . . . . . . -0.3V to VCC +0.3V
Operating Conditions
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7 to 3.3V
Temperature Range . . . . . . . . . . . . . . . . . . . . . . -40oC
≤ TA ≤ 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
SSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
88
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . -65oC
≤ TA ≤ 150oC
Maximum Lead Temperature (Soldering 10s). . . . . . . . . . . . . 300oC
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
PARAMETER
TEST CONDITIONS
(NOTE
2)
TEST
LEVEL
TEMP
(oC)
MIN
TYP
MAX
UNITS
OVERALL CASCADED SPECIFICATIONS, VCC = 2.7V, IF_IN = Differential - 60dBm or higher at 85MHz
IF Frequency Range
B
Full
10
85
250
MHz
Baseband Frequency Range
B
Full
0
-
1
MHz
LO Frequency Range
B
Full
20
170
500
MHz
AGC Gain Control Voltage Range
A
Full
0.5
-
2.4
V
AGC Gain Control Sensitivity
A
25
-
60
-
dB/V
AGC Gain Control Slope Change
A
25
-
1.2:1
3:1
-
Insertion Phase vs AGC
B
25
-
0.1
-
deg/dB
Gain Switching Speed, Full Scale
To
±1dB Settling
B
25
-
TBD
10
µs
Amplitude Balance (Note 3)
A
Full
-0.5
0
0.5
dB
Phase Balance (Note 3)
A
Full
-2
0
+2Degrees
Power Gain
500
Ω in, 5000Ω
Differential load.
AGC_CTRL set for
48
±0.2dB of powergain
(CDMA and FM mode)
A
Full
-
48
-
dB
Voltage Gain
A
Full
-
58
-
dB
Noise Figure (CDMA, SEL = HIGH)
B
Full
-
6.6
7.5
dB
Noise Figure (FM, SEL = LOW)
B
Full
-
6.9
8.0
dB
IP3, Output
A
Full
0.5
4.8
-
dBm
P1dB Output
A
Full
-10
-5
-
dBm
Voltage Gain
500
Ω in, 5000Ω load
AGC_CTRL set for
38
±0.2dB of powergain
(CDMA and FM mode)
B
Full
-
48
-
dB
Noise Figure
B
Full
-
8.4
-
dB
IP3, Output
B
Full
-
4.4
-
dBm
P1dB Output
B
Full
-
-6
-
dBm
Voltage Gain
500
Ω in, 5000Ω load
AGC_CTRL set for
28
±0.2dB of powergain
(CDMA and FM mode)
B
Full
-
38
-
dB
Noise Figure
B
Full
-
11
-
dB
IP3, Output
B
Full
-
3.2
-
dBm
P1dB Output
B
Full
-
-8
-
dBm
Voltage Gain
500
Ω in, 5000Ω load
AGC_CTRL set for
18
±0.2dB of powergain
(CDMA and FM mode)
B
Full
-
28
-
dB
Noise Figure
B
Full
-
14
-
dB
IP3, Output
B
Full
-
-1.0
-
dBm
P1dB Output
B
Full
-
-11
-
dBm
HFA3765


Similar Part No. - HFA3765

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3761 INTERSIL-HFA3761 Datasheet
68Kb / 9P
   400MHz AGC and Quadrature IF Demodulator
July 1999
HFA3761IN INTERSIL-HFA3761IN Datasheet
68Kb / 9P
   400MHz AGC and Quadrature IF Demodulator
July 1999
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
   400MHz Quadrature Modulator and AGC
June 1999
HFA3763IN INTERSIL-HFA3763IN Datasheet
72Kb / 10P
   400MHz Quadrature Modulator and AGC
June 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
More results

Similar Description - HFA3765

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3761 INTERSIL-HFA3761 Datasheet
68Kb / 9P
   400MHz AGC and Quadrature IF Demodulator
July 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
logo
Linear Technology
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502 Datasheet
237Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
logo
RF Micro Devices
RF2667 RFMD-RF2667 Datasheet
129Kb / 10P
   RECEIVE AGC AND DEMODULATOR
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
   400MHz Quadrature Modulator and AGC
June 1999
logo
Analog Devices
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
   Quadrature Demodulator
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
   Quadrature Demodulator
REV. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com