Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC1-5504DLC-9 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HC1-5504DLC-9
Description  SLIC Subscriber Line Interface Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC1-5504DLC-9 Datasheet(HTML) 2 Page - Intersil Corporation

  HC1-5504DLC-9 Datasheet HTML 1Page - Intersil Corporation HC1-5504DLC-9 Datasheet HTML 2Page - Intersil Corporation HC1-5504DLC-9 Datasheet HTML 3Page - Intersil Corporation HC1-5504DLC-9 Datasheet HTML 4Page - Intersil Corporation HC1-5504DLC-9 Datasheet HTML 5Page - Intersil Corporation HC1-5504DLC-9 Datasheet HTML 6Page - Intersil Corporation HC1-5504DLC-9 Datasheet HTML 7Page - Intersil Corporation HC1-5504DLC-9 Datasheet HTML 8Page - Intersil Corporation HC1-5504DLC-9 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
8-20
Specifications HC-5504DLC
Absolute Maximum Ratings (Note 1)
Operating Conditions
Maximum Continuous Supply Voltages
(VB-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -60 to +0.5 V
(VB+) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to +15 V
(VB+ - VB-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +75V
Relay Drive Voltage (VRD) . . . . . . . . . . . . . . . . . . . . . . .-0.5 to +15V
Junction Temperature Ceramic . . . . . . . . . . . . . . . . . . . . . . +175oC
Junction Temperature Plastic . . . . . . . . . . . . . . . . . . . . . . . . +150
oC
Lead Temperature (Soldering 10 Sec.) . . . . . . . . . . . . . . . . +300oC
Operating Temperature Range
HC-5504DLC-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +75oC
HC-5504DLC-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65
oC to 150oC
Relay Driver Voltage (VRD) . . . . . . . . . . . . . . . . . . . . . . . +5 to +12V
Positive Supply Voltage (VB+). . . . . . . 4.75 to 5.25 or 10.8 to 13.2V
Negative Supply Voltage (VB-) . . . . . . . . . . . . . . . . . . . . -42 to -58V
High Level Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 2.4V
Low Level Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 0.6V
Loop Resistance (RL) . . . . . . . . . . . . . . . . . . . . . . . . . 200 to 1200Ω
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
Unless Otherwise Specified, VB- = -48V, VB+ = +12V and +5V, AG = BG = DG = 0V, Typical Parameters
TA = +25
oC. Min-Max Parameters are Over Operating Temperature Range.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
On Hook Power Dissipation
ILONG* = 0, VB+ = +12V
-
170
235
mW
Off Hook Power Dissipation
RL = 600Ω, ILONG* = 0, VB+ = +12V
-
425
550
mW
Off Hook IB+
RL = 600Ω, ILONG* = 0, TA = -40
oC-
-
6.0
mA
Off Hook IB+
RL = 600Ω, ILONG* = 0, TA = +25
oC-
-
5.3
mA
Off Hook IB-
RL = 600Ω, ILONG* = 0
-
35
41
mA
Off Hook Loop Current
RL = 1200Ω, ILONG* = 0
-
21
-
mA
Off Hook Loop Current
RL = 1200Ω, VB- = -42V, ILONG* = 0
TA = +25
oC
17.5
-
-
mA
Off Hook Loop Current
RL = 200Ω, ILONG* = 0
36
41
48
mA
Fault Currents
TIP to Ground
-14
-
mA
RING to Ground
-55
-
mA
TIP to RING
-41
-
mA
TIP and RING to Ground
-55
-
mA
Ring Relay Drive VOL
IOL = 62mA
-
0.2
0.5
V
Ring Relay Driver Off Leakage
VRD = +12V, RC = 1 = HIGH, TA = +25
oC-
-
100
µA
Ring Trip Detection Period
RL = 600Ω
-2
3
Ring
Cycles
On Hook Ringing Current
-
-
30
mApk
Switch Hook Detection Threshold
SHD = VOL
18
-
-
mA
SHD = VOH
--
12
mA
Ground Key Detection Threshold
GKD = VOL
20
-
-
mA
GKD = VOH
--
10
mA
Loop Current During Power Denial
RL = 200Ω
-
±2-
mA
Dial Pulse Distortion
0-
5
ms
Receive Input Impedance
(Note 2)
-
110
-
k
Transmit Output Impedance
(Note 2)
-
10
20
Two Wire Return Loss
(Referenced to 600
Ω + 2.16µF), (Note 2)
SRL LO
-15.5
-
dB
ERL
-24
-
dB
SRL HI
-31
-
dB
Longitudinal Balance
1VRMS 200Hz - 3400Hz, (Note 2) IEEE Method
2 Wire Off Hook
58
65
-
dB
2 Wire On Hook
60
63
-
dB
4 Wire Off Hook
0oC
≤ T
A ≤ +75
oC50
58
-
dB


Similar Part No. - HC1-5504DLC-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC1-5504B-5 INTERSIL-HC1-5504B-5 Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC1-5504B-9 INTERSIL-HC1-5504B-9 Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
More results

Similar Description - HC1-5504DLC-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
   SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5509A1 INTERSIL-HC-5509A1 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B INTERSIL-HC-5509B Datasheet
105Kb / 10P
   SLIC Subscriber Line Interface Circuit
March 1996
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC5509A1R3060 INTERSIL-HC5509A1R3060 Datasheet
61Kb / 10P
   SLIC Subscriber Line Interface Circuit
June 1997
logo
Gunter Seniconductor Gm...
TFB3869 GSG-TFB3869 Datasheet
136Kb / 14P
   Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC-5502B1 INTERSIL-HC-5502B1 Datasheet
132Kb / 12P
   SLIC Subscriber Line Interface Circuit
April 1999
logo
List of Unclassifed Man...
HM9903C ETC1-HM9903C Datasheet
267Kb / 1P
   HM9903C SLIC(Subscriber Line Interface Circuit)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com