Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC1-5504DLC-5 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HC1-5504DLC-5
Description  SLIC Subscriber Line Interface Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC1-5504DLC-5 Datasheet(HTML) 5 Page - Intersil Corporation

  HC1-5504DLC-5 Datasheet HTML 1Page - Intersil Corporation HC1-5504DLC-5 Datasheet HTML 2Page - Intersil Corporation HC1-5504DLC-5 Datasheet HTML 3Page - Intersil Corporation HC1-5504DLC-5 Datasheet HTML 4Page - Intersil Corporation HC1-5504DLC-5 Datasheet HTML 5Page - Intersil Corporation HC1-5504DLC-5 Datasheet HTML 6Page - Intersil Corporation HC1-5504DLC-5 Datasheet HTML 7Page - Intersil Corporation HC1-5504DLC-5 Datasheet HTML 8Page - Intersil Corporation HC1-5504DLC-5 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
8-23
Specifications HC-5504DLC
Functional Diagram
19
16
RC
Ring Command - A low active TTL - Compatible logic input. When enabled, the relay driver (RD)
output goes low on the next high level of the ring sync (RS) input, as long as the SLIC is not in the
power denial state (PD = 0) or the subscriber is not already off- hook (SHD = 0).
20
17
C2
Capacitor #2 - An external capacitor to be connected between this terminal and digital ground.
Prevents false ground key indications from occurring during ring trip detection. Typical value is
0.15
µF, 10V. This capacitor is not used if ground key function is not required and (Pin 17) may be left
open or connected to digital ground.
21
18
OUT
The analog output of the spare operational amplifier. The output voltage swing is typically
±5V.
23
19
-IN
The inverting analog input of the spare operational amplifier.
24
20
+IN
The non-inverting analog input of the spare operational amplifier.
25
21
RX
Receive Input, Four Wire Side - A high impedance analog input which is internally biased. Capacitive
coupling to this input is required. AC signals appearing at this input differentially drive the Tip feed and
Ring feed terminals, which in turn drive tip and ring through 300
Ω of feed resistance on each side of
the line.
26
22
C4
Capacitor #4 - An external capacitor to be connected between this terminal and analog ground. This
capacitor prevents false ground key indication and false ring trip detection from occurring when
longitudinal currents are induced onto the subscriber loop from near by power lines and other noise
sources. This capacitor is also required for the proper operation of ring trip detection. Typical value is
0.5
µF, to 1.0µF, 20V. This capacitor should be nonpolarized.
27
23
AG
Analog Ground - To be connected to zero potential and serves as a reference for the transmit output
(TX) and receive input (RX) terminals.
28
24
TX
Transmit Output, Four Wire Side - A low impedance analog output which represents the differential
voltage across Tip and Ring. Transhybrid balancing must be performed (using the SLIC microcircuit’s
spare op amp) beyond this output to completely implement two to four wire conversion. This output is
unbalanced and referenced to analog ground. Since the DC level of this output varies with loop
current, capacitive coupling to the next stage is essential.
1,8,15,22
NC
No Internal Connection.
NOTE: All grounds (AG, BG, & DG) must be applied before VB+ or VB-. Failure to do so may result in premature failure of the part. If a user
wishes to run separate grounds off a line card, the AG must be applied first.
Pin Descriptions (Continued)
28 PIN
PLCC
24 PIN
DIP/SOIC
SYMBOL
DESCRIPTION
+
DIFF
AMP
+
OP
AMP
LOOP
MONITORING
RING
CONTROL
2 WIRE
LOOP
SECONDARY
PROTECTION
LINE
DRIVERS
TIP
RING
VB-
VB-
PD
POWER DENIAL
150
RING
150
RF
BG
150
TF
TIP
RD
RC
RS
RING SYNC
RING COMMAND
RING
TRIP
SHD
GKD
TX
TRANSMIT
OUTPUT
OUT
+IN
-IN
RX
RECEIVE
INPUT
SLIC MICROCIRCUIT
1/2 RING
RELAY
VB-
RING
VOLTAGE
RFS
1/2 RING
RELAY
150
SWITCH HOOK
DETECTION
GROUND KEY
DETECTION
-1
+1
BATTERY
FEED
LOOP
CURRENT
LIMITER


Similar Part No. - HC1-5504DLC-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC1-5504B-5 INTERSIL-HC1-5504B-5 Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC1-5504B-9 INTERSIL-HC1-5504B-9 Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
More results

Similar Description - HC1-5504DLC-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
   SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5509A1 INTERSIL-HC-5509A1 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B INTERSIL-HC-5509B Datasheet
105Kb / 10P
   SLIC Subscriber Line Interface Circuit
March 1996
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC5509A1R3060 INTERSIL-HC5509A1R3060 Datasheet
61Kb / 10P
   SLIC Subscriber Line Interface Circuit
June 1997
logo
Gunter Seniconductor Gm...
TFB3869 GSG-TFB3869 Datasheet
136Kb / 14P
   Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC-5502B1 INTERSIL-HC-5502B1 Datasheet
132Kb / 12P
   SLIC Subscriber Line Interface Circuit
April 1999
logo
List of Unclassifed Man...
HM9903C ETC1-HM9903C Datasheet
267Kb / 1P
   HM9903C SLIC(Subscriber Line Interface Circuit)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com