Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5320883 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA-5320883
Description  High Speed Precision Sample and Hold Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5320883 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HA-5320883 Datasheet HTML 3Page - Intersil Corporation HA-5320883 Datasheet HTML 4Page - Intersil Corporation HA-5320883 Datasheet HTML 5Page - Intersil Corporation HA-5320883 Datasheet HTML 6Page - Intersil Corporation HA-5320883 Datasheet HTML 7Page - Intersil Corporation HA-5320883 Datasheet HTML 8Page - Intersil Corporation HA-5320883 Datasheet HTML 9Page - Intersil Corporation HA-5320883 Datasheet HTML 10Page - Intersil Corporation HA-5320883 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
HA-5320/883
F14.3 MIL-STD-1835 GDIP1-T14 (D-1, CONFIGURATION A)
14 LEAD DUAL-IN-LINE FRIT-SEAL CERAMIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.200
-
5.08
-
b
0.014
0.026
0.36
0.66
2
b1
0.014
0.023
0.36
0.58
3
b2
0.045
0.065
1.14
1.65
-
b3
0.023
0.045
0.58
1.14
4
c
0.008
0.018
0.20
0.46
2
c1
0.008
0.015
0.20
0.38
3
D
-
0.785
-
19.94
5
E
0.220
0.310
5.59
7.87
5
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
-
eA/2
0.150 BSC
3.81 BSC
-
L
0.125
0.200
3.18
5.08
-
Q
0.015
0.060
0.38
1.52
6
S1
0.005
-
0.13
-
7
S2
0.005
-
0.13
-
-
α
90o
105o
90o
105o
-
aaa
-
0.015
-
0.38
-
bbb
-
0.030
-
0.76
-
ccc
-
0.010
-
0.25
-
M
-
0.0015
-
0.038
2
N14
14
8
Packaging
NOTES:
1. Index area: A notch or a pin one identification mark shall be locat-
ed adjacent to pin one and shall be located within the shaded
area shown. The manufacturer’s identification shall not be used
as a pin one identification mark.
2. The maximum limits of lead dimensions b and c or M shall be
measured at the centroid of the finished lead surfaces, when
solder dip or tin plate lead finish is applied.
3. Dimensions b1 and c1 apply to lead base metal only. Dimension
M applies to lead plating and finish thickness.
4. Corner leads (1, N, N/2, and N/2+1) may be configured with a
partial lead paddle. For this configuration dimension b3 replaces
dimension b1.
5. This dimension allows for off-center lid, meniscus, and glass
overrun.
6. Dimension Q shall be measured from the seating plane to the
base plane.
7. Measure dimension S1 at all four corners.
8. N is the maximum number of terminal positions.
9. Dimensioning and tolerancing per ANSI Y14.5M - 1982.
10. Controlling Dimension: Inch.
11. Materials: Compliant to MIL-I-38535.
bbb
C A - B
S
c
Q
L
A
SEATING
BASE
D
PLANE
PLANE
-D-
-A-
-C-
-B-
α
D
E
S1
b2
b
A
e
M
c1
b1
(c)
(b)
SECTION A-A
BASE
LEAD FINISH
METAL
eA/2
A
M
S
S
eA
ccc
C A - B
M
D
S
S
aaa
CA - B
M
D
S
S
Spec Number
511096-883


Similar Part No. - HA-5320883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5320 INTERSIL-HA-5320 Datasheet
85Kb / 7P
   1 Microsecond Precision Sample and Hold Amplifier
April 1999
HA-5320 INTERSIL-HA-5320 Datasheet
232Kb / 8P
   1 Microsecond Precision Sample and Hold Amplifier
logo
Renesas Technology Corp
HA-5320 RENESAS-HA-5320 Datasheet
541Kb / 11P
   1 Microsecond Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA-5320 INTERSIL-HA-5320 Datasheet
316Kb / 11P
   1 Microsecond Precision Sample and Hold Amplifier
August 11, 2015
HA-5320 INTERSIL-HA-5320_05 Datasheet
232Kb / 8P
   1 Microsecond Precision Sample and Hold Amplifier
More results

Similar Description - HA-5320883

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD585 AD-AD585 Datasheet
339Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
AD585 AD-AD585_17 Datasheet
526Kb / 6P
   High speed, Precision Sample-and-hold Amplifier
logo
Intersil Corporation
HA5320 INTERSIL-HA5320 Datasheet
90Kb / 12P
   High Speed Precision Sample and Hold Amplifier
July 1994
logo
Analog Devices
AD585JP-REEL AD-AD585JP-REEL Datasheet
342Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
AD585 AD-AD585_15 Datasheet
342Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
logo
Analog Devices
AD346 AD-AD346 Datasheet
119Kb / 3P
   High Speed Sample-and-Hold Amplifier
REV. B
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
   Precision Sample and Hold Amplifier
logo
Analog Devices
AD346 AD-AD346_15 Datasheet
1Mb / 4P
   HIGH SPEED SAMPLE AND HOLD AMPLIFIER
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com