Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5147883 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA-5147883
Description  100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5147883 Datasheet(HTML) 2 Page - Intersil Corporation

  HA-5147883 Datasheet HTML 1Page - Intersil Corporation HA-5147883 Datasheet HTML 2Page - Intersil Corporation HA-5147883 Datasheet HTML 3Page - Intersil Corporation HA-5147883 Datasheet HTML 4Page - Intersil Corporation HA-5147883 Datasheet HTML 5Page - Intersil Corporation HA-5147883 Datasheet HTML 6Page - Intersil Corporation HA-5147883 Datasheet HTML 7Page - Intersil Corporation HA-5147883 Datasheet HTML 8Page - Intersil Corporation HA-5147883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Spec Number
511009-883
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . . 44V
Differential Input Voltage (Note 1). . . . . . . . . . . . . . . . . . . . . . . . 0.7V
Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Input Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA
Output Current . . . . . . . . . . . . . . . . . . . Full Short Circuit Protection
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±15V
VINCM ≤ 1/2 (V+ - V-)
RL ≥ 600Ω
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
CERDIP Package . . . . . . . . . . . . . . . .
115
28
CLCC Package . . . . . . . . . . . . . . . . . .
65
15
Package Power Dissipation Limit at 75oC for TJ ≤ 175
oC
CERDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 870mW
CLCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.54W
Package Power Dissipation Derating Factor Above 75oC
CERDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.7mW/oC
CLCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15.4mW/oC
Maximum Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . 175
oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. For differential input voltages greater than 0.7V, the input current must be limited to 25mA to protect the back-to-back input diodes.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
TABLE 1. DC ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Tested at: VSUPPLY = ±15V, RSOURCE = 50Ω, RLOAD = 100kΩ, VOUT = 0V, Unless Otherwise Specified.
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMP. (oC)
MIN
MAX
UNITS
Input Offset Voltage
VIO
VCM = 0V
1
25
-100
100
µV
2, 3
125, -55
-300
300
µV
Input Bias Current
IB
VCM = 0V,
RS = 10kΩ, 50Ω
1
25
-
80
nA
2, 3
125, -55
-
150
nA
Input Offset Current
IIO
VCM = 0V,
+RS = 10kΩ,
-RS = 10kΩ
1
25
-75
75
nA
2, 3
125, -55
-135
135
nA
Common Mode
Range
+CMR
V+ = +4.7V,
V- = -25.3V
1
25
10.3
-
V
2, 3
125, -55
10.3
-
V
-CMR
V+ = +25.3V,
V- = -4.7V
1
25
-
-10.3
V
2, 3
125, -55
-
-10.3
V
Large Signal Voltage
Gain
+AVOL
VOUT = 0V and +10V,
RL = 2kΩ
4
25
700
-
kV/V
5, 6
125, -55
300
-
kV/V
-AVOL
VOUT = 0V and -10V,
RL = 2kΩ
4
25
700
-
kV/V
5, 6
125, -55
300
-
kV/V
Common Mode
Rejection Ratio
+CMRR
∆VCM = +11V
1
25
100
-
dB
∆VCM = +10V
2, 3
125, -55
100
-
dB
-CMRR
∆VCM = -11V
1
25
100
-
dB
∆VCM = -10V
2, 3
125, -55
100
-
dB
+I
B
I
B
+
2
------------------------------


HA-5147/883


Similar Part No. - HA-5147883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147 Datasheet
559Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
April 2000
HA-5147 INTERSIL-HA-5147 Datasheet
627Kb / 10P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
logo
Renesas Technology Corp
HA-5147 RENESAS-HA-5147 Datasheet
757Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
November 6, 2015
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147_06 Datasheet
627Kb / 10P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
More results

Similar Description - HA-5147883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
HA-5221 INTERSIL-HA-5221 Datasheet
700Kb / 12P
   100MHz, Low Noise, Precision Operational Amplifier
April 2000
logo
Renesas Technology Corp
HA-5221 RENESAS-HA-5221 Datasheet
1Mb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
May 2003
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
logo
Rohm
BA15532 ROHM-BA15532 Datasheet
56Kb / 4P
   Dual high slew rate, low noise operational amplifier
BA15218 ROHM-BA15218 Datasheet
60Kb / 5P
   Dual high slew rate, low noise operational amplifier
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com