Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5134883 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA-5134883
Description  Precision Quad Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5134883 Datasheet(HTML) 5 Page - Intersil Corporation

  HA-5134883 Datasheet HTML 1Page - Intersil Corporation HA-5134883 Datasheet HTML 2Page - Intersil Corporation HA-5134883 Datasheet HTML 3Page - Intersil Corporation HA-5134883 Datasheet HTML 4Page - Intersil Corporation HA-5134883 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
All Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at website www.intersil.com/design/quality/iso.asp.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice.
Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reli-
able. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may
result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
HA-5134/883
Die Characteristics
DIE DIMENSIONS:
91 x 114 x 19 mils
± 1mils
2300 x 2900 x 483
µm ± 25.4µm
METALLIZATION:
Type: Al, 1% Cu
Thickness: 16k
Å
± 2kÅ
GLASSIVATION:
Type: Nitride (Si3N4) over Silox (SIO2, 5% Phos.)
Silox Thickness: 12k
Å
± 2kÅ
Nitride Thickness: 3.5k
Å
± 1.5kÅ
WORST CASE CURRENT DENSITY:
2.5 x 105A/cm2
This device meets Glassivation Integrity Test Requirement
per MIL-STD-883 Method 2021 and MIL-I-38535 Paragraph 30.5.5.4.
SUBSTRATE POTENTIAL (Powered Up):
Unbiased
TRANSISTOR COUNT: 160
PROCESS: Bipolar Dielectric Isolation
Metallization Mask Layout
HA-5134/883
-IN1
OUT1
OUT4
-IN4
+IN4
V-
+IN3
-IN3
OUT3
OUT2
-IN2
+IN2
V+
+IN1
Spec Number
511033-883


Similar Part No. - HA-5134883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5134 INTERSIL-HA-5134 Datasheet
963Kb / 9P
   4MHz, Precision, Quad Operational Amplifier
August 1998
HA-5134 INTERSIL-HA-5134 Datasheet
872Kb / 9P
   4MHz, Precision, Quad Operational Amplifier
HA-5134 INTERSIL-HA-5134_01 Datasheet
872Kb / 9P
   4MHz, Precision, Quad Operational Amplifier
More results

Similar Description - HA-5134883

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1014M LINER-RH1014M_15 Datasheet
115Kb / 6P
   Quad Precision Operational Amplifier
logo
STMicroelectronics
TS514 STMICROELECTRONICS-TS514_05 Datasheet
248Kb / 10P
   Precision Quad Operational Amplifier
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP_15 Datasheet
684Kb / 22P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIER
logo
Linear Technology
RH1014M LINER-RH1014M Datasheet
196Kb / 8P
   Quad Precision Operational Amplifier
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP Datasheet
630Kb / 21P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5134 INTERSIL-HA-5134 Datasheet
963Kb / 9P
   4MHz, Precision, Quad Operational Amplifier
August 1998
HA-5134 INTERSIL-HA-5134_01 Datasheet
872Kb / 9P
   4MHz, Precision, Quad Operational Amplifier
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
[Old version datasheet]   Quad Micropower, 1.6V, Precision, Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com