Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5004883 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA-5004883
Description  100MHz Current Feedback Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5004883 Datasheet(HTML) 2 Page - Intersil Corporation

  HA-5004883 Datasheet HTML 1Page - Intersil Corporation HA-5004883 Datasheet HTML 2Page - Intersil Corporation HA-5004883 Datasheet HTML 3Page - Intersil Corporation HA-5004883 Datasheet HTML 4Page - Intersil Corporation HA-5004883 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Absolute Maximum Ratings
Thermal Information
Voltage between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . . 40V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Peak Output Current Pulsed at 1ms
≤ 10% Duty Cycle . . . .±300mA
Continuous Output Current
. . . . . . . . . . . . . . . . . . . . . . . . .±120mA rms
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175
oC
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Lead Temperature (Soldering 10s). . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance
θJA
θJC
CerDIP Package . . . . . . . . . . . . . . . . . . .
73oC/W
18oC/W
Package Power Dissipation Limit at +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.37W
Package Power Dissipation Derating Factor Above +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.7mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range. . . . . . . . . . . . . . . . -55oC to +125oC
Operating Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . ±12V to ±15V
RL ≥ 100Ω
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: V+ = VC+ = +15V, V- = VC- = -15V, RL = 100Ω, AV = +1, RF = 250Ω, OE = 0.8V, TOI = 0.8V or 2.0V,
Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUP
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Offset Voltage
VIO
VIN = 0V
1
+25oC-2.5
2.5
mV
2, 3
+125oC, -55oC-20
20
mV
Input Bias Current
+IB
VIN = 0V (Note 1)
1
+25oC-5
5
µA
2, 3
+125oC, -55oC-20
20
µA
DC Gain Error
(Small Signal)
SSGE
VIN = ±100mV,
RL = 100Ω
1+25oC
-
0.43
%
2, 3
+125oC, -55oC
-
0.75
%
DC Gain Error
(Large Signal)
LSGE1
VIN = ±5.0V,
RL = 1kΩ
1+25oC
-
0.43
%
2, 3
+125oC, -55oC
-
0.75
%
LSGE2
VIN = ±10V,
RL = 1kΩ
1+25oC
-
0.43
%
2, 3
+125oC, -55oC
-
0.75
%
DC Voltage Gain
AV
For All Gain Error
Conditions (Note 2)
1+25oC233
-
V/V
2, 3
+125oC, -55oC133
-
V/V
DC Transimpedance
AR
For All Gain Error
Conditions (Note 3)
1+25oC58
-
V/mA
2, 3
+125oC, -55oC33
-
V/mA
Output Voltage Swing
±VOUT1
VIN = ±15V,
RL = 1kΩ
1+25oC
11.5
-11.5
V
2, 3
+125oC, -55oC
10.5
-10.5
V
±VOUT2
VIN = ±10V,
RL = 100Ω
1+25oC
9.0
-9.0
V
2, 3
+125oC, -55oC
8.0
-8.0
V
Output Current
±IOUT
VIN = ±10V,
RL = 100Ω
1+25oC90
-90
mA
2, 3
+125oC, -55oC80
-80
mA
HA-5004/883


Similar Part No. - HA-5004883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
More results

Similar Description - HA-5004883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
LT1223 LINER-LT1223_05 Datasheet
248Kb / 16P
   100MHz Current Feedback Amplifier
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com